Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDS5690 Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce FDS5690
Description  60V N-Channel PowerTrench MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS5690 Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  FDS5690 Datasheet HTML 1Page - Fairchild Semiconductor FDS5690 Datasheet HTML 2Page - Fairchild Semiconductor FDS5690 Datasheet HTML 3Page - Fairchild Semiconductor FDS5690 Datasheet HTML 4Page - Fairchild Semiconductor FDS5690 Datasheet HTML 5Page - Fairchild Semiconductor FDS5690 Datasheet HTML 6Page - Fairchild Semiconductor FDS5690 Datasheet HTML 7Page - Fairchild Semiconductor FDS5690 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
FDS5690 Rev. C
Notes:
1. RθJA is the sum of the junction-to-case and case-to-ambient resistance where the case thermal reference is defined as the solder mounting surface of the
drain pins. RθJC is guaranteed by design while RθJA is determined by the user's board design.
Scale 1 : 1 on letter size paper
2. Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2.0%
a) 50
° C/W when
mounted on a 0.5 in2
pad of 2 oz. copper.
b) 105
° C/W when
mounted on a 0.02 in2
pad of 2 oz. copper.
c) 125
° C/W when
mounted on a 0.003 in2
pad of 2 oz. copper.
DMOS Electrical Characteristics
T
A = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = 250
µA60
V
∆BVDSS
∆TJ
Breakdown Voltage Temperature
Coefficient
ID = 250
µA, Referenced to 25°C57
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = 48 V, VGS = 0 V
1
µA
IGSSF
Gate-Body Leakage Current, Forward
VGS = 20 V, VDS = 0 V
100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = -20 V, VDS = 0 V
-100
nA
On Characteristics (Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250
µA2
2.5
4
V
∆VGS(th)
∆TJ
Gate Threshold Voltage
Temperature Coefficient
ID = 250
µA, Referenced to 25°C-5.9
mV/
°C
RDS(on)
Static Drain-Source
On-Resistance
VGS = 10 V, ID = 7 A
VGS = 10 V, ID = 7 A, TJ=125
°C
VGS = 6 V, ID = 6.5 A
0.022
0.037
0.025
0.028
0.050
0.033
ID(on)
On-State Drain Current
VGS = 10 V, VDS = 5 V
25
A
gFS
Forward Transconductance
VDS = 10 V, ID = 7 A
24
S
Dynamic Characteristics
Ciss
Input Capacitance
1107
pF
Coss
Output Capacitance
149
pF
Crss
Reverse Transfer Capacitance
VDS = 30 V, VGS = 0 V,
f = 1.0 MHz
72
pF
Switching Characteristics (Note 2)
td(on)
Turn-On Delay Time
10
18
ns
tr
Turn-On Rise Time
9
18
ns
td(off)
Turn-Off Delay Time
24
39
ns
tf
Turn-Off Fall Time
VDD = 30 V, ID = 1 A,
VGS = 10 V, RGEN = 6
10
18
ns
Qg
Total Gate Charge
23
32
nC
Qgs
Gate-Source Charge
4
nC
Qgd
Gate-Drain Charge
VDS = 30 V, ID = 7 A,
VGS = 10 V,
6.8
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
2.1
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0 V, IS = 2.1 A (Note 2)
0.75
1.2
V


Numéro de pièce similaire - FDS5690

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDS5692Z FAIRCHILD-FDS5692Z Datasheet
121Kb / 6P
   N-Channel UltraFET Trench MOSFET 50V, 5.8A, 24m Ohm
More results

Description similaire - FDS5690

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDS5680 FAIRCHILD-FDS5680 Datasheet
261Kb / 8P
   60V N-Channel PowerTrench??MOSFET
FDS9945 FAIRCHILD-FDS9945 Datasheet
73Kb / 5P
   60V N-Channel PowerTrench MOSFET
FDP5680 FAIRCHILD-FDP5680 Datasheet
440Kb / 16P
   60V N-Channel PowerTrench??MOSFET
FDS5670 FAIRCHILD-FDS5670 Datasheet
250Kb / 8P
   60V N-Channel PowerTrench??MOSFET
FDS5170N7 FAIRCHILD-FDS5170N7 Datasheet
201Kb / 6P
   60V N-Channel PowerTrench MOSFET
FDP5645 FAIRCHILD-FDP5645 Datasheet
422Kb / 10P
   60V N-Channel PowerTrench MOSFET
FDD5612 FAIRCHILD-FDD5612 Datasheet
147Kb / 5P
   60V N-Channel PowerTrench??MOSFET
SI4450DY FAIRCHILD-SI4450DY Datasheet
98Kb / 5P
   60V N-Channel PowerTrench MOSFET
FDD5690 FAIRCHILD-FDD5690 Datasheet
206Kb / 7P
   60V N-Channel PowerTrench??MOSFET
FDN5630 FAIRCHILD-FDN5630 Datasheet
254Kb / 8P
   60V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com