Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2577TDKTTT-ADJ Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce UC2577TDKTTT-ADJ
Description  Simple Step-Up Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

UC2577TDKTTT-ADJ Fiches technique(HTML) 7 Page - Texas Instruments

Back Button UC2577TDKTTT-ADJ Datasheet HTML 3Page - Texas Instruments UC2577TDKTTT-ADJ Datasheet HTML 4Page - Texas Instruments UC2577TDKTTT-ADJ Datasheet HTML 5Page - Texas Instruments UC2577TDKTTT-ADJ Datasheet HTML 6Page - Texas Instruments UC2577TDKTTT-ADJ Datasheet HTML 7Page - Texas Instruments UC2577TDKTTT-ADJ Datasheet HTML 8Page - Texas Instruments UC2577TDKTTT-ADJ Datasheet HTML 9Page - Texas Instruments UC2577TDKTTT-ADJ Datasheet HTML 10Page - Texas Instruments UC2577TDKTTT-ADJ Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
UNITRODE CORPORATION
7 CONTINENTAL BLVD.
• MERRIMACK, NH 03054
TEL. (603) 424-2410
• FAX (603) 424-3460
4. Input Capacitor Selection (CIN)
To reduce noise on the supply voltage caused by the
switching action of a step-up regulator (ripple current
noise), VIN should be bypassed to ground. A good qual-
ity 0.1
µF capacitor with low ESR should provide suffi-
cient decoupling. If the UC2577 is located far from the
supply source filter capacitors, an additional electrolytic
(47
µF, for example) is required.
Nichicon - Types PF, PX, or PZ
927 East StateParkway, Schaumburg, IL 60173
(708)843-7500
United Chemi-CON - Types LX, SXF, or SXJ
9801 West Higgens, Rosemont, IL 60018
(708)696-2000
Figure 6. Aluminum Electrolytic Capacitors Recommended
for Switching Regulators
5. Output Diode Selection (D)
In the step-up regulator, the switching diode must with-
stand a reverse voltage and be able to conduct the peak
output current of the UC2577. Therefore a suitable diode
must have a minimum reverse breakdown voltage
greater than the circuit output voltage, and should also
be rated for average and peak current greater than
ILOADmax and IDpk. Because of their low forward voltage
drop (and thus higher regulator efficiencies), Schottky
barrier diodes are often used in switching regulators. Re-
fer to Figure 7 for recommended part numbers and volt-
age ratings of 1A and 3A diodes.
VOUTmax
Schottky
Fast Recovery
1A
3A
1A
3A
20V
1N5817
1N5820
MBR120P MBR320P
30V
1N5818
1N5821
MBR130P MBR330P
11DQ03
31DQ03
40V
1N5819
1N5822
MBR140P MBR340P
11DQ04
31DQ04
50V
MBR150
MBR350
1N4933
11DQ05
31DQ05
MUR105
100V
1N4934
MR851
MUR110
30DL1
10DL1
MR831
MBRxxx and MURxxx are manufactured by Motorola.
1DDxxx, 11Cxx and 31Dxx are manufactured by
International Rectifier
Figure 7. Diode Selection Chart
UC2577-ADJ
ORDERING INFORMATION
Unitrode Type Number
UC2577TKC-ADJ
5 Pin TO-220 Plastic Pkg -50 pc Tube
UC2577TDKTTT-ADJ 5 Pin TO-263 Plastic Pkg -50 pc Reel
APPLICATIONS INFORMATION (cont.)
7
UC2577TDTR-ADJ
5 Pin TO-263 Plastic Pkg -500 pc Reel


Numéro de pièce similaire - UC2577TDKTTT-ADJ

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2577TD-ADJ TI-UC2577TD-ADJ Datasheet
179Kb / 8P
[Old version datasheet]   Simple Step-Up Voltage Regulator
More results

Description similaire - UC2577TDKTTT-ADJ

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2577 TI-UC2577 Datasheet
179Kb / 8P
[Old version datasheet]   Simple Step-Up Voltage Regulator
logo
National Semiconductor ...
LM1577 NSC-LM1577_05 Datasheet
1Mb / 31P
   SIMPLE SWITCHER짰 Step-Up Voltage Regulator
LM1577 NSC-LM1577 Datasheet
889Kb / 27P
   SIMPLE SWITCHER Step-Up Voltage Regulator
logo
Texas Instruments
LM2577SX-ADJNOPB TI1-LM2577SX-ADJNOPB Datasheet
4Mb / 42P
[Old version datasheet]   SIMPLE SWITCHER짰 Step-Up Voltage Regulator
logo
National Semiconductor ...
LM15777 NSC-LM15777 Datasheet
862Kb / 27P
   SIMPLE SWITCHER-R Step-Up Voltage Regulator
logo
Texas Instruments
LM1577 TI-LM1577_15 Datasheet
4Mb / 42P
[Old version datasheet]   LM1577/LM2577 SIMPLE SWITCHER짰 Step-Up Voltage Regulator
LMR64010 TI1-LMR64010_14 Datasheet
1Mb / 21P
[Old version datasheet]   SIMPLE SWITCHER짰 40Vout, 1A Step-Up Voltage Regulator in SOT-23
LMR61428 TI1-LMR61428 Datasheet
973Kb / 16P
[Old version datasheet]   LMR61428 SIMPLE SWITCHER짰 14Vout, 2.85A Step-Up Voltage Regulator in MSOP
LMR62421 TI-LMR62421_15 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 24Vout, 2.1A Step-Up Voltage Regulator in SOT-23
logo
National Semiconductor ...
LMR64010 NSC-LMR64010 Datasheet
376Kb / 12P
   SIMPLE SWITCHER짰 40Vout, 1A Step-Up Voltage Regulator in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com