Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDS3672 Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce FDS3672
Description  N-Channel PowerTrench MOSFET 100V, 7.5A, 22m?
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS3672 Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  FDS3672 Datasheet HTML 1Page - Fairchild Semiconductor FDS3672 Datasheet HTML 2Page - Fairchild Semiconductor FDS3672 Datasheet HTML 3Page - Fairchild Semiconductor FDS3672 Datasheet HTML 4Page - Fairchild Semiconductor FDS3672 Datasheet HTML 5Page - Fairchild Semiconductor FDS3672 Datasheet HTML 6Page - Fairchild Semiconductor FDS3672 Datasheet HTML 7Page - Fairchild Semiconductor FDS3672 Datasheet HTML 8Page - Fairchild Semiconductor FDS3672 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
©2003 Fairchild Semiconductor Corporation
FDS3672 Rev. B
Figure 5. Forward Bias Safe Operating Area
NOTE: Refer to Fairchild Application Notes AN7514 and AN7515
Figure 6. Unclamped Inductive Switching
Capability
Figure 7. Transfer Characteristics
Figure 8. Saturation Characteristics
Figure 9. Drain to Source On Resistance vs Drain
Current
Figure 10. Normalized Drain to Source On
Resistance vs Junction Temperature
Typical Characteristics T
A = 25°C unless otherwise noted
0.01
0.1
1
10
100
1.0
10.0
100
300
300
0.1
VDS, DRAIN TO SOURCE VOLTAGE (V)
TJ = MAX RATED
TC = 25
oC
SINGLE PULSE
LIMITED BY rDS(ON)
AREA MAY BE
OPERATION IN THIS
10
µs
100ms
10ms
1s
100
µs
1ms
1
10
0.01
0.1
1
10
100
30
tAV, TIME IN AVALANCHE (ms)
STARTING TJ = 25
oC
STARTING TJ = 150
oC
tAV = (L)(IAS)/(1.3*RATED BVDSS - VDD)
If R = 0
If R
≠ 0
tAV = (L/R)ln[(IAS*R)/(1.3*RATED BVDSS - VDD) +1]
0
10
20
30
2.53.0
3.54.0
4.55.0
5.5
VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VDD = 15V
TJ = 150
oC
TJ = 25
oC
TJ = -55
oC
0
10
20
30
0
0.5
1.0
1.5
2.0
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 6V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VGS = 5V
VGS = 4.5V
VGS = 10V
TA = 25
oC
18
20
22
24
02468
ID, DRAIN CURRENT (A)
VGS = 6V
VGS = 10V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
0.5
1.0
1.5
2.0
-80
-40
0
40
80
120
160
TJ, JUNCTION TEMPERATURE (
oC)
VGS = 10V, ID = 7.5A
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX


Numéro de pièce similaire - FDS3672

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Youtai Semico...
FDS3672 UMW-FDS3672 Datasheet
378Kb / 7P
   N-Channel MOSFET
logo
VBsemi Electronics Co.,...
FDS3672-NL VBSEMI-FDS3672-NL Datasheet
1,022Kb / 9P
   N-Channel 100 V (D-S) MOSFET
logo
Fairchild Semiconductor
FDS3672 FAIRCHILD-FDS3672_12 Datasheet
317Kb / 7P
   N-Channel PowerTrench짰 MOSFET 100V, 7.5A, 22m廓
More results

Description similaire - FDS3672

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDS3672 FAIRCHILD-FDS3672_12 Datasheet
317Kb / 7P
   N-Channel PowerTrench짰 MOSFET 100V, 7.5A, 22m廓
logo
MagnaChip Semiconductor...
MDS5652 MGCHIP-MDS5652 Datasheet
756Kb / 6P
   Dual N-Channel Trench MOSFET, 30V, 7.5A, 22m(ohm)
logo
Fairchild Semiconductor
FDD3690 FAIRCHILD-FDD3690 Datasheet
84Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDC3612 FAIRCHILD-FDC3612 Datasheet
134Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDS3170N7 FAIRCHILD-FDS3170N7 Datasheet
208Kb / 6P
   100V N-Channel PowerTrench MOSFET
FDS3670 FAIRCHILD-FDS3670 Datasheet
204Kb / 8P
   100V N-Channel PowerTrench??MOSFET
FDS3680 FAIRCHILD-FDS3680 Datasheet
202Kb / 8P
   100V N-Channel PowerTrench MOSFET
FDT3612 FAIRCHILD-FDT3612 Datasheet
108Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDC3616N FAIRCHILD-FDC3616N Datasheet
173Kb / 7P
   100V N-Channel PowerTrench MOSFET
FDD3680 FAIRCHILD-FDD3680 Datasheet
75Kb / 5P
   100V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com