Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDS2070N7 Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce FDS2070N7
Description  150V N-Channel PowerTrench MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS2070N7 Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  FDS2070N7 Datasheet HTML 1Page - Fairchild Semiconductor FDS2070N7 Datasheet HTML 2Page - Fairchild Semiconductor FDS2070N7 Datasheet HTML 3Page - Fairchild Semiconductor FDS2070N7 Datasheet HTML 4Page - Fairchild Semiconductor FDS2070N7 Datasheet HTML 5Page - Fairchild Semiconductor FDS2070N7 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
FDS2070N7 Rev C2(W)
Electrical Characteristics
T
A = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ Max Units
Drain-Source Avalanche Ratings (Note 2)
WDSS
Drain-Source Avalanche Energy
Single Pulse, VDD = 75 V, ID= 4.1 A
370
mJ
IAR
Drain-Source Avalanche Current
4.1
A
Off Characteristics
BVDSS
Drain–Source Breakdown
Voltage
VGS = 0 V,
ID = 250 µA
150
V
∆BVDSS
∆TJ
Breakdown Voltage Temperature
Coefficient
ID = 250 µA, Referenced to 25°C
154
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = 120 V, VGS = 0 V
1
µA
IGSSF
Gate–Body Leakage, Forward
VGS = 20 V,
VDS = 0 V
100
nA
IGSSR
Gate–Body Leakage, Reverse
VGS = –20 V, VDS = 0 V
–100
nA
On Characteristics
(Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS,
ID = 250 µA
2
2.6
4
V
∆VGS(th)
∆TJ
Gate Threshold Voltage
Temperature Coefficient
ID = 250 µA, Referenced to 25°C
–7
mV/
°C
RDS(on)
Static Drain–Source
On–Resistance
VGS = 10 V,
ID = 4.1 A
VGS = 6.0V,
ID = 3.8 A
VGS = 10 V,
ID = 4.1 A,TJ = 125°C
57
60
111
78
88
160
m
gFS
Forward Transconductance
VDS = 10 V, ID = 4.1 A
24
S
Dynamic Characteristics
Ciss
Input Capacitance
1884
pF
Coss
Output Capacitance
102
pF
Crss
Reverse Transfer Capacitance
VDS = 75 V, V GS = 0 V,
f = 1.0 MHz
35
pF
RG
Gate Resistance
VGS = 15 mV, f = 1.0 MHz
1.6
Switching Characteristics (Note 2)
td(on)
Turn–On Delay Time
10
20
ns
tr
Turn–On Rise Time
6
12
ns
td(off)
Turn–Off Delay Time
40
64
ns
tf
Turn–Off Fall Time
VDD = 75 V, ID = 1 A,
VGS = 10 V, RGEN = 6 Ω
20
36
ns
Qg
Total Gate Charge
38
53
nC
Qgs
Gate–Source Charge
8
nC
Qgd
Gate–Drain Charge
VDS = 75 V, ID = 4.1 A,
VGS = 10 V
11
nC
Drain–Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain–Source Diode Forward Current
2.5
A
VSD
Drain–Source Diode Forward
Voltage
VGS = 0 V,
IS = 2.5 A
(Note 2)
0.75
1.2
V
trr
Diode Reverse Recovery Time
75
nS
Qrr
Diode Reverse Recovery Charge
IF = 4.1A
diF/dt = 100 A/µs
(Note 2)
404
nC
Notes:
1. R
θJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the
drain pins. R
θJC is guaranteed by design while RθCA is determined by the user's board design.
a)
40°C/W when
mounted on a 1in
2 pad
of 2 oz copper
b)
85°C/W when mounted on
a minimum pad of 2 oz
copper
Scale 1 : 1 on letter size paper
2. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%


Numéro de pièce similaire - FDS2070N7

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDS2070N3 FAIRCHILD-FDS2070N3 Datasheet
192Kb / 6P
   150V N-Channel PowerTrench MOSFET
More results

Description similaire - FDS2070N7

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Kexin Industr...
KDB2570 KEXIN-KDB2570 Datasheet
51Kb / 2P
   150V N-Channel PowerTrench MOSFET
logo
Fairchild Semiconductor
FDS2570 FAIRCHILD-FDS2570_01 Datasheet
106Kb / 6P
   150V N-Channel PowerTrench MOSFET
FDP2570 FAIRCHILD-FDP2570 Datasheet
81Kb / 5P
   150V N-Channel PowerTrench MOSFET
FDC2512 FAIRCHILD-FDC2512 Datasheet
176Kb / 5P
   150V N-Channel PowerTrench MOSFET
FDD2512 FAIRCHILD-FDD2512 Datasheet
86Kb / 5P
   150V N-Channel PowerTrench MOSFET
FDS2070N3 FAIRCHILD-FDS2070N3 Datasheet
192Kb / 6P
   150V N-Channel PowerTrench MOSFET
FDS2570 FAIRCHILD-FDS2570 Datasheet
232Kb / 8P
   150V N-Channel PowerTrench MOSFET
FDD2570 FAIRCHILD-FDD2570 Datasheet
99Kb / 5P
   150V N-Channel PowerTrench MOSFET
FDD2572 FAIRCHILD-FDD2572 Datasheet
247Kb / 11P
   N-Channel PowerTrench MOSFET 150V, 29A, 54m?
FDB2532 FAIRCHILD-FDB2532 Datasheet
275Kb / 11P
   N-Channel PowerTrench MOSFET 150V, 79A, 16m?
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com