Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCP-3027H Fiches technique(PDF) 5 Page - ON Semiconductor

No de pièce TCP-3027H
Description  2.7 pF Passive Tunable Integrated Circuits (PTIC)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TCP-3027H Fiches technique(HTML) 5 Page - ON Semiconductor

  TCP-3027H Datasheet HTML 1Page - ON Semiconductor TCP-3027H Datasheet HTML 2Page - ON Semiconductor TCP-3027H Datasheet HTML 3Page - ON Semiconductor TCP-3027H Datasheet HTML 4Page - ON Semiconductor TCP-3027H Datasheet HTML 5Page - ON Semiconductor TCP-3027H Datasheet HTML 6Page - ON Semiconductor TCP-3027H Datasheet HTML 7Page - ON Semiconductor TCP-3027H Datasheet HTML 8Page - ON Semiconductor TCP-3027H Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TCP−3027H
http://onsemi.com
5
Wafer Level Chip Scale Package (WLCSP) Layout and Dimensional Information
Figure 7. WLCSP Pin Markers and Dimensions
A2
D1
C2
2X 0.104 mm (Typ)
(Copper Pillar)
2X 0.069 mm (Typ)
(Copper Pillar)
RF Pillars
0.104 mm (Typ)
RF Pillars
0.069 mm (Typ)
C1
A1
B3
C3
Bottom View
(Pillars Up)
Side View
B1
B4
D2
Top View
(Pillars Down)
Note:
2X means 2 sites with the specific value
3X means 3 sites with the specific value
4X means 4 sites with the specific value
D3
(Copper Pillar
Height)
RF1 RF2
B2
RF1 RF2
RF1 RF2
N/C Bias
Table 3. PACKAGE DIMENSIONS
(All dimensions are in millimeters)
WLCSP*
DIM
Nominal
Max
Device
8P
A1
0.879
1.2, 2.7 pF
10P
A1
1.029
3.3, 3.9 pF
12P
A1
1.179
4.7, 5.6, 6.8, 8.2 pF
14P
A1
1.329
ALL
A2
0.722
ALL
B1
0.460
ALL
B2
0.150
ALL
B3
0.300
ALL
B4
0.130
ALL
C1
0.148
ALL
C2
0.425
ALL
C3
0.130
ALL
D1
0.530
ALL
D2
0.081
*Total number of pillars
Figure 8. Recommended Pad Layout
Note:
0.9 mm pad layout is standard for all products. Shorter pad
layouts can be considered for smaller products.


Numéro de pièce similaire - TCP-3027H

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
TCP-3027HA ONSEMI-TCP-3027HA Datasheet
182Kb / 7P
   Passive Tunable Integrated Circuits
August, 2015 ??Rev. 2
TCP-3027HA-QT ONSEMI-TCP-3027HA-QT Datasheet
182Kb / 7P
   Passive Tunable Integrated Circuits
August, 2015 ??Rev. 2
More results

Description similaire - TCP-3027H

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
TCP-5027UB ONSEMI-TCP-5027UB Datasheet
243Kb / 7P
   2.7 pF Passive Tunable Integrated Circuits (PTIC)
November, 2016 ??Rev. P1
TCP-3147H ONSEMI-TCP-3147H Datasheet
260Kb / 7P
   4.7 pF Passive Tunable Integrated Circuits (PTIC)
July, 2015 ??Rev. 2
TCP-4147UB ONSEMI-TCP-4147UB Datasheet
292Kb / 7P
   4.7 pF Passive Tunable Integrated Circuits (PTIC)
October, 2015 ??Rev. 0
TCP-5082UB ONSEMI-TCP-5082UB Datasheet
231Kb / 7P
   8.2 pF Passive Tunable Integrated Circuits (PTIC)
November, 2016 ??Rev. P1
TCP-5018UB ONSEMI-TCP-5018UB Datasheet
209Kb / 7P
   1.8 pF Passive Tunable Integrated Circuits (PTIC)
November, 2016 ??Rev. 0
TCP-3012H ONSEMI-TCP-3012H Datasheet
371Kb / 9P
   1.2 pF Passive Tunable Integrated Circuits (PTIC)
May, 2013 ??Rev. P2
TCP-3047N ONSEMI-TCP-3047N Datasheet
200Kb / 7P
   4.7 pF Passive Tunable Integrated Circuits (PTIC)
October, 2014 ??Rev. 0
TCP-3033H ONSEMI-TCP-3033H Datasheet
346Kb / 9P
   3.3 pF Passive Tunable Integrated Circuits (PTIC)
May, 2013 ??Rev. P1
TCP-3056H ONSEMI-TCP-3056H Datasheet
354Kb / 9P
   5.6 pF Passive Tunable Integrated Circuits (PTIC)
May, 2013 ??Rev. P2
TCP-5068UB-D ONSEMI-TCP-5068UB-D Datasheet
229Kb / 7P
   6.8 pF Passive Tunable Integrated Circuits (PTIC)
November, 2016 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com