Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC3154IRGCR Fiches technique(PDF) 8 Page - Pan Jit International Inc.

No de pièce DAC3154IRGCR
Description  Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANJIT [Pan Jit International Inc.]
Site Internet  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

DAC3154IRGCR Fiches technique(HTML) 8 Page - Pan Jit International Inc.

Back Button DAC3154IRGCR Datasheet HTML 4Page - Pan Jit International Inc. DAC3154IRGCR Datasheet HTML 5Page - Pan Jit International Inc. DAC3154IRGCR Datasheet HTML 6Page - Pan Jit International Inc. DAC3154IRGCR Datasheet HTML 7Page - Pan Jit International Inc. DAC3154IRGCR Datasheet HTML 8Page - Pan Jit International Inc. DAC3154IRGCR Datasheet HTML 9Page - Pan Jit International Inc. DAC3154IRGCR Datasheet HTML 10Page - Pan Jit International Inc. DAC3154IRGCR Datasheet HTML 11Page - Pan Jit International Inc. DAC3154IRGCR Datasheet HTML 12Page - Pan Jit International Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
DAC3154
DAC3164
SLAS960 – MAY 2013
www.ti.com
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
VDDA33 to GND
–0.5 to 4
VDDA18 to GND
–0.5 to 2.3
Supply voltage
CLKVDD18 to GND
–0.5 to 2.3
V
IOVDD to GND
–0.5 to 4
DIGVDD18 to GND
–0.5 to 2.3
CLKVDD18 to DIGVDD18
–0.5 to 0.5
VDDA18 to DIGVDD18
–0.5 to 0.5
D[11..0]P, D[11..0]N, DATACLKP, DATACLKN, SYNCP, SYNCN to GND
–0.5 to DIGVDD18 + 0.5
Terminal voltage
DACCLKP, DACCLKN, ALIGNP, ALIGNN
–0.5 to CLKVDD18 + 0.5
V
range
TXENABLE, ALARM, SDO, SDIO, SCLK, SDENB, RESETB to GND
–0.5 to IOVDD + 0.5
IOUTAP, IOUTAN, IOUTBP, IOUTBN to GND
–0.7 to 1.4
EXTIO, BIASJ to GND
–0.5 to VDDA33 + 0.5
Storage temperature range
–65 to 150
°C
ESD, Human Body Model
2
kV
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
THERMAL INFORMATION
DAC3174
THERMAL METRIC(1)
UNITS
QFN (64 PIN)
θJA
Junction-to-ambient thermal resistance
23.0
θJCtop
Junction-to-case (top) thermal resistance
7.6
θJB
Junction-to-board thermal resistance
2.8
°C/W
ψJT
Junction-to-top characterization parameter
0.1
ψJB
Junction-to-board characterization parameter
2.8
θJCbot
Junction-to-case (bottom) thermal resistance
0.2
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
8
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: DAC3154 DAC3164


Numéro de pièce similaire - DAC3154IRGCR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC3154IRGCR TI1-DAC3154IRGCR Datasheet
1Mb / 46P
[Old version datasheet]   Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
More results

Description similaire - DAC3154IRGCR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC3154 TI1-DAC3154_16 Datasheet
1Mb / 46P
[Old version datasheet]   Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
DAC3152 TI1-DAC3152 Datasheet
976Kb / 30P
[Old version datasheet]   Dual-Channel, 10-/12-Bit, 500-MSPS Digital-to-Analog Converters (DACs)
DAC3152 TI-DAC3152_15 Datasheet
1Mb / 31P
[Old version datasheet]   Dual-Channel, 10-/12-Bit, 500-MSPS Digital-to-Analog Converters (DACs)
DAC3151IRGCT TI1-DAC3151IRGCT Datasheet
1Mb / 56P
[Old version datasheet]   Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
DAC3151 TI-DAC3151 Datasheet
1Mb / 57P
[Old version datasheet]   Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
ADS54RF63 TI-ADS54RF63 Datasheet
1Mb / 48P
[Old version datasheet]   12-Bit, 500-/550-MSPS Analog-to-Digital Converters
ADS5463 TI1-ADS5463_14 Datasheet
1Mb / 49P
[Old version datasheet]   12-Bit, 500-/550-MSPS Analog-to-Digital Converters
logo
Analog Devices
AD9763 AD-AD9763_11 Datasheet
643Kb / 44P
   10-/12-/14-Bit, 125 MSPS Dual TxDAC Digital-to-Analog Converters
Rev. G
logo
Texas Instruments
ADS5407 TI-ADS5407 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
ADS5463 TI-ADS5463 Datasheet
1Mb / 25P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com