Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SD2150 Fiches technique(PDF) 1 Page - Rohm

No de pièce 2SD2150
Description  Low Frequency Transistor (20V, 3A)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

2SD2150 Fiches technique(HTML) 1 Page - Rohm

  2SD2150 Datasheet HTML 1Page - Rohm 2SD2150 Datasheet HTML 2Page - Rohm 2SD2150 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/2
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.11 - Rev.B
Low Frequency Transistor (20V, 3A)
2SD2150
Features
Dimensions(Unit : mm)
1) Low VCE(sat).
VCE(sat) = 0.2V(Typ.)
(IC / IB = 2A / 0.1A)
2) Excellent current gain characteristics.
3) Complements the 2SB1424.
Structure
Epitaxial planar type
NPN silicon transistor
Absolute maximum ratings (Ta=25
°C)
Parameter
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
40
V
V
V
A (DC)
W
W
°C
°C
20
6
3
A (Pulse)
5
0.5
2
1
2
150
−55 to +150
Symbol
Limits
Unit
1 Single pulse Pw=10ms
2 Mounted on a 40×40×0.7mm Ceramic substrate.
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector power dissipation
Junction temperature
Storage temperature
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
BVCBO
BVCEO
BVEBO
ICBO
IEBO
hFE
VCE(sat)
fT
Cob
Min.
40
20
6
120
0.2
290
25
0.1
0.1
560
0.5
VIC
=50
µA
IC
=1mA
IE
=50
µA
VCB
=30V
VEB
=5V
VCE
=2V, IC=0.1A
IC/IB
=2A/0.1A
VCE
=2V, IE= −0.5A, f=100MHz
VCE
=10V, IE=0A, f=1MHz
V
V
µA
µA
V
MHz
pF
Typ.
Max.
Unit
Conditions
Measured using pulse current.
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
DC current transfer ratio
Collector-emitter saturation voltage
Transition frequency
Output capacitance
2SD2150
(1) Base
(2) Collector
(3) Emitter
ROHM : MPT3
EIAJ : SC-62
−0.05
+0.1
−0.1
+0.2
+0.2
−0.1
(3)
(2)
(1)
3.0
±0.2
1.5
±0.1
1.5
±0.1
0.4
±0.1
0.5
±0.1
0.4
±0.1
0.4
1.5
4.5
1.6
±0.1
Denotes hFE
Abbreviated symbol: CF


Numéro de pièce similaire - 2SD2150

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
2SD2150 ROHM-2SD2150 Datasheet
100Kb / 4P
   Low Frequency Transistor(20V, 3A)
logo
DONGGUAN YOU FENG WEI E...
2SD2150 YFWDIODE-2SD2150 Datasheet
583Kb / 3P
   NPN Transistors
logo
Jiangsu Changjiang Elec...
2SD2150 JIANGSU-2SD2150 Datasheet
24Kb / 1P
   TRANSISTOR NPN)
logo
SHIKUES Electronics
2SD2150 SKTECHNOLGY-2SD2150 Datasheet
373Kb / 2P
   NPN General use transistor
logo
Weitron Technology
2SD2150 WEITRON-2SD2150 Datasheet
216Kb / 4P
   NPN Epitaxial Planar Transistors
More results

Description similaire - 2SD2150

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
2SC4115S ROHM-2SC4115S Datasheet
96Kb / 4P
   Low Frequency Transistor (20V, 3A)
2SD2264 ROHM-2SD2264 Datasheet
99Kb / 4P
   Low Frequency Transistor (20V,3A)
2SD2150T100S ROHM-2SD2150T100S Datasheet
113Kb / 3P
   Low Frequency Transistor (20V, 3A)
2SC4115STPR ROHM-2SC4115STPR Datasheet
165Kb / 3P
   Low Frequency Transistor (20V, 3A)
2SC4115S ROHM-2SC4115S_09 Datasheet
165Kb / 3P
   Low Frequency Transistor (20V, 3A)
2SD2150 ROHM-2SD2150_09 Datasheet
167Kb / 3P
   Low Frequency Transistor (20V, 3A)
2SD2150 ROHM-2SD2150 Datasheet
100Kb / 4P
   Low Frequency Transistor(20V, 3A)
logo
Nanjing International G...
2SD2150 DGNJDZ-2SD2150 Datasheet
498Kb / 4P
   LOW FREQUENCY TRANSISTER (20V,3A)
2SB1424 DGNJDZ-2SB1424 Datasheet
493Kb / 4P
   Low VCE(sat) Transistor(-20V,-3A)
logo
Rohm
2SB1424 ROHM-2SB1424 Datasheet
101Kb / 3P
   Low Vce(sat) Transistor (-20V, -3A)
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com