Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDN5630 Fiches technique(PDF) 5 Page - Fairchild Semiconductor

No de pièce FDN5630
Description  60V N-Channel PowerTrench MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDN5630 Fiches technique(HTML) 5 Page - Fairchild Semiconductor

  FDN5630 Datasheet HTML 1Page - Fairchild Semiconductor FDN5630 Datasheet HTML 2Page - Fairchild Semiconductor FDN5630 Datasheet HTML 3Page - Fairchild Semiconductor FDN5630 Datasheet HTML 4Page - Fairchild Semiconductor FDN5630 Datasheet HTML 5Page - Fairchild Semiconductor FDN5630 Datasheet HTML 6Page - Fairchild Semiconductor FDN5630 Datasheet HTML 7Page - Fairchild Semiconductor FDN5630 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SSOT-3 Packaging
Configuration: Figure 1.0
Components
Leader Tape
500mm minimum or
125 empty pockets
Trailer Tape
300mm minimum or
75 empty pockets
SSOT-3 Tape Leader and Trailer
Configuration: Figure 2.0
Cover Tape
Carrier Tape
Note/Comments
Packaging Option
SSOT-3 Std Packaging Information
Standard
(no flow code)
D87Z
Packaging type
Reel Size
TNR
7" Dia
TNR
13"
Qty per Reel/Tube/Bag
3,000
10,000
Box Dimension (mm)
187x107x183 343x343x64
Max qty per Box
24,000
30,000
Weight per unit (gm)
0.0097
0.0097
Weight per Reel (kg)
0.1230
0.4150
Human Readable Label
Human Readable Label sample
343mm x 342mm x 64mm
Intermediate box for D87Z Option
Human Readable
Label
187mm x 107mm x 183mm
Intermediate Box for Standard Option
SSOT-3 Std Unit Orientation
3P
3P
3P
3P
Customize Label
Human Readable
Label
Embossed
Carrier Tape
Antistatic Cover Tape
Packaging Description:
SSOT-3 parts are shipped in tape. The carrier tape is
made from a dissipative (carbon filled) polycarbonate
resin. The cover tape is a multilayer film (Heat Activated
Adhesive in nature) primarily composed of polyester film,
adhesive layer, sealant, and anti-static sprayed agent.
These reeled parts in standard option are shipped with
3,000 units per 7" or 177cm diameter reel. The reels are
dark blue in color and is made of polystyrene plastic (anti-
static coated). Other option comes in 10,000 units per 13"
or 330cm diameter reel. This and some other options are
described in the Packaging Information table.
These full reels are individually labeled and placed inside
a standard intermediate made of recyclable corrugated
brown paper with a Fairchild logo printing. One pizza box
contains eight reels maximum. And these intermediate
boxes are placed inside a labeled shipping box which
comes in different sizes depending on the number of parts
shipped.
SuperSOTTM-3 Tape and Reel Data and Package Dimensions
August 1999, Rev. C


Numéro de pièce similaire - FDN5630

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Kexin Industr...
FDN5630 KEXIN-FDN5630 Datasheet
107Kb / 2P
   N-Channel PowerTrench MOSFET
FDN5630 KEXIN-FDN5630 Datasheet
1Mb / 4P
   N-Channel MOSFET
FDN5630-3 KEXIN-FDN5630-3 Datasheet
973Kb / 4P
   N-Channel MOSFET
logo
VBsemi Electronics Co.,...
FDN5630-NL VBSEMI-FDN5630-NL Datasheet
1Mb / 9P
   N-Channel 60-V (D-S) MOSFET
More results

Description similaire - FDN5630

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDS5680 FAIRCHILD-FDS5680 Datasheet
261Kb / 8P
   60V N-Channel PowerTrench??MOSFET
FDS9945 FAIRCHILD-FDS9945 Datasheet
73Kb / 5P
   60V N-Channel PowerTrench MOSFET
FDP5680 FAIRCHILD-FDP5680 Datasheet
440Kb / 16P
   60V N-Channel PowerTrench??MOSFET
FDS5670 FAIRCHILD-FDS5670 Datasheet
250Kb / 8P
   60V N-Channel PowerTrench??MOSFET
FDS5690 FAIRCHILD-FDS5690 Datasheet
236Kb / 8P
   60V N-Channel PowerTrench MOSFET
FDS5170N7 FAIRCHILD-FDS5170N7 Datasheet
201Kb / 6P
   60V N-Channel PowerTrench MOSFET
FDP5645 FAIRCHILD-FDP5645 Datasheet
422Kb / 10P
   60V N-Channel PowerTrench MOSFET
FDD5612 FAIRCHILD-FDD5612 Datasheet
147Kb / 5P
   60V N-Channel PowerTrench??MOSFET
SI4450DY FAIRCHILD-SI4450DY Datasheet
98Kb / 5P
   60V N-Channel PowerTrench MOSFET
FDD5690 FAIRCHILD-FDD5690 Datasheet
206Kb / 7P
   60V N-Channel PowerTrench??MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com