Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDN5618 Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce FDN5618
Description  60V P-Channel Logic Level PowerTrench MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDN5618 Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  FDN5618 Datasheet HTML 1Page - Fairchild Semiconductor FDN5618 Datasheet HTML 2Page - Fairchild Semiconductor FDN5618 Datasheet HTML 3Page - Fairchild Semiconductor FDN5618 Datasheet HTML 4Page - Fairchild Semiconductor FDN5618 Datasheet HTML 5Page - Fairchild Semiconductor FDN5618 Datasheet HTML 6Page - Fairchild Semiconductor FDN5618 Datasheet HTML 7Page - Fairchild Semiconductor FDN5618 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
July 2000
PRELIMINARY
2000 Fairchild Semiconductor Corporation
FDN5618P Rev B(W)
FDN5618P
60V P-Channel Logic Level PowerTrench MOSFET
General Description
This 60V P-Channel MOSFET uses Fairchild’s high
voltage PowerTrench process. It has been optimized for
power management applications.
Applications
• DC-DC converters
• Load switch
• Power management
Features
• –1.25 A, –60 V. RDS(ON) = 0.170 Ω @ VGS = –10 V
RDS(ON) = 0.230
Ω @ VGS = –4.5 V
• Fast switching speed
• High performance trench technology for extremely
low RDS(ON)
G
D
S
SuperSOT -3
TM
D
S
G
Absolute Maximum Ratings T
A=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
–60
V
VGSS
Gate-Source Voltage
±20
V
ID
Drain Current – Continuous
(Note 1a)
–1.25
A
– Pulsed
–10
Maximum Power Dissipation
(Note 1a)
0.5
PD
(Note 1b)
0.46
W
TJ, TSTG
Operating and Storage Junction Temperature Range
–55 to +150
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
250
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
75
°C/W
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
618
FDN5618P
7’’
8mm
3000 units


Numéro de pièce similaire - FDN5618

FabricantNo de pièceFiches techniqueDescription
logo
TECH PUBLIC Electronics...
FDN5618P TECHPUBLIC-FDN5618P Datasheet
3Mb / 5P
   60V P-Channel Power MOSFET
More results

Description similaire - FDN5618

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDC5614P FAIRCHILD-FDC5614P Datasheet
140Kb / 5P
   60V P-Channel Logic Level PowerTrench MOSFET
logo
ON Semiconductor
FDD9510L-F085 ONSEMI-FDD9510L-F085 Datasheet
337Kb / 7P
   MOSFET - P-Channel Logic Level PowerTrench
February, 2020 ??Rev. 1
logo
Fairchild Semiconductor
FDG316P FAIRCHILD-FDG316P Datasheet
70Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
FDS6609A FAIRCHILD-FDS6609A Datasheet
646Kb / 8P
   P-Channel Logic Level PowerTrench MOSFET
logo
ON Semiconductor
FDWS9510L-F085 ONSEMI-FDWS9510L-F085 Datasheet
343Kb / 7P
   MOSFET ??P-Channel Logic Level POWERTRENCH
October, 2021 ??Rev. 2
logo
Fairchild Semiconductor
SI4431DY FAIRCHILD-SI4431DY Datasheet
96Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
SI4835DY FAIRCHILD-SI4835DY Datasheet
79Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
FDS4435A FAIRCHILD-FDS4435A Datasheet
172Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
logo
ON Semiconductor
FDD9511L-F085 ONSEMI-FDD9511L-F085 Datasheet
208Kb / 7P
   P-Channel Logic Level PowerTrench MOSFET
July, 2018 ??Rev. P1
logo
Fairchild Semiconductor
SI9435DY FAIRCHILD-SI9435DY Datasheet
101Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com