Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDN5618 Fiches technique(PDF) 7 Page - Fairchild Semiconductor

No de pièce FDN5618
Description  60V P-Channel Logic Level PowerTrench MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDN5618 Fiches technique(HTML) 7 Page - Fairchild Semiconductor

  FDN5618 Datasheet HTML 1Page - Fairchild Semiconductor FDN5618 Datasheet HTML 2Page - Fairchild Semiconductor FDN5618 Datasheet HTML 3Page - Fairchild Semiconductor FDN5618 Datasheet HTML 4Page - Fairchild Semiconductor FDN5618 Datasheet HTML 5Page - Fairchild Semiconductor FDN5618 Datasheet HTML 6Page - Fairchild Semiconductor FDN5618 Datasheet HTML 7Page - Fairchild Semiconductor FDN5618 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SuperSOT
™-3 (FS PKG Code 32)
1 : 1
Scale 1:1 on letter size paper
Di mensions shown below are in:
inches [mil limeters]
Part Weight per unit (gram): 0.0097
SuperSOTTM-3 Tape and Reel Data and Package Dimensions, continued
September 1998, Rev. A


Numéro de pièce similaire - FDN5618

FabricantNo de pièceFiches techniqueDescription
logo
TECH PUBLIC Electronics...
FDN5618P TECHPUBLIC-FDN5618P Datasheet
3Mb / 5P
   60V P-Channel Power MOSFET
More results

Description similaire - FDN5618

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDC5614P FAIRCHILD-FDC5614P Datasheet
140Kb / 5P
   60V P-Channel Logic Level PowerTrench MOSFET
logo
ON Semiconductor
FDD9510L-F085 ONSEMI-FDD9510L-F085 Datasheet
337Kb / 7P
   MOSFET - P-Channel Logic Level PowerTrench
February, 2020 ??Rev. 1
logo
Fairchild Semiconductor
FDG316P FAIRCHILD-FDG316P Datasheet
70Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
FDS6609A FAIRCHILD-FDS6609A Datasheet
646Kb / 8P
   P-Channel Logic Level PowerTrench MOSFET
logo
ON Semiconductor
FDWS9510L-F085 ONSEMI-FDWS9510L-F085 Datasheet
343Kb / 7P
   MOSFET ??P-Channel Logic Level POWERTRENCH
October, 2021 ??Rev. 2
logo
Fairchild Semiconductor
SI4431DY FAIRCHILD-SI4431DY Datasheet
96Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
SI4835DY FAIRCHILD-SI4835DY Datasheet
79Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
FDS4435A FAIRCHILD-FDS4435A Datasheet
172Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
logo
ON Semiconductor
FDD9511L-F085 ONSEMI-FDD9511L-F085 Datasheet
208Kb / 7P
   P-Channel Logic Level PowerTrench MOSFET
July, 2018 ??Rev. P1
logo
Fairchild Semiconductor
SI9435DY FAIRCHILD-SI9435DY Datasheet
101Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com