Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDN5618 Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce FDN5618
Description  60V P-Channel Logic Level PowerTrench MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDN5618 Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  FDN5618 Datasheet HTML 1Page - Fairchild Semiconductor FDN5618 Datasheet HTML 2Page - Fairchild Semiconductor FDN5618 Datasheet HTML 3Page - Fairchild Semiconductor FDN5618 Datasheet HTML 4Page - Fairchild Semiconductor FDN5618 Datasheet HTML 5Page - Fairchild Semiconductor FDN5618 Datasheet HTML 6Page - Fairchild Semiconductor FDN5618 Datasheet HTML 7Page - Fairchild Semiconductor FDN5618 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
FDN5618P Rev B(W)
Typical Characteristics
0
2
4
6
8
10
02
46
8
10
Qg, GATE CHARGE (nC)
ID = -1.25A
VDS = -20V
-40V
-30V
0
100
200
300
400
500
600
700
02468
10
12
-VDS, DRAIN TO SOURCE VOLTAGE (V)
CISS
CRSS
COSS
f = 1MHz
VGS = 0 V
Figure 7. Gate Charge Characteristics.
Figure 8. Capacitance Characteristics.
0.001
0.01
0.1
1
10
100
0.1
1
10
100
-VDS, DRAIN-SOURCE VOLTAGE (V)
DC
10s
1s
100ms
RDS(ON) LIMIT
VGS =-10V
SINGLE PULSE
RθJA = 270
oC/W
TA = 25
oC
10ms
1ms
0
5
10
15
20
0.001
0.01
0.1
1
10
100
1000
t1, TIME (sec)
SINGLE PULSE
RθJA = 270°C/W
TA = 25°C
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum
Power Dissipation.
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t1, TIME (sec)
RθJA(t) = r(t) + RθJA
RθJA = 270 °C/W
TJ - TA = P * RθJA(t)
Duty Cycle, D = t1 / t2
P(pk)
t1
t2
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2
D = 0.5
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1b.
Transient thermal response will change depending on the circuit board design.


Numéro de pièce similaire - FDN5618

FabricantNo de pièceFiches techniqueDescription
logo
TECH PUBLIC Electronics...
FDN5618P TECHPUBLIC-FDN5618P Datasheet
3Mb / 5P
   60V P-Channel Power MOSFET
More results

Description similaire - FDN5618

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDC5614P FAIRCHILD-FDC5614P Datasheet
140Kb / 5P
   60V P-Channel Logic Level PowerTrench MOSFET
logo
ON Semiconductor
FDD9510L-F085 ONSEMI-FDD9510L-F085 Datasheet
337Kb / 7P
   MOSFET - P-Channel Logic Level PowerTrench
February, 2020 ??Rev. 1
logo
Fairchild Semiconductor
FDG316P FAIRCHILD-FDG316P Datasheet
70Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
FDS6609A FAIRCHILD-FDS6609A Datasheet
646Kb / 8P
   P-Channel Logic Level PowerTrench MOSFET
logo
ON Semiconductor
FDWS9510L-F085 ONSEMI-FDWS9510L-F085 Datasheet
343Kb / 7P
   MOSFET ??P-Channel Logic Level POWERTRENCH
October, 2021 ??Rev. 2
logo
Fairchild Semiconductor
SI4431DY FAIRCHILD-SI4431DY Datasheet
96Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
SI4835DY FAIRCHILD-SI4835DY Datasheet
79Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
FDS4435A FAIRCHILD-FDS4435A Datasheet
172Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
logo
ON Semiconductor
FDD9511L-F085 ONSEMI-FDD9511L-F085 Datasheet
208Kb / 7P
   P-Channel Logic Level PowerTrench MOSFET
July, 2018 ??Rev. P1
logo
Fairchild Semiconductor
SI9435DY FAIRCHILD-SI9435DY Datasheet
101Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com