Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDN361 Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce FDN361
Description  N-Channel, Logic Level, PowerTrench課?
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDN361 Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  FDN361 Datasheet HTML 1Page - Fairchild Semiconductor FDN361 Datasheet HTML 2Page - Fairchild Semiconductor FDN361 Datasheet HTML 3Page - Fairchild Semiconductor FDN361 Datasheet HTML 4Page - Fairchild Semiconductor FDN361 Datasheet HTML 5Page - Fairchild Semiconductor FDN361 Datasheet HTML 6Page - Fairchild Semiconductor FDN361 Datasheet HTML 7Page - Fairchild Semiconductor FDN361 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FDN361AN, Rev. C
FDN361AN
N-Channel, Logic Level, PowerTrenchΤΜ
ΤΜ
ΤΜ
ΤΜ
ΤΜ
General Description
This N-Channel Logic Level MOSFET is produced using
Fairchild Semiconductor's PowerTrench process that has
been especially tailored to minimize the on-state resistance
and yet maintain low gate charge for superior switching
performance.
April 1999
Features
1.8 A, 30 V. R
DS(on)
= 0.100
Ω @ V
GS
= 10 V
R
DS(on)
= 0.150
Ω @ V
GS
= 4.5 V.
Low gate charge ( 2.1nC typical ).
Fast switching speed.
High performance trench technology for extremely
low R
DS(on)
.
High power version of industry standard SOT-23
package. Identical pin out to SOT-23 with
30% higher power handling capability.
1998 Fairchild Semiconductor Corporation
Absolute Maximum Ratings
TA=25
oC unless otherwise noted
Symbol
Parameter
FDN361AN
Units
VDSS
Drain-Source Voltage
30
V
VGSS
Gate-Source Voltage - Continuous
±20
V
ID
Drain Current
- Continuous
(Note 1a)
1.8
A
- Pulsed
8
PD
Power Dissipation for Single Operation
(Note 1a)
0.5
(Note 1b)
0.46
W
TJ, Tstg
Operating and Storage Junction Temperature Range
-55 to +150
°C
Thermal Characteristics
JA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
250
°C/W
JC
Thermal Resistance, Junction-to-Case
(Note 1)
75
°C/W
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
361
FDN361AN
7’’
8mm
3000 units
Applications
DC/DC converter
Load switch
Motor drives
D
S
G
G
D
S
SuperSOT -3
TM


Numéro de pièce similaire - FDN361

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Youtai Semico...
FDN361 UMW-FDN361 Datasheet
443Kb / 5P
   These devices are particularly suited for low voltage applications in notebook computers,
logo
Fairchild Semiconductor
FDN361BN FAIRCHILD-FDN361BN Datasheet
103Kb / 5P
   30V N-Channel, Logic Level, PowerTrench MOSFET
logo
Guangdong Youtai Semico...
FDN361BN UMW-FDN361BN Datasheet
443Kb / 5P
   These devices are particularly suited for low voltage applications in notebook computers,
More results

Description similaire - FDN361

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDT461N FAIRCHILD-FDT461N Datasheet
267Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
FDP6030BL FAIRCHILD-FDP6030BL Datasheet
401Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
FDP7045L FAIRCHILD-FDP7045L Datasheet
428Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
FDD6612A FAIRCHILD-FDD6612A Datasheet
226Kb / 6P
   N-Channel, Logic Level, PowerTrench??MOSFET
logo
ON Semiconductor
FDMS9409L_F085 ONSEMI-FDMS9409L_F085 Datasheet
604Kb / 8P
   N-Channel Logic Level PowerTrench MOSFET
October 2016 Rev. 1.0
FDD9411L_F085 ONSEMI-FDD9411L_F085 Datasheet
580Kb / 8P
   N-Channel Logic Level PowerTrench MOSFET
December, 2016, Rev. 1.0
FDD9409L_F085 ONSEMI-FDD9409L_F085 Datasheet
608Kb / 8P
   N-Channel Logic Level PowerTrench MOSFET
December, 2016, Rev. 1.0
logo
Fairchild Semiconductor
FDP7045L FAIRCHILD-FDP7045L_04 Datasheet
110Kb / 5P
   N-Channel Logic Level PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDB7045L KEXIN-KDB7045L Datasheet
58Kb / 2P
   N-Channel Logic Level PowerTrench MOSFET
logo
Fairchild Semiconductor
FDD6035AL FAIRCHILD-FDD6035AL Datasheet
119Kb / 6P
   N-Channel, Logic Level, PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com