Moteur de recherche de fiches techniques de composants électroniques |
|
FDN360 Fiches technique(PDF) 5 Page - Fairchild Semiconductor |
|
FDN360 Fiches technique(HTML) 5 Page - Fairchild Semiconductor |
5 / 8 page SSOT-3 Packaging Configuration: Figure 1.0 Components Leader Tape 500mm minimum or 125 empty pockets Trailer Tape 300mm minimum or 75 empty pockets SSOT-3 Tape Leader and Trailer Configuration: Figure 2.0 Cover Tape Carrier Tape Note/Comments Packaging Option SSOT-3 Std Packaging Information Standard (no flow code) D87Z Packaging type Reel Size TNR 7" Dia TNR 13" Qty per Reel/Tube/Bag 3,000 10,000 Box Dimension (mm) 187x107x183 343x343x64 Max qty per Box 24,000 30,000 Weight per unit (gm) 0.0097 0.0097 Weight per Reel (kg) 0.1230 0.4150 Human Readable Label Human Readable Label sample 343mm x 342mm x 64mm Intermediate box for D87Z Option Human Readable Label 187mm x 107mm x 183mm Intermediate Box for Standard Option SSOT-3 Std Unit Orientation 3P 3P 3P 3P Customize Label Human Readable Label Embossed Carrier Tape Antistatic Cover Tape Packaging Description: SSOT-3 parts are shipped in tape. The carrier tape is made from a dissipative (carbon filled) polycarbonate resin. The cover tape is a multilayer film (Heat Activated Adhesive in nature) primarily composed of polyester film, adhesive layer, sealant, and anti-static sprayed agent. These reeled parts in standard option are shipped with 3,000 units per 7" or 177cm diameter reel. The reels are dark blue in color and is made of polystyrene plastic (anti- static coated). Other option comes in 10,000 units per 13" or 330cm diameter reel. This and some other options are described in the Packaging Information table. These full reels are individually labeled and placed inside a standard intermediate made of recyclable corrugated brown paper with a Fairchild logo printing. One pizza box contains eight reels maximum. And these intermediate boxes are placed inside a labeled shipping box which comes in different sizes depending on the number of parts shipped. SuperSOTTM-3 Tape and Reel Data and Package Dimensions August 1999, Rev. C |
Numéro de pièce similaire - FDN360 |
|
Description similaire - FDN360 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |