Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDN359 Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce FDN359
Description  N-Channel Logic Level PowerTrenchTM MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDN359 Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  FDN359 Datasheet HTML 1Page - Fairchild Semiconductor FDN359 Datasheet HTML 2Page - Fairchild Semiconductor FDN359 Datasheet HTML 3Page - Fairchild Semiconductor FDN359 Datasheet HTML 4Page - Fairchild Semiconductor FDN359 Datasheet HTML 5Page - Fairchild Semiconductor FDN359 Datasheet HTML 6Page - Fairchild Semiconductor FDN359 Datasheet HTML 7Page - Fairchild Semiconductor FDN359 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
April 1999
FDN359AN
N-Channel Logic Level PowerTrench
TM MOSFET
General Description
Features
Absolute Maximum Ratings T
A = 25
oC unless other wise noted
Symbol
Parameter
Ratings
Units
V
DSS
Drain-Source Voltage
30
V
V
GSS
Gate-Source Voltage
±20
V
I
D
Maximum Drain Current - Continuous
(Note 1a)
2.7
A
- Pulsed
15
P
D
Maximum Power Dissipation
(Note 1a)
0.5
W
(Note 1b)
0.46
T
J,TSTG
Operating and Storage Temperature Range
-55 to 150
°C
THERMAL CHARACTERISTICS
RθJA
Thermal Resistance, Junction-to-Ambient (Note 1a)
250
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
75
°C/W
FDN359AN Rev.C
2.7 A, 30 V. R
DS(ON) = 0.046
@ V
GS = 10 V
R
DS(ON) = 0.060
@ V
GS = 4.5 V.
Very fast switching.
Low gate charge (5nC typical).
High power version of industry standard SOT-23
package. Identical pin out to SOT-23 with 30% higher
power handling capability.
This N-Channel
Logic
Level MOSFET is produced
using
Fairchild
Semiconductor's
advanced
PowerTrench process that has been especially tailored
to minimize on-state resistance and yet maintain
superior switching performance.
These devices are well suited for low voltage and
battery powered applications where low in-line power
loss and fast switching are required.
SOT-23
SuperSOT
TM-8
SOIC-16
SO-8
SOT-223
SuperSOT
TM-6
G
D
S
SuperSOT -3
TM
359A
D
S
G
© 1999 Fairchild Semiconductor Corporation


Numéro de pièce similaire - FDN359

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Youtai Semico...
FDN359A UMW-FDN359A Datasheet
415Kb / 5P
   N-Channel 30 V (D-S) MOSFET
FDN359AN UMW-FDN359AN Datasheet
415Kb / 5P
   N-Channel 30 V (D-S) MOSFET
FDN359B UMW-FDN359B Datasheet
423Kb / 6P
   N-Channel 30 V (D-S) MOSFET
logo
Fairchild Semiconductor
FDN359BN FAIRCHILD-FDN359BN Datasheet
96Kb / 6P
   N-Channel Logic Level PowerTrench TM MOSFET
FDN359BN FAIRCHILD-FDN359BN Datasheet
106Kb / 6P
   N-Channel Logic Level PowerTrenchTM MOSFET
More results

Description similaire - FDN359

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDP6035AL FAIRCHILD-FDP6035AL Datasheet
93Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDP6670AL FAIRCHILD-FDP6670AL Datasheet
413Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDP7030BL FAIRCHILD-FDP7030BL Datasheet
112Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDS6630A FAIRCHILD-FDS6630A Datasheet
197Kb / 8P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDD6690A FAIRCHILD-FDD6690A Datasheet
61Kb / 5P
   N-Channel, Logic Level, PowerTrenchTM MOSFET
FDN359BN-F095 FAIRCHILD-FDN359BN-F095 Datasheet
106Kb / 6P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDS6912A FAIRCHILD-FDS6912A Datasheet
222Kb / 4P
   Dual N-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6612A FAIRCHILD-FDS6612A Datasheet
246Kb / 8P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6990A FAIRCHILD-FDS6990A Datasheet
119Kb / 5P
   Dual N-Channel Logic Level PowerTrenchTM MOSFET
FDC655AN FAIRCHILD-FDC655AN Datasheet
198Kb / 4P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com