Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDN359 Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce FDN359
Description  N-Channel Logic Level PowerTrenchTM MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDN359 Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  FDN359 Datasheet HTML 1Page - Fairchild Semiconductor FDN359 Datasheet HTML 2Page - Fairchild Semiconductor FDN359 Datasheet HTML 3Page - Fairchild Semiconductor FDN359 Datasheet HTML 4Page - Fairchild Semiconductor FDN359 Datasheet HTML 5Page - Fairchild Semiconductor FDN359 Datasheet HTML 6Page - Fairchild Semiconductor FDN359 Datasheet HTML 7Page - Fairchild Semiconductor FDN359 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
FDN359AN Rev.C
0
0.5
1
1.5
2
2.5
0
2
4
6
8
10
12
V
, DRAIN-SOURCE VOLTAGE (V)
V
= 10V
GS
3.5V
3.0V
2.5V
6.0V
4.5V
DS
0
2
4
6
8
10
12
0.5
1
1.5
2
2.5
3
I
, DRAIN CURRENT (A)
V
= 3.0V
GS
3.5V
6.0V
4.5V
D
10V
4.0V
Typical Electrical Characteristics
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
-50
-25
0
25
50
75
100
125
150
0.6
0.8
1
1.2
1.4
1.6
T , JUNCTION TEMPERATURE (°C)
J
V
= 10 V
GS
I = 2.7 A
D
Figure 3. On-Resistance Variation
with Temperature.
1
2
3
4
5
0
3
6
9
12
V
, GATE TO SOURCE VOLTAGE (V)
GS
25°C
125°C
V
= 5V
DS
T = -55°C
A
Figure 5. Transfer Characteristics.
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0.0001
0.001
0.01
0.1
1
15
V
, BODY DIODE FORWARD VOLTAGE (V)
T = 125°C
A
25°C
-55°C
V
= 0V
GS
SD
0
2
4
6
8
10
0
0.03
0.06
0.09
0.12
0.15
V
, GATE TO SOURCE VOLTAGE (V)
GS
T = 25°C
A
I = 1.3A
D
T = 125°C
A
Figure 6. Body Diode Forward Voltage
Variation with Source Current
and Temperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.


Numéro de pièce similaire - FDN359

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Youtai Semico...
FDN359A UMW-FDN359A Datasheet
415Kb / 5P
   N-Channel 30 V (D-S) MOSFET
FDN359AN UMW-FDN359AN Datasheet
415Kb / 5P
   N-Channel 30 V (D-S) MOSFET
FDN359B UMW-FDN359B Datasheet
423Kb / 6P
   N-Channel 30 V (D-S) MOSFET
logo
Fairchild Semiconductor
FDN359BN FAIRCHILD-FDN359BN Datasheet
96Kb / 6P
   N-Channel Logic Level PowerTrench TM MOSFET
FDN359BN FAIRCHILD-FDN359BN Datasheet
106Kb / 6P
   N-Channel Logic Level PowerTrenchTM MOSFET
More results

Description similaire - FDN359

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDP6035AL FAIRCHILD-FDP6035AL Datasheet
93Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDP6670AL FAIRCHILD-FDP6670AL Datasheet
413Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDP7030BL FAIRCHILD-FDP7030BL Datasheet
112Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDS6630A FAIRCHILD-FDS6630A Datasheet
197Kb / 8P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDD6690A FAIRCHILD-FDD6690A Datasheet
61Kb / 5P
   N-Channel, Logic Level, PowerTrenchTM MOSFET
FDN359BN-F095 FAIRCHILD-FDN359BN-F095 Datasheet
106Kb / 6P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDS6912A FAIRCHILD-FDS6912A Datasheet
222Kb / 4P
   Dual N-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6612A FAIRCHILD-FDS6612A Datasheet
246Kb / 8P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6990A FAIRCHILD-FDS6990A Datasheet
119Kb / 5P
   Dual N-Channel Logic Level PowerTrenchTM MOSFET
FDC655AN FAIRCHILD-FDC655AN Datasheet
198Kb / 4P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com