Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDN359AN Fiches technique(PDF) 5 Page - Fairchild Semiconductor

No de pièce FDN359AN
Description  N-Channel Logic Level PowerTrenchTM MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDN359AN Fiches technique(HTML) 5 Page - Fairchild Semiconductor

  FDN359AN Datasheet HTML 1Page - Fairchild Semiconductor FDN359AN Datasheet HTML 2Page - Fairchild Semiconductor FDN359AN Datasheet HTML 3Page - Fairchild Semiconductor FDN359AN Datasheet HTML 4Page - Fairchild Semiconductor FDN359AN Datasheet HTML 5Page - Fairchild Semiconductor FDN359AN Datasheet HTML 6Page - Fairchild Semiconductor FDN359AN Datasheet HTML 7Page - Fairchild Semiconductor FDN359AN Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SSOT-3 Std Unit Orientation
Conductive Embossed
Carrier Tape
Customize Label
Antistatic Cover Tape
SSOT-3 Packaging
Configuration: Figure 1.0
Components
Leader Tape
390mm minimum
Trailer Tape
160mm minimum
SSOT-23 Tape Leader and Trailer
Configuration: Figure 2.0
Cover Tape
Carrier
Pin 1
Tape
Note/Comments
Packaging Option
SSOT-3 Std Packaging Information
Standard
(no flow code)
D87Z
Packaging type
Reel Size
TNR
7” Dia
TNR
13”
Qty per Reel/Tube/Bag
3,000
10,000
Box Dimension (mm)
187x107x183
343x343x64
Max qty per Box
9,000
20,000
Weight per unit (gm)
0.0097
0.0097
Weight per Reel (kg)
0.1230
0.4150
Human Readable Label
Human Readable Label sample
343mm x 342mm x 64mm
Intermediate box for D87Z Option
Human Readable
Label
187mm x 107mm x 183mm
Intermediate Box for Standard Option
3P
3P
3P
3P
Human Readable
Label
SuperSOTTM-3 Tape and Reel Data and Package Dimensions
December 1998, Rev. B


Numéro de pièce similaire - FDN359AN

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Youtai Semico...
FDN359AN UMW-FDN359AN Datasheet
415Kb / 5P
   N-Channel 30 V (D-S) MOSFET
More results

Description similaire - FDN359AN

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDP6035AL FAIRCHILD-FDP6035AL Datasheet
93Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDP6670AL FAIRCHILD-FDP6670AL Datasheet
413Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDP7030BL FAIRCHILD-FDP7030BL Datasheet
112Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDS6630A FAIRCHILD-FDS6630A Datasheet
197Kb / 8P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDD6690A FAIRCHILD-FDD6690A Datasheet
61Kb / 5P
   N-Channel, Logic Level, PowerTrenchTM MOSFET
FDN359BN-F095 FAIRCHILD-FDN359BN-F095 Datasheet
106Kb / 6P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDS6912A FAIRCHILD-FDS6912A Datasheet
222Kb / 4P
   Dual N-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6612A FAIRCHILD-FDS6612A Datasheet
246Kb / 8P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6990A FAIRCHILD-FDS6990A Datasheet
119Kb / 5P
   Dual N-Channel Logic Level PowerTrenchTM MOSFET
FDC655AN FAIRCHILD-FDC655AN Datasheet
198Kb / 4P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com