Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDN358 Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce FDN358
Description  P-Channel Logic Level Enhancement Mode Field Effect Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDN358 Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  FDN358 Datasheet HTML 1Page - Fairchild Semiconductor FDN358 Datasheet HTML 2Page - Fairchild Semiconductor FDN358 Datasheet HTML 3Page - Fairchild Semiconductor FDN358 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
March 1998
FDN358P
P-Channel Logic Level Enhancement Mode Field Effect Transistor
General Description
Features
Absolute Maximum Ratings T
A = 25
oC unless other wise noted
Symbol
Parameter
FDN358P
Units
V
DSS
Drain-Source Voltage
-30
V
V
GSS
Gate-Source Voltage
±20
V
I
D
Drain/Output Current - Continuous
-1.5
A
- Pulsed
-5
P
D
Maximum Power Dissipation
(Note 1a)
0.5
W
(Note 1b)
0.46
T
J,TSTG
Operating and Storage Temperature Range
-55 to 150
°C
THERMAL CHARACTERISTICS
RθJA
Thermal Resistance, Junction-to-Ambient (Note 1a)
250
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
75
°C/W
FDN358P Rev.D
-1.5 A, -30 V, R
DS(ON) = 0.125 @ VGS = -10 V
R
DS(ON) = 0.20 @ VGS = - 4.5 V.
High power version of industry SOT-23 package: identical
pin out to SOT-23; 30% higher power handling capability.
High density cell design for extremely low R
DS(ON).
Exceptional on-resistance and maximum DC current
capability.
SuperSOT
TM-3 P-Channel logic level enhancement mode
power field effect transistors are produced using Fairchild's
proprietary, high cell density, DMOS technology. This very
high density process is especially tailored to minimize
on-state resistance. These devices are particularly suited for
low voltage applications in notebook computers, portable
phones, PCMCIA cards, and other battery powered circuits
where fast switching, and low in-line power loss are needed
in a very small outline surface mount package.
G
D
S
SuperSOT -3
TM
358
SuperSOT
TM-8
SOIC-16
SO-8
SOT-223
SuperSOT
TM-3
SuperSOT
TM-6
D
S
G
© 1998 Fairchild Semiconductor Corporation


Numéro de pièce similaire - FDN358

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Youtai Semico...
FDN352 UMW-FDN352 Datasheet
448Kb / 5P
   P-Channel 30 V (D-S) MOSFET
logo
Fairchild Semiconductor
FDN352AP FAIRCHILD-FDN352AP Datasheet
118Kb / 5P
   Single P-Channel, PowerTrench
FDN352AP FAIRCHILD-FDN352AP Datasheet
123Kb / 5P
   Single P-Channel, PowerTrench MOSFET
logo
Guangdong Kexin Industr...
FDN352AP KEXIN-FDN352AP Datasheet
1Mb / 4P
   P-Channel MOSFET
logo
Guangdong Youtai Semico...
FDN352AP UMW-FDN352AP Datasheet
448Kb / 5P
   P-Channel 30 V (D-S) MOSFET
More results

Description similaire - FDN358

FabricantNo de pièceFiches techniqueDescription
logo
SamHop Microelectronics...
STU437S SAMHOP-STU437S Datasheet
121Kb / 10P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Fairchild Semiconductor
NDP6030PL FAIRCHILD-NDP6030PL Datasheet
56Kb / 4P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
List of Unclassifed Man...
P8006EVG ETC2-P8006EVG Datasheet
296Kb / 5P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
NIKO SEMICONDUCTOR CO.,...
PZ0703EK NIKOSEM-PZ0703EK Datasheet
270Kb / 4P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
PV521BA NIKOSEM-PV521BA Datasheet
277Kb / 4P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
PK5A7BA NIKOSEM-PK5A7BA Datasheet
346Kb / 9P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
PE5A1BA NIKOSEM-PE5A1BA Datasheet
271Kb / 5P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
ON Semiconductor
NDS352AP ONSEMI-NDS352AP Datasheet
271Kb / 9P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
December, 2021 ??Rev. 5
logo
NIKO SEMICONDUCTOR CO.,...
PZ5G7EA NIKOSEM-PZ5G7EA Datasheet
340Kb / 4P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
REV 1.0
P1306EK NIKOSEM-P1306EK Datasheet
357Kb / 5P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
REV1.0
logo
Fairchild Semiconductor
NDS332P FAIRCHILD-NDS332P Datasheet
78Kb / 6P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com