Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2901DG Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce LM2901DG
Description  Single Supply Quad Comparators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2901DG Fiches technique(HTML) 1 Page - ON Semiconductor

  LM2901DG Datasheet HTML 1Page - ON Semiconductor LM2901DG Datasheet HTML 2Page - ON Semiconductor LM2901DG Datasheet HTML 3Page - ON Semiconductor LM2901DG Datasheet HTML 4Page - ON Semiconductor LM2901DG Datasheet HTML 5Page - ON Semiconductor LM2901DG Datasheet HTML 6Page - ON Semiconductor LM2901DG Datasheet HTML 7Page - ON Semiconductor LM2901DG Datasheet HTML 8Page - ON Semiconductor LM2901DG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2010
November, 2010 − Rev. 19
Publication Order Number:
LM339/D
1
LM339, LM239, LM2901,
LM2901V, NCV2901,
MC3302
Single Supply Quad
Comparators
These comparators are designed for use in level detection, low−level
sensing and memory applications in consumer, automotive, and
industrial electronic applications.
Features
Single or Split Supply Operation
Low Input Bias Current: 25 nA (Typ)
Low Input Offset Current: ±5.0 nA (Typ)
Low Input Offset Voltage
Input Common Mode Voltage Range to GND
Low Output Saturation Voltage: 130 mV (Typ) @ 4.0 mA
TTL and CMOS Compatible
ESD Clamps on the Inputs Increase Reliability without Affecting
Device Operation
NCV Prefix for Automotive and Other Applications Requiring Site
and Control Changes
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
PDIP−14
N, P SUFFIX
CASE 646
1
14
SOIC−14
D SUFFIX
CASE 751A
1
14
PIN CONNECTIONS
3
2
1
*
)
*
)
1
2
3
4
5
6
7
14
8
9
10
11
12
13
Output 2
- Input 1
Output 1
Output 3
Output 4
+ Input 1
- Input 2
+ Input 2
+ Input 4
- Input 4
+ Input 3
- Input 3
VCC
GND
)
*
)
*
4
(Top View)
See detailed ordering and shipping information in the package
dimensions section on page 7 of this data sheet.
ORDERING INFORMATION
See general marking information in the device marking
section on page 8 of this data sheet.
DEVICE MARKING INFORMATION
http://onsemi.com
TSSOP−14
DTB SUFFIX
CASE 948G
1
14


Numéro de pièce similaire - LM2901DG

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LM2901DG ONSEMI-LM2901DG Datasheet
119Kb / 11P
   Single Supply Quad Comparators
October, 2016 ??Rev. 23
logo
Texas Instruments
LM2901DG4 TI-LM2901DG4 Datasheet
587Kb / 23P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM2901DG4 TI-LM2901DG4 Datasheet
743Kb / 25P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM2901DG4 TI1-LM2901DG4 Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM2901DG4 TI-LM2901DG4 Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
More results

Description similaire - LM2901DG

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LM339 ONSEMI-LM339 Datasheet
145Kb / 8P
   Quad Single Supply Comparators
October, 1999 ??Rev. 3
logo
Motorola, Inc
LM339 MOTOROLA-LM339 Datasheet
124Kb / 6P
   Quad Single Supply Comparators
Rev 2
logo
ON Semiconductor
LM339S ONSEMI-LM339S Datasheet
80Kb / 6P
   Single Supply Quad Comparators
October, 2014 ??Rev. 0
NCV2901 ONSEMI-NCV2901 Datasheet
105Kb / 10P
   Single Supply Quad Comparators
July, 2004 ??Rev. 13
LM339 ONSEMI-LM339_07 Datasheet
130Kb / 12P
   Single Supply Quad Comparators
February, 2007 ??Rev. 18
logo
Shenzhen Luguang Electr...
LM339 LUGUANG-LM339 Datasheet
420Kb / 2P
   Quad Single Supply Comparators
logo
ON Semiconductor
LM339 ONSEMI-LM339_16 Datasheet
119Kb / 11P
   Single Supply Quad Comparators
October, 2016 ??Rev. 23
logo
Advanced Monolithic Sys...
AMS339 AMS-AMS339 Datasheet
229Kb / 2P
   QUAD SINGLE SUPPLY COMPARATORS
logo
Shenzhen Luguang Electr...
LM339 LUGUANG-LM339 Datasheet
420Kb / 2P
   Quad Single Supply Comparators
logo
ON Semiconductor
LM339 ONSEMI-LM339_V01 Datasheet
316Kb / 14P
   Single Supply Quad Comparators
October, 2021 - Rev. 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com