Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDN340P Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce FDN340P
Description  Single P-Channel, Logic Level, PowerTrench MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDN340P Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  FDN340P Datasheet HTML 1Page - Fairchild Semiconductor FDN340P Datasheet HTML 2Page - Fairchild Semiconductor FDN340P Datasheet HTML 3Page - Fairchild Semiconductor FDN340P Datasheet HTML 4Page - Fairchild Semiconductor FDN340P Datasheet HTML 5Page - Fairchild Semiconductor FDN340P Datasheet HTML 6Page - Fairchild Semiconductor FDN340P Datasheet HTML 7Page - Fairchild Semiconductor FDN340P Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
December 1999
©1999 Fairchild Semiconductor Corporation
FDN340P Rev C (W)
FDN340P
Single P-Channel, Logic Level, PowerTrench®
® MOSFET
General Description
This P-Channel Logic Level MOSFET is produced
using Fairchild Semiconductor advanced Power Trench
process that has been especially tailored to minimize
the on-state resistance and yet maintain low gate
charge for superior switching performance.
These devices are well suited for portable electronics
applications: Load switching and power management,
battery charging circuits, and DC/DC conversion.
Features
–2 A, 20 V.
RDS(ON) = 0.07
Ω @ VGS = –4.5 V
RDS(ON) = 0.11
Ω @ VGS = –2.5 V.
RDS(ON) = 0.210
Ω @ VGS = –1.8 V.
• Low gate charge (8nC typical).
• High performance trench technology for extremely
low RDS(ON) .
• High power version of industry Standard SOT-23
package. Identical pin-out to SOT-23 with 30%
higher power handling capability.
G
D
S
SuperSOT -3
TM
340
D
S
G
Absolute Maximum Ratings
T A=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
–20
V
VGSS
Gate-Source Voltage
±8
V
ID
Drain Current
– Continuous
(Note 1a)
–2
A
– Pulsed
–10
Power Dissipation for Single Operation
(Note 1a)
0.5
PD
(Note 1b)
0.46
W
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +150
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
250
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
75
°C/W
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
340
FDN340P
7’’
8mm
3000 units


Numéro de pièce similaire - FDN340P

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDN340P FAIRCHILD-FDN340P Datasheet
211Kb / 5P
   Single P-Channel, Logic Level, PowerTrench짰MOSFET
logo
Guangdong Youtai Semico...
FDN340P UMW-FDN340P Datasheet
406Kb / 3P
   SOT-23 Plastic-Encapsulate MOSFETS
logo
VBsemi Electronics Co.,...
FDN340P-NL VBSEMI-FDN340P-NL Datasheet
1Mb / 9P
   P-Channel 20-V (D-S) MOSFET
logo
Fairchild Semiconductor
FDN340P FAIRCHILD-FDN340P_07 Datasheet
211Kb / 5P
   Single P-Channel, Logic Level, PowerTrench짰MOSFET
More results

Description similaire - FDN340P

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
SI3455DV FAIRCHILD-SI3455DV Datasheet
166Kb / 5P
   Single P-Channel Logic Level PowerTrench MOSFET
SI3457DV FAIRCHILD-SI3457DV Datasheet
85Kb / 5P
   Single P-Channel Logic Level PowerTrench MOSFET
logo
ON Semiconductor
FDD9510L-F085 ONSEMI-FDD9510L-F085 Datasheet
337Kb / 7P
   MOSFET - P-Channel Logic Level PowerTrench
February, 2020 ??Rev. 1
logo
Fairchild Semiconductor
FDG316P FAIRCHILD-FDG316P Datasheet
70Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
FDS6609A FAIRCHILD-FDS6609A Datasheet
646Kb / 8P
   P-Channel Logic Level PowerTrench MOSFET
logo
ON Semiconductor
FDWS9510L-F085 ONSEMI-FDWS9510L-F085 Datasheet
343Kb / 7P
   MOSFET ??P-Channel Logic Level POWERTRENCH
October, 2021 ??Rev. 2
logo
Fairchild Semiconductor
SI4431DY FAIRCHILD-SI4431DY Datasheet
96Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
SI4835DY FAIRCHILD-SI4835DY Datasheet
79Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
FDS4435A FAIRCHILD-FDS4435A Datasheet
172Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
logo
ON Semiconductor
FDD9511L-F085 ONSEMI-FDD9511L-F085 Datasheet
208Kb / 7P
   P-Channel Logic Level PowerTrench MOSFET
July, 2018 ??Rev. P1
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com