Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDN338 Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce FDN338
Description  P-Channel Logic Level Enhancement Mode Field Effect Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDN338 Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  FDN338 Datasheet HTML 1Page - Fairchild Semiconductor FDN338 Datasheet HTML 2Page - Fairchild Semiconductor FDN338 Datasheet HTML 3Page - Fairchild Semiconductor FDN338 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics (T
A = 25
O
C unless otherwise noted )
Symbol
Parameter
Conditions
Min
Typ
Max
Units
OFF CHARACTERISTICS
BV
DSS
Drain-Source Breakdown Voltage
V
GS = 0 V, ID = -250 µA
-20
V
BV
DSS/TJ
Breakdown Voltage Temp. Coefficient
I
D = -250 µA, Referenced to 25
oC
-28
mV/
oC
I
DSS
Zero Gate Voltage Drain Current
V
DS = -16 V, VGS = 0 V
-1
µA
T
J = 55°C
-10
µA
I
GSSF
Gate - Body Leakage, Forward
V
GS = 8 V,VDS = 0 V
100
nA
I
GSSR
Gate - Body Leakage, Reverse
V
GS = -8 V, VDS = 0 V
-100
nA
ON CHARACTERISTICS (Note)
V
GS(th)
Gate Threshold Voltage
V
DS = VGS, ID = -250 µA
-0.4
-0.6
-1
V
V
GS(th)/TJ
Gate Threshold Voltage Temp. Coefficient
I
D = -250 µA, Referenced to 25
oC
2
mV/
oC
R
DS(ON)
Static Drain-Source On-Resistance
V
GS = -4.5 V, ID = -1.6 A
0.115
0.13
T
J =125°C
0.16
0.22
V
GS = -2.5 V, ID = -1.3 A
0.155
0.18
I
D(ON)
On-State Drain Current
V
GS = -4.5 V, VDS = -5 V
-2.5
A
g
FS
Forward Transconductance
V
DS = -5 V, ID = -1.6 A
3
S
DYNAMIC CHARACTERISTICS
C
iss
Input Capacitance
V
DS = -10 V, VGS = 0 V,
f = 1.0 MHz
405
pF
C
oss
Output Capacitance
170
pF
C
rss
Reverse Transfer Capacitance
45
pF
SWITCHING CHARACTERISTICS (Note)
t
D(on)
Turn - On Delay Time
V
DD = -5 V, ID = -1 A,
V
GS = -4.5 V, RGEN = 6
6.5
13
ns
t
r
Turn - On Rise Time
20
35
ns
t
D(off)
Turn - Off Delay Time
31
50
ns
t
f
Turn - Off Fall Time
21
35
ns
Q
g
Total Gate Charge
V
DS = -5 V, ID = -1.6 A,
V
GS = -4.5 V
6
8.5
nC
Q
gs
Gate-Source Charge
0.8
nC
Q
gd
Gate-Drain Charge
1.3
nC
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
I
S
Maximum Continuous Drain-Source Diode Forward Current
-0.42
A
V
SD
Drain-Source Diode Forward Voltage
V
GS = 0 V, IS = -0.42 A (Note)
-0.7
-1.2
V
Note:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins. RθJC is guaranteed by
design while RθCA is determined by the user's board design.
Typical RθJA using the board layouts shown below on FR-4 PCB in a still air environment :
Scale 1 : 1 on letter size paper
2. Pulse Test: Pulse Width < 300µs, Duty Cycle < 2.0%.
FDN338P Rev.D
a. 250
oC/W when mounted on
a
0.02 in
2 pad of 2oz Cu.
b. 270
oC/W when mounted on
a 0.001 in
2 pad of 2oz Cu.


Numéro de pièce similaire - FDN338

FabricantNo de pièceFiches techniqueDescription
logo
Shenzhen Tuofeng Semico...
FDN338 TUOFENG-FDN338 Datasheet
2Mb / 5P
   P-Channel 20-V(D-S) MOSFET
Apr,2018 V1.0
logo
Shenzhen Jin Yu Semicon...
FDN338P HTSEMI-FDN338P Datasheet
1Mb / 4P
   20 V P-Channel Enhancement Mode MOSFET
logo
TECH PUBLIC Electronics...
FDN338P TECHPUBLIC-FDN338P Datasheet
1Mb / 3P
   P-Channel 20-V(D-S) MOSFET
logo
Guangdong Youtai Semico...
FDN338P UMW-FDN338P Datasheet
601Kb / 2P
   SOT-23 Plastic-Encapsulate MOSFETS
logo
VBsemi Electronics Co.,...
FDN338P-NL VBSEMI-FDN338P-NL Datasheet
1Mb / 9P
   P-Channel 20-V (D-S) MOSFET
More results

Description similaire - FDN338

FabricantNo de pièceFiches techniqueDescription
logo
SamHop Microelectronics...
STU437S SAMHOP-STU437S Datasheet
121Kb / 10P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Fairchild Semiconductor
NDP6030PL FAIRCHILD-NDP6030PL Datasheet
56Kb / 4P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
List of Unclassifed Man...
P8006EVG ETC2-P8006EVG Datasheet
296Kb / 5P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
NIKO SEMICONDUCTOR CO.,...
PZ0703EK NIKOSEM-PZ0703EK Datasheet
270Kb / 4P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
PV521BA NIKOSEM-PV521BA Datasheet
277Kb / 4P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
PK5A7BA NIKOSEM-PK5A7BA Datasheet
346Kb / 9P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
PE5A1BA NIKOSEM-PE5A1BA Datasheet
271Kb / 5P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
ON Semiconductor
NDS352AP ONSEMI-NDS352AP Datasheet
271Kb / 9P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
December, 2021 ??Rev. 5
logo
NIKO SEMICONDUCTOR CO.,...
PZ5G7EA NIKOSEM-PZ5G7EA Datasheet
340Kb / 4P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
REV 1.0
P1306EK NIKOSEM-P1306EK Datasheet
357Kb / 5P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
REV1.0
logo
Fairchild Semiconductor
NDS332P FAIRCHILD-NDS332P Datasheet
78Kb / 6P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com