Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDN338 Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce FDN338
Description  P-Channel Logic Level Enhancement Mode Field Effect Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDN338 Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  FDN338 Datasheet HTML 1Page - Fairchild Semiconductor FDN338 Datasheet HTML 2Page - Fairchild Semiconductor FDN338 Datasheet HTML 3Page - Fairchild Semiconductor FDN338 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FDN338P Rev.D
0
1
2
3
4
5
0
2
4
6
8
10
-V
, DRAIN-SOURCE VOLTAGE (V)
V
= -4.5V
GS
-2.5
DS
-4.0
-3.0
-3.5
-2.0
-1.5
Typical Electrical Characteristics
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
-50
-25
0
25
50
75
100
125
150
0.6
0.8
1
1.2
1.4
1.6
T , JUNCTION TEMPERATURE (°C)
J
V
= -4.5V
GS
I = -1.6A
D
Figure 3. On-Resistance Variation
with Temperature.
0
1
2
3
4
0
2
4
6
8
10
-V
, GATE TO SOURCE VOLTAGE (V)
V
= -5V
DS
GS
T = -55°C
A
125°C
25°C
Figure 5. Transfer Characteristics.
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0.0001
0.001
0.01
0.1
1
10
-V
, BODY DIODE FORWARD VOLTAGE (V)
25°C
-55°C
V
= 0V
GS
SD
T = 125°C
J
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
1
2
3
4
5
0
0.1
0.2
0.3
0.4
0.5
-V
,GATE TO SOURCE VOLTAGE (V)
GS
25°C
T = 125°C
J
I = -0.8A
D
0
2
4
6
8
10
0.8
1
1.2
1.4
1.6
1.8
2
-I , DRAIN CURRENT (A)
V
= -2.0V
GS
D
-3.0
-3.5
-4.5
-4.0
-2.5
Figure 6 . Body Diode Forward Voltage
Variation with Source Current
and Temperature.


Numéro de pièce similaire - FDN338

FabricantNo de pièceFiches techniqueDescription
logo
Shenzhen Tuofeng Semico...
FDN338 TUOFENG-FDN338 Datasheet
2Mb / 5P
   P-Channel 20-V(D-S) MOSFET
Apr,2018 V1.0
logo
Shenzhen Jin Yu Semicon...
FDN338P HTSEMI-FDN338P Datasheet
1Mb / 4P
   20 V P-Channel Enhancement Mode MOSFET
logo
TECH PUBLIC Electronics...
FDN338P TECHPUBLIC-FDN338P Datasheet
1Mb / 3P
   P-Channel 20-V(D-S) MOSFET
logo
Guangdong Youtai Semico...
FDN338P UMW-FDN338P Datasheet
601Kb / 2P
   SOT-23 Plastic-Encapsulate MOSFETS
logo
VBsemi Electronics Co.,...
FDN338P-NL VBSEMI-FDN338P-NL Datasheet
1Mb / 9P
   P-Channel 20-V (D-S) MOSFET
More results

Description similaire - FDN338

FabricantNo de pièceFiches techniqueDescription
logo
SamHop Microelectronics...
STU437S SAMHOP-STU437S Datasheet
121Kb / 10P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Fairchild Semiconductor
NDP6030PL FAIRCHILD-NDP6030PL Datasheet
56Kb / 4P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
List of Unclassifed Man...
P8006EVG ETC2-P8006EVG Datasheet
296Kb / 5P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
NIKO SEMICONDUCTOR CO.,...
PZ0703EK NIKOSEM-PZ0703EK Datasheet
270Kb / 4P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
PV521BA NIKOSEM-PV521BA Datasheet
277Kb / 4P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
PK5A7BA NIKOSEM-PK5A7BA Datasheet
346Kb / 9P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
PE5A1BA NIKOSEM-PE5A1BA Datasheet
271Kb / 5P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
ON Semiconductor
NDS352AP ONSEMI-NDS352AP Datasheet
271Kb / 9P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
December, 2021 ??Rev. 5
logo
NIKO SEMICONDUCTOR CO.,...
PZ5G7EA NIKOSEM-PZ5G7EA Datasheet
340Kb / 4P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
REV 1.0
P1306EK NIKOSEM-P1306EK Datasheet
357Kb / 5P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
REV1.0
logo
Fairchild Semiconductor
NDS332P FAIRCHILD-NDS332P Datasheet
78Kb / 6P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com