Moteur de recherche de fiches techniques de composants électroniques |
|
FDN338P Fiches technique(PDF) 1 Page - Fairchild Semiconductor |
|
FDN338P Fiches technique(HTML) 1 Page - Fairchild Semiconductor |
1 / 4 page March 1998 FDN338P P-Channel Logic Level Enhancement Mode Field Effect Transistor General Description Features Absolute Maximum Ratings T A = 25 oC unless other wise noted Symbol Parameter FDN338P Units V DSS Drain-Source Voltage -20 V V GSS Gate-Source Voltage - Continuous ±8 V I D Drain/Output Current - Continuous -1.6 A - Pulsed -5 P D Maximum Power Dissipation (Note 1a) 0.5 W (Note 1b) 0.46 T J,TSTG Operating and Storage Temperature Range -55 to 150 °C THERMAL CHARACTERISTICS RθJA Thermal Resistance, Junction-to-Ambient (Note 1a) 250 °C/W RθJC Thermal Resistance, Junction-to-Case (Note 1) 75 °C/W FDN338P Rev.D -1.6 A, -20 V, R DS(ON) = 0.13 Ω @ VGS = -4.5 V R DS(ON) = 0.18 Ω @ VGS = -2.5 V. Industry standard outline SOT-23 surface mount package using proprietary SuperSOT TM-3 design for superior thermal and electrical capabilities. High density cell design for extremely low R DS(ON). Exceptional on-resistance and maximum DC current capability. SuperSOT TM-3 P-Channel logic level enhancement mode power field effect transistors are produced using Fairchild's proprietary, high cell density, DMOS technology. This very high density process is especially tailored to minimize on-state resistance. These devices are particularly suited for low voltage applications in notebook computers, portable phones, PCMCIA cards, and other battery powered circuits where fast switching, and low in-line power loss are needed in a very small outline surface mount package. SuperSOT TM-8 SOIC-16 SO-8 SOT-223 SuperSOT TM-3 G D S SuperSOT -3 TM 338 D S G SuperSOT TM-6 © 1998 Fairchild Semiconductor Corporation |
Numéro de pièce similaire - FDN338P |
|
Description similaire - FDN338P |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |