Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDN336 Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce FDN336
Description  Single P-Channel 2.5V Specified PowerTrenchTM MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDN336 Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  FDN336 Datasheet HTML 1Page - Fairchild Semiconductor FDN336 Datasheet HTML 2Page - Fairchild Semiconductor FDN336 Datasheet HTML 3Page - Fairchild Semiconductor FDN336 Datasheet HTML 4Page - Fairchild Semiconductor FDN336 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
November 1998
FDN336P
Single P-Channel 2.5V Specified PowerTrench
TM MOSFET
General Description
Features
Absolute Maximum Ratings T
A = 25
oC unless other wise noted
Symbol
Parameter
FDN336P
Units
V
DSS
Drain-Source Voltage
-20
V
V
GSS
Gate-Source Voltage
±8
V
I
D
Drain Current
- Continuous
-1.3
A
- Pulsed
-10
P
D
Maximum Power Dissipation
(Note 1a)
0.5
W
(Note 1b)
0.46
T
J,TSTG
Operating and Storage Temperature Range
-55 to +150
°C
THERMAL CHARACTERISTICS
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
250
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
75
°C/W
FDN336P Rev.C
-1.3 A, -20 V. R
DS(ON) = 0.20 @ VGS = -4.5 V
R
DS(ON) = 0.27 @ VGS= -2.5 V.
Low gate charge (3.6 nC typical).
High performance trench technology for extremely low
R
DS(ON).
High power version of industry standard SOT-23 package.
Identical pin out to SOT-23 with 30% higher power handling
capability.
This
P-Channel 2.5V specified MOSFET is produced
using Fairchild Semiconductor's advanced PowerTrench
process that has been especially tailored to minimize the
on-state resistance and yet maintain low gate charge for
superior switching performance.
These devices are well suited for portable electronics
applications: load switching and power management,
battery charging circuits, and DC/DC conversion.
SOT-23
SuperSOT
TM-8
SOIC-16
SO-8
SOT-223
SuperSOT
TM-6
G
D
S
SuperSOT -3
TM
336
D
S
G
© 1998 Fairchild Semiconductor Corporation


Numéro de pièce similaire - FDN336

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Youtai Semico...
FDN336 UMW-FDN336 Datasheet
399Kb / 5P
   P-Channel 2.5 V (D-S) MOSFET
logo
Fairchild Semiconductor
FDN336P FAIRCHILD-FDN336P Datasheet
77Kb / 5P
   Single P-Channel 2.5V Specified PowerTrench MOSFET
logo
Guangdong Kexin Industr...
FDN336P KEXIN-FDN336P Datasheet
131Kb / 4P
   P-Channel Enhancement MOSFET
logo
TECH PUBLIC Electronics...
FDN336P TECHPUBLIC-FDN336P Datasheet
1Mb / 4P
   P-Channel Mosfet
logo
VBsemi Electronics Co.,...
FDN336P-NL VBSEMI-FDN336P-NL Datasheet
1Mb / 9P
   P-Channel 20-V (D-S) MOSFET
More results

Description similaire - FDN336

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDS6375 FAIRCHILD-FDS6375 Datasheet
194Kb / 8P
   Single P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDC640P FAIRCHILD-FDC640P Datasheet
261Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDC638P FAIRCHILD-FDC638P Datasheet
240Kb / 9P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDS6576 FAIRCHILD-FDS6576 Datasheet
607Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
USB10P FAIRCHILD-USB10P Datasheet
279Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDR838P FAIRCHILD-FDR838P Datasheet
204Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDS6875 FAIRCHILD-FDS6875 Datasheet
194Kb / 8P
   Dual P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDZ202P FAIRCHILD-FDZ202P Datasheet
35Kb / 4P
   P-Channel 2.5V Specified PowerTrenchTM BGA MOSFET
FDC637AN FAIRCHILD-FDC637AN Datasheet
240Kb / 8P
   Single N-Channel, 2.5V Specified PowerTrenchTM MOSFET
FDC6327C FAIRCHILD-FDC6327C Datasheet
323Kb / 12P
   Dual N & P-Channel 2.5V Specified PowerTrenchTM MOSFET
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com