Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDN336 Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce FDN336
Description  Single P-Channel 2.5V Specified PowerTrenchTM MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDN336 Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  FDN336 Datasheet HTML 1Page - Fairchild Semiconductor FDN336 Datasheet HTML 2Page - Fairchild Semiconductor FDN336 Datasheet HTML 3Page - Fairchild Semiconductor FDN336 Datasheet HTML 4Page - Fairchild Semiconductor FDN336 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
FDN336P Rev.C
0.0001
0.001
0.01
0.1
1
10
100 300
0
10
20
30
40
50
SINGLE PULSE TIME (SEC)
SINGLE PULSE
R
=270°C/W
T = 25°C
θJA
A
Figure 10. Single Pulse Maximum Power
Dissipation.
0.0001
0.001
0.01
0.1
1
10
100
300
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
t , TIME (sec)
R
(t) = r(t) * R
R
= 270 °C/W
Duty Cycle, D = t /t
1
2
θJA
θJA
θJA
T - T
= P * R
(t)
θJA
A
J
P(pk)
t1
t 2
1
Single Pulse
D = 0.5
0.1
0.05
0.02
0.01
0.2
0.1
0.2
0.5
1
2
5
10
20
40
100
200
400
700
-V
, DRAIN TO SOURCE VOLTAGE (V)
DS
Ciss
f = 1 MHz
V
= 0 V
GS
Coss
Crss
Figure 8. Capacitance Characteristics.
Figure 7. Gate Charge Characteristics.
Figure 9. Maximum Safe Operating Area.
Typical Electrical Characteristics
(continued)
0
1
2
3
4
0
1
2
3
4
5
Q
, GATE CHARGE (nC)
g
V
= -5V
DS
-15V
I
= -1.3A
D
-10V
0.2
0.5
1
3
5
10
30
0.01
0.03
0.1
0.3
1
3
10
30
-V
, DRAIN-SOURCE VOLTAGE (V)
RDS(ON)
LIMIT
DS
V
= -4.5V
SINGLE PULSE
R
= 270°C/W
T
= 25°C
θJA
GS
A
DC
1s
100ms
10ms
1ms
10s
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1b.
Transient thermal response will change depending on the circuit board design.


Numéro de pièce similaire - FDN336

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Youtai Semico...
FDN336 UMW-FDN336 Datasheet
399Kb / 5P
   P-Channel 2.5 V (D-S) MOSFET
logo
Fairchild Semiconductor
FDN336P FAIRCHILD-FDN336P Datasheet
77Kb / 5P
   Single P-Channel 2.5V Specified PowerTrench MOSFET
logo
Guangdong Kexin Industr...
FDN336P KEXIN-FDN336P Datasheet
131Kb / 4P
   P-Channel Enhancement MOSFET
logo
TECH PUBLIC Electronics...
FDN336P TECHPUBLIC-FDN336P Datasheet
1Mb / 4P
   P-Channel Mosfet
logo
VBsemi Electronics Co.,...
FDN336P-NL VBSEMI-FDN336P-NL Datasheet
1Mb / 9P
   P-Channel 20-V (D-S) MOSFET
More results

Description similaire - FDN336

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDS6375 FAIRCHILD-FDS6375 Datasheet
194Kb / 8P
   Single P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDC640P FAIRCHILD-FDC640P Datasheet
261Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDC638P FAIRCHILD-FDC638P Datasheet
240Kb / 9P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDS6576 FAIRCHILD-FDS6576 Datasheet
607Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
USB10P FAIRCHILD-USB10P Datasheet
279Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDR838P FAIRCHILD-FDR838P Datasheet
204Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDS6875 FAIRCHILD-FDS6875 Datasheet
194Kb / 8P
   Dual P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDZ202P FAIRCHILD-FDZ202P Datasheet
35Kb / 4P
   P-Channel 2.5V Specified PowerTrenchTM BGA MOSFET
FDC637AN FAIRCHILD-FDC637AN Datasheet
240Kb / 8P
   Single N-Channel, 2.5V Specified PowerTrenchTM MOSFET
FDC6327C FAIRCHILD-FDC6327C Datasheet
323Kb / 12P
   Dual N & P-Channel 2.5V Specified PowerTrenchTM MOSFET
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com