Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDN336P Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce FDN336P
Description  Single P-Channel 2.5V Specified PowerTrenchTM MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDN336P Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  FDN336P Datasheet HTML 1Page - Fairchild Semiconductor FDN336P Datasheet HTML 2Page - Fairchild Semiconductor FDN336P Datasheet HTML 3Page - Fairchild Semiconductor FDN336P Datasheet HTML 4Page - Fairchild Semiconductor FDN336P Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics (T
A = 25
O
C unless otherwise noted )
Symbol
Parameter
Conditions
Min
Typ
Max
Units
OFF CHARACTERISTICS
BV
DSS
Drain-Source Breakdown Voltage
V
GS = 0 V, ID = -250 µA
-20
V
BV
DSS/TJ
Breakdown Voltage Temp. Coefficient
I
D = -250 µA, Referenced to 25
oC
-16
mV /
o C
I
DSS
Zero Gate Voltage Drain Current
V
DS = -16 V, VGS = 0 V
-1
µA
T
J = 55°C
-10
µA
I
GSSF
Gate - Body Leakage, Forward
V
GS = 8 V, VDS = 0 V
100
nA
I
GSSR
Gate - Body Leakage, Reverse
V
GS = -8 V, VDS = 0 V
-100
nA
ON CHARACTERISTICS (Note 2)
V
GS(th)
Gate Threshold Voltage
V
DS = VGS, ID = -250 µA
-0.4
-0.9
-1.5
V
V
GS(th)/TJ
Gate Threshold Voltage Temp. Coefficient
I
D = -250 µA, Referenced to 25
oC
3
mV /
oC
R
DS(ON)
Static Drain-Source On-Resistance
V
GS = -4.5 V, ID = -1.3 A
0.122
0.2
T
J =125°C
0.18
0.32
V
GS = -2.5 V, I D = -1.1 A
0.19
0.27
I
D(ON)
On-State Drain Current
V
GS = -4.5 V, VDS = -5 V
-5
A
g
FS
Forward Transconductance
V
DS = -4.5 V, ID = -2 A
4
S
DYNAMIC CHARACTERISTICS
C
iss
Input Capacitance
V
DS = -10 V, VGS = 0 V,
f = 1.0 MHz
330
pF
C
oss
Output Capacitance
80
pF
C
rss
Reverse Transfer Capacitance
35
pF
SWITCHING CHARACTERISTICS (Note 2)
t
D(on)
Turn - On Delay Time
V
DD = -5 V, ID = -0.5 A,
V
GS = -4.5 V, RGEN = 6
7
15
ns
t
r
Turn - On Rise Time
12
22
ns
t
D(off)
Turn - Off Delay Time
16
26
ns
t
f
Turn - Off Fall Time
5
12
ns
Q
g
Total Gate Charge
V
DS = -10 V, ID = - 2 A,
V
GS = -4.5 V
3.6
5
nC
Q
gs
Gate-Source Charge
0.8
nC
Q
gd
Gate-Drain Charge
0.7
nC
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
I
S
Maximum Continuous Drain-Source Diode Forward Current
-0.42
A
V
SD
Drain-Source Diode Forward Voltage
V
GS = 0 V, IS = -0.42 A
(Note)
-0.7
-1.2
V
Note:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins. RθJC is guaranteed by
design while RθCA is determined by the user's board design.
Scale 1 : 1 on letter size paper
2. Pulse Test: Pulse Width < 300µs, Duty Cycle < 2.0%.
FDN336P Rev.C
a. 250
oC/W when mounted on
a 0.02 in
2 pad of 2oz Cu.
b. 270
oC/W when mounted on
a 0.001 in
2 pad of 2oz Cu.


Numéro de pièce similaire - FDN336P

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDN336P FAIRCHILD-FDN336P Datasheet
77Kb / 5P
   Single P-Channel 2.5V Specified PowerTrench MOSFET
logo
Guangdong Kexin Industr...
FDN336P KEXIN-FDN336P Datasheet
131Kb / 4P
   P-Channel Enhancement MOSFET
logo
TECH PUBLIC Electronics...
FDN336P TECHPUBLIC-FDN336P Datasheet
1Mb / 4P
   P-Channel Mosfet
logo
VBsemi Electronics Co.,...
FDN336P-NL VBSEMI-FDN336P-NL Datasheet
1Mb / 9P
   P-Channel 20-V (D-S) MOSFET
logo
Fairchild Semiconductor
FDN336P FAIRCHILD-FDN336P_05 Datasheet
77Kb / 5P
   Single P-Channel 2.5V Specified PowerTrench MOSFET
More results

Description similaire - FDN336P

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDS6375 FAIRCHILD-FDS6375 Datasheet
194Kb / 8P
   Single P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDC640P FAIRCHILD-FDC640P Datasheet
261Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDC638P FAIRCHILD-FDC638P Datasheet
240Kb / 9P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDS6576 FAIRCHILD-FDS6576 Datasheet
607Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
USB10P FAIRCHILD-USB10P Datasheet
279Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDR838P FAIRCHILD-FDR838P Datasheet
204Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDS6875 FAIRCHILD-FDS6875 Datasheet
194Kb / 8P
   Dual P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDZ202P FAIRCHILD-FDZ202P Datasheet
35Kb / 4P
   P-Channel 2.5V Specified PowerTrenchTM BGA MOSFET
FDC637AN FAIRCHILD-FDC637AN Datasheet
240Kb / 8P
   Single N-Channel, 2.5V Specified PowerTrenchTM MOSFET
FDC6327C FAIRCHILD-FDC6327C Datasheet
323Kb / 12P
   Dual N & P-Channel 2.5V Specified PowerTrenchTM MOSFET
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com