Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDN335N Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce FDN335N
Description  N-Channel 2.5V Specified PowerTrenchTM MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDN335N Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  FDN335N Datasheet HTML 1Page - Fairchild Semiconductor FDN335N Datasheet HTML 2Page - Fairchild Semiconductor FDN335N Datasheet HTML 3Page - Fairchild Semiconductor FDN335N Datasheet HTML 4Page - Fairchild Semiconductor FDN335N Datasheet HTML 5Page - Fairchild Semiconductor FDN335N Datasheet HTML 6Page - Fairchild Semiconductor FDN335N Datasheet HTML 7Page - Fairchild Semiconductor FDN335N Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
FDN335N Rev. C
Electrical Characteristics
T
A = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = 250
µA20
V
∆BVDSS
∆TJ
Breakdown Voltage Temperature
Coefficient
ID = 250
µA,Referenced to 25°C14
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = 16 V, VGS = 0 V
1
µA
IGSSF
Gate-Body Leakage Current,
Forward
VGS = 8 V, VDS = 0 V
100
nA
IGSSR
Gate-Body Leakage Current,
Reverse
VGS = -8 V, VDS = 0 V
-100
nA
On Characteristics (Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250
µA
0.4
0.9
1.5
V
∆VGS(th)
∆TJ
Gate Threshold Voltage
Temperature Coefficient
ID = 250
µA,Referenced to 25°C-3
mV/
°C
RDS(ON)
Static Drain-Source
On-Resistance
VGS = 4.5 V, ID = 1.7 A
VGS = 4.5 V, ID = 1.7 A,TJ = 125
°C
VGS = 2.5 V, ID = 1.5 A
0.055
0.079
0.078
0.070
0.120
0.100
ID(on)
On-State Drain Current
VGS = 4.5 V, VDS = 5 V
8
A
gFS
Forward Transconductance
VDS = 5 V, ID = 1.5 A
7
S
Dynamic Characteristics
Ciss
Input Capacitance
310
pF
Coss
Output Capacitance
80
pF
Crss
Reverse Transfer Capacitance
VDS = 10 V, VGS = 0 V,
f = 1.0 MHz
40
pF
Switching Characteristics (Note 2)
td(on)
Turn-On Delay Time
5
15
ns
tr
Turn-On Rise Time
8.5
17
ns
td(off)
Turn-Off Delay Time
11
20
ns
tf
Turn-Off Fall Time
VDD = 10 V, ID = 1 A,
VGS = 4.5 V, RGEN = 6
310
ns
Qg
Total Gate Charge
3.5
5
nC
Qgs
Gate-Source Charge
0.55
nC
Qgd
Gate-Drain Charge
VDS = 10 V, ID = 1.7 A,
VGS = 4.5 V,
0.95
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
0.42
A
VSD
Drain-Source Diode Forward
Voltage
VGS = 0 V, IS = 0.42 A
(Note 2)
0.7
1.2
V
Notes:
1: RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting
surface of the drain pins. RθJCis guaranteed by design while RθCAis determined by the user's board design.
Scale 1 : 1 on letter size paper
2: Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2.0%
a) 250
°C/W when
mounted on a 0.02 in2
Pad of 2 oz. Cu.
b) 270
°C/W when mounted
on a minimum pad.


Numéro de pièce similaire - FDN335N

FabricantNo de pièceFiches techniqueDescription
logo
Shenzhen Jin Yu Semicon...
FDN335N HTSEMI-FDN335N Datasheet
1Mb / 4P
   20 V N-Channel Enhancement Mode MOSFET
logo
Guangdong Youtai Semico...
FDN335N UMW-FDN335N Datasheet
384Kb / 3P
   SOT-23 Plastic-Encapsulate MOSFETS
logo
VBsemi Electronics Co.,...
FDN335N-NL VBSEMI-FDN335N-NL Datasheet
1Mb / 9P
   N-Channel 20 V (D-S) MOSFET
More results

Description similaire - FDN335N

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDC637AN FAIRCHILD-FDC637AN Datasheet
240Kb / 8P
   Single N-Channel, 2.5V Specified PowerTrenchTM MOSFET
FDC6305N FAIRCHILD-FDC6305N Datasheet
246Kb / 8P
   Dual N-Channel 2.5V Specified PowerTrenchTM MOSFET
FDS6890A FAIRCHILD-FDS6890A Datasheet
241Kb / 8P
   Dual N-Channel 2.5V Specified PowerTrenchTM MOSFET
FDZ201N FAIRCHILD-FDZ201N Datasheet
37Kb / 4P
   N-Channel 2.5V Specified PowerTrenchTM BGA MOSFET
FDC640P FAIRCHILD-FDC640P Datasheet
261Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDC6327C FAIRCHILD-FDC6327C Datasheet
323Kb / 12P
   Dual N & P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDC638P FAIRCHILD-FDC638P Datasheet
240Kb / 9P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDS6576 FAIRCHILD-FDS6576 Datasheet
607Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
USB10P FAIRCHILD-USB10P Datasheet
279Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDR838P FAIRCHILD-FDR838P Datasheet
204Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com