Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDN304P Fiches technique(PDF) 7 Page - Fairchild Semiconductor

No de pièce FDN304P
Description  P-Channel 1.8V Specified PowerTrench MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDN304P Fiches technique(HTML) 7 Page - Fairchild Semiconductor

  FDN304P Datasheet HTML 1Page - Fairchild Semiconductor FDN304P Datasheet HTML 2Page - Fairchild Semiconductor FDN304P Datasheet HTML 3Page - Fairchild Semiconductor FDN304P Datasheet HTML 4Page - Fairchild Semiconductor FDN304P Datasheet HTML 5Page - Fairchild Semiconductor FDN304P Datasheet HTML 6Page - Fairchild Semiconductor FDN304P Datasheet HTML 7Page - Fairchild Semiconductor FDN304P Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SuperSOT
™-3 (FS PKG Code 32)
1 : 1
Scale 1:1 on letter size paper
Di mensions shown below are in:
inches [mil limeters]
Part Weight per unit (gram): 0.0097
SuperSOTTM-3 Tape and Reel Data and Package Dimensions, continued
September 1998, Rev. A


Numéro de pièce similaire - FDN304P

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDN304P FAIRCHILD-FDN304P Datasheet
106Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
logo
Guangdong Kexin Industr...
FDN304P KEXIN-FDN304P Datasheet
1Mb / 4P
   P-Channel MOSFET
logo
AiT Semiconductor Inc.
FDN304P AITSEMI-FDN304P Datasheet
497Kb / 6P
   POWER MOSFET -3A, -16V P-CHANNEL
REV1.0
logo
TECH PUBLIC Electronics...
FDN304P TECHPUBLIC-FDN304P Datasheet
1Mb / 3P
   P-Channel 1.8V Specifiedd PowerTrench Mosfet
logo
Guangdong Youtai Semico...
FDN304P UMW-FDN304P Datasheet
825Kb / 3P
   SOT-23 Plastic-Encapsulate MOSFETS
More results

Description similaire - FDN304P

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDG6308P FAIRCHILD-FDG6308P Datasheet
85Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDW254PZ FAIRCHILD-FDW254PZ_08 Datasheet
230Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDJ1027P FAIRCHILD-FDJ1027P_06 Datasheet
1Mb / 6P
   P-Channel 1.8V Specified PowerTrench MOSFET
logo
ON Semiconductor
FDC606P ONSEMI-FDC606P Datasheet
215Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
September-2017, Rev. 5
logo
Fairchild Semiconductor
SI3445DV FAIRCHILD-SI3445DV Datasheet
90Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
SI3447DV FAIRCHILD-SI3447DV Datasheet
90Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
SI6467DQ FAIRCHILD-SI6467DQ Datasheet
98Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDC606P FAIRCHILD-FDC606P Datasheet
154Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDN304P FAIRCHILD-FDN304P_01 Datasheet
106Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDS-4465 FAIRCHILD-FDS-4465 Datasheet
371Kb / 5P
   P-Channel 1.8V Specified PowerTrench??MOSFET
FDG330P FAIRCHILD-FDG330P Datasheet
150Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com