Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDN304P Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce FDN304P
Description  P-Channel 1.8V Specified PowerTrench MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDN304P Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  FDN304P Datasheet HTML 1Page - Fairchild Semiconductor FDN304P Datasheet HTML 2Page - Fairchild Semiconductor FDN304P Datasheet HTML 3Page - Fairchild Semiconductor FDN304P Datasheet HTML 4Page - Fairchild Semiconductor FDN304P Datasheet HTML 5Page - Fairchild Semiconductor FDN304P Datasheet HTML 6Page - Fairchild Semiconductor FDN304P Datasheet HTML 7Page - Fairchild Semiconductor FDN304P Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
FDN304P Rev B(W)
Typical Characteristics
0
3
6
9
12
15
00.5
11.522.5
-VDS, DRAIN-SOURCE VOLTAGE (V)
-1.8V
-2.0V
-2.5V
-1.5V
VGS = -4.5V
-3.0V
0.5
1
1.5
2
2.5
3
3.5
4
036
9
12
15
-ID, DRAIN CURRENT (A)
VGS = -1.5V
-2.0V
-2.5V
-4.5V
-3.0V
-1.8V
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (
oC)
ID = -2.4A
VGS = -4.5V
0.02
0.04
0.06
0.08
0.1
0.12
0.14
12
34
5
-VGS, GATE TO SOURCE VOLTAGE (V)
ID = -1.2 A
TA = 125
oC
TA = 25
oC
Figure 3. On-Resistance Variation with
Temperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
0
3
6
9
12
15
0
0.5
1
1.5
2
2.5
3
-VGS, GATE TO SOURCE VOLTAGE (V)
TA =
25
oC
VDS = - 5V
-55
oC
0.0001
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
-VSD, BODY DIODE FORWARD VOLTAGE (V)
TA = 125
oC
25
oC
-55
oC
VGS = 0V
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature.


Numéro de pièce similaire - FDN304P

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDN304P FAIRCHILD-FDN304P Datasheet
106Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
logo
Guangdong Kexin Industr...
FDN304P KEXIN-FDN304P Datasheet
1Mb / 4P
   P-Channel MOSFET
logo
AiT Semiconductor Inc.
FDN304P AITSEMI-FDN304P Datasheet
497Kb / 6P
   POWER MOSFET -3A, -16V P-CHANNEL
REV1.0
logo
TECH PUBLIC Electronics...
FDN304P TECHPUBLIC-FDN304P Datasheet
1Mb / 3P
   P-Channel 1.8V Specifiedd PowerTrench Mosfet
logo
Guangdong Youtai Semico...
FDN304P UMW-FDN304P Datasheet
825Kb / 3P
   SOT-23 Plastic-Encapsulate MOSFETS
More results

Description similaire - FDN304P

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDG6308P FAIRCHILD-FDG6308P Datasheet
85Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDW254PZ FAIRCHILD-FDW254PZ_08 Datasheet
230Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDJ1027P FAIRCHILD-FDJ1027P_06 Datasheet
1Mb / 6P
   P-Channel 1.8V Specified PowerTrench MOSFET
logo
ON Semiconductor
FDC606P ONSEMI-FDC606P Datasheet
215Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
September-2017, Rev. 5
logo
Fairchild Semiconductor
SI3445DV FAIRCHILD-SI3445DV Datasheet
90Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
SI3447DV FAIRCHILD-SI3447DV Datasheet
90Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
SI6467DQ FAIRCHILD-SI6467DQ Datasheet
98Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDC606P FAIRCHILD-FDC606P Datasheet
154Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDN304P FAIRCHILD-FDN304P_01 Datasheet
106Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDS-4465 FAIRCHILD-FDS-4465 Datasheet
371Kb / 5P
   P-Channel 1.8V Specified PowerTrench??MOSFET
FDG330P FAIRCHILD-FDG330P Datasheet
150Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com