Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDN302 Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce FDN302
Description  P-Channel 2.5V Specified PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDN302 Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  FDN302 Datasheet HTML 1Page - Fairchild Semiconductor FDN302 Datasheet HTML 2Page - Fairchild Semiconductor FDN302 Datasheet HTML 3Page - Fairchild Semiconductor FDN302 Datasheet HTML 4Page - Fairchild Semiconductor FDN302 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
October 2000
2000 Fairchild Semiconductor Corporation
FDN302P Rev C(W)
FDN302P
P-Channel 2.5V Specified PowerTrench
MOSFET
General Description
This P-Channel 2.5V specified MOSFET uses a rugged
gate version of Fairchild’s advanced PowerTrench
process. It has been optimized for power management
applications with a wide range of gate drive voltage
(2.5V – 12V).
Applications
• Power management
• Load switch
• Battery protection
Features
• –20 V, –2.4 A. R
DS(ON) = 0.055
Ω @ V
GS = –4.5 V
RDS(ON) = 0.080
Ω @ V
GS = –2.5 V
• Fast switching speed
• High performance trench technology for extremely
low RDS(ON)
• SuperSOTTM -3 provides low R
DS(ON) and 30% higher
power handling capability than SOT23 in the same
footprint
G
D
S
SuperSOT -3
TM
D
S
G
Absolute Maximum Ratings
TA=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
20
V
VGSS
Gate-Source Voltage
±12
V
ID
Drain Current
– Continuous
(Note 1a)
2.4
A
– Pulsed
10
Maximum Power Dissipation
(Note 1a)
0.5
PD
(Note 1b)
0.46
W
TJ, TSTG
Operating and Storage Junction Temperature Range
55 to +150
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
250
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
75
°C/W
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
302
FDN302P
7’’
8mm
3000 units


Numéro de pièce similaire - FDN302

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
FDN302P TI1-FDN302P Datasheet
1Mb / 34P
[Old version datasheet]   Contains all support circuitry needed for the ADS1148/ADS1248
FDN302P TI1-FDN302P Datasheet
2Mb / 27P
[Old version datasheet]   Contains all support circuitry needed for the ADS1146/ADS1246
July2009
logo
TECH PUBLIC Electronics...
FDN302P TECHPUBLIC-FDN302P Datasheet
11Mb / 6P
   P-Channel Enhancement-Mode MOS FETs
logo
Guangdong Youtai Semico...
FDN302P UMW-FDN302P Datasheet
309Kb / 5P
   P-Channel 2.5 V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
FDN302P-NL VBSEMI-FDN302P-NL Datasheet
1Mb / 9P
   P-Channel 20-V (D-S) MOSFET
More results

Description similaire - FDN302

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDC634P FAIRCHILD-FDC634P_01 Datasheet
138Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
SI4463DY FAIRCHILD-SI4463DY Datasheet
49Kb / 3P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDC638P FAIRCHILD-FDC638P_01 Datasheet
156Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
FDN342P FAIRCHILD-FDN342P Datasheet
307Kb / 8P
   P-Channel 2.5V Specified PowerTrench??MOSFET
FDR840P FAIRCHILD-FDR840P Datasheet
78Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDC602P FAIRCHILD-FDC602P_01 Datasheet
66Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
FDW264P FAIRCHILD-FDW264P Datasheet
153Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
SI6463DQ FAIRCHILD-SI6463DQ Datasheet
97Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDS6576 FAIRCHILD-FDS6576_06 Datasheet
451Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDS6375 KEXIN-KDS6375 Datasheet
66Kb / 2P
   P-Channel 2.5V Specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com