Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDN302 Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce FDN302
Description  P-Channel 2.5V Specified PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDN302 Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  FDN302 Datasheet HTML 1Page - Fairchild Semiconductor FDN302 Datasheet HTML 2Page - Fairchild Semiconductor FDN302 Datasheet HTML 3Page - Fairchild Semiconductor FDN302 Datasheet HTML 4Page - Fairchild Semiconductor FDN302 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
FDN302P Rev C(W)
Typical Characteristics
0
1
2
3
4
5
02468
10
Qg, GATE CHARGE (nC)
ID = -2.4A
VDS = -5V
-15V
-10V
0
200
400
600
800
1000
1200
1400
0
2468
10
12
-VDS, DRAIN TO SOURCE VOLTAGE (V)
CISS
C
RSS
C
OSS
f = 1MHz
V
GS = 0 V
Figure 7. Gate Charge Characteristics.
Figure 8. Capacitance Characteristics.
0.01
0.1
1
10
100
0.1
1
10
100
-VDS, DRAIN-SOURCE VOLTAGE (V)
DC
10s
1s
100ms
R
DS(ON) LIMIT
VGS =-4.5V
SINGLE PULSE
RθJA = 270
oC/W
T
A = 25
oC
10ms
1ms
0
5
10
15
20
0.001
0.01
0.1
1
10
100
1000
t1, TIME (sec)
SINGLE PULSE
RθJA = 270°C/W
TA = 25°C
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum
Power Dissipation.
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t1, TIME (sec)
RθJA(t) = r(t) + RθJA
RθJA = 270 °C/W
TJ - TA = P * RθJA(t)
Duty Cycle, D = t1 / t2
P(pk)
t1
t2
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2
D = 0.5
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1b.
Transient themal response will change depending on the circuit board design.


Numéro de pièce similaire - FDN302

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
FDN302P TI1-FDN302P Datasheet
1Mb / 34P
[Old version datasheet]   Contains all support circuitry needed for the ADS1148/ADS1248
FDN302P TI1-FDN302P Datasheet
2Mb / 27P
[Old version datasheet]   Contains all support circuitry needed for the ADS1146/ADS1246
July2009
logo
TECH PUBLIC Electronics...
FDN302P TECHPUBLIC-FDN302P Datasheet
11Mb / 6P
   P-Channel Enhancement-Mode MOS FETs
logo
Guangdong Youtai Semico...
FDN302P UMW-FDN302P Datasheet
309Kb / 5P
   P-Channel 2.5 V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
FDN302P-NL VBSEMI-FDN302P-NL Datasheet
1Mb / 9P
   P-Channel 20-V (D-S) MOSFET
More results

Description similaire - FDN302

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDC634P FAIRCHILD-FDC634P_01 Datasheet
138Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
SI4463DY FAIRCHILD-SI4463DY Datasheet
49Kb / 3P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDC638P FAIRCHILD-FDC638P_01 Datasheet
156Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
FDN342P FAIRCHILD-FDN342P Datasheet
307Kb / 8P
   P-Channel 2.5V Specified PowerTrench??MOSFET
FDR840P FAIRCHILD-FDR840P Datasheet
78Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDC602P FAIRCHILD-FDC602P_01 Datasheet
66Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
FDW264P FAIRCHILD-FDW264P Datasheet
153Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
SI6463DQ FAIRCHILD-SI6463DQ Datasheet
97Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDS6576 FAIRCHILD-FDS6576_06 Datasheet
451Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDS6375 KEXIN-KDS6375 Datasheet
66Kb / 2P
   P-Channel 2.5V Specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com