Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4154 Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce 1N4154
Description  High Conductance Fast Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

1N4154 Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  1N4154_09 Datasheet HTML 1Page - Fairchild Semiconductor 1N4154_09 Datasheet HTML 2Page - Fairchild Semiconductor 1N4154_09 Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
1N4154 Rev. B0
1
July 2009
1N4154
High Conductance Fast Diode
Features
• 500 milliwatt Power Dissipation package.
• Fast Switching Speed.
• Typical capacitance less than 1.0 picofarad.
Absolute Maximum Ratings * T
A = 25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Thermal Characteristics
Symbol
Parameter
Value
Unit
WIV
Working Inverse Voltage
35
V
IO
Average Rectified Current
100
mA
IF
DC Forward Current (IF)
300
mA
if
Recurrent Peak Forward Current (IF)
400
mA
iF(surge)
Peak Forward Surge Current (IFSM)
Pulse Width = 1.0 second
Pulse Width = 1.0 microsecond
1.0
4.0
A
A
TSTG
Storage Temperature Range
-65 to +200
°C
TJ
Operating Junction Temperature
175
°C
Symbol
Parameter
Value
Unit
PD
Total Power Dissipation at TA = 25°C
Linear Derating Factor from TA = 25°C
500
3.33
mW
mW/°C
RθJA
Thermal Resistance, Junction to Ambient
300
°C/W
DO-35
Color Band Denotes Cathode
General Description
The high breakdown voltage, fast switching speed and
high forward conductance of this diode packaged in a
DO-35 miniature Glass Axial leaded package makes it
desirable also as a general purpose diode.


Numéro de pièce similaire - 1N4154_09

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
1N4154-1 MICROSEMI-1N4154-1 Datasheet
194Kb / 3P
   Computer Switching Diode
Rev. 1
logo
Vishay Siliconix
1N4154TAP VISHAY-1N4154TAP Datasheet
80Kb / 4P
   Small Signal Fast Switching Diodes
Rev. 1.9, 06-May-13
1N4154 VISHAY-1N4154_12 Datasheet
105Kb / 4P
   Small Signal Fast Switching Diodes
Rev. 1.9, 17-Aug-10
1N4154 VISHAY-1N4154_V01 Datasheet
81Kb / 4P
   Small Signal Fast Switching Diodes
01-Jan-2022
More results

Description similaire - 1N4154_09

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
MMSD4148 FAIRCHILD-MMSD4148 Datasheet
22Kb / 2P
   High Conductance Fast Diode
1N4154 FAIRCHILD-1N4154 Datasheet
129Kb / 5P
   High Conductance Fast Diode
MMBD4448 FAIRCHILD-MMBD4448 Datasheet
41Kb / 5P
   High Conductance Fast Diode
MMSD914 FAIRCHILD-MMSD914 Datasheet
22Kb / 3P
   High Conductance Fast Diode
1N4150 FAIRCHILD-1N4150 Datasheet
26Kb / 3P
   High Conductance Ultra Fast Diode
logo
Unisonic Technologies
BAV99 UTC-BAV99_09 Datasheet
187Kb / 4P
   HIGH CONDUCTANCE ULTRA FAST DIODE
logo
Fairchild Semiconductor
FDH600 FAIRCHILD-FDH600_97 Datasheet
28Kb / 3P
   High Conductance Ultra Fast Diode
1N4148WT FAIRCHILD-1N4148WT Datasheet
134Kb / 6P
   High Conductance Fast Switching Diode
logo
Unisonic Technologies
BAV99 UTC-BAV99 Datasheet
98Kb / 4P
   HIGH CONDUCTANCE ULTRA FAST DIODE
logo
Guangdong Kexin Industr...
MMBD1201 KEXIN-MMBD1201 Datasheet
41Kb / 2P
   High Conductance Ultra Fast Diode
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com