Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADF4108S Fiches technique(PDF) 2 Page - Analog Devices

No de pièce ADF4108S
Description  PLL Frequency Synthesizer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADF4108S Fiches technique(HTML) 2 Page - Analog Devices

  ADF4108S Datasheet HTML 1Page - Analog Devices ADF4108S Datasheet HTML 2Page - Analog Devices ADF4108S Datasheet HTML 3Page - Analog Devices ADF4108S Datasheet HTML 4Page - Analog Devices ADF4108S Datasheet HTML 5Page - Analog Devices ADF4108S Datasheet HTML 6Page - Analog Devices ADF4108S Datasheet HTML 7Page - Analog Devices ADF4108S Datasheet HTML 8Page - Analog Devices ADF4108S Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
ADF4108S
ASD0016548 Rev. A | Page 2 of 21
4.0.
Specifications
4.1. Absolute maximum ratings 1/
AVdd to GND ................................................................................................................................-0.3V to +3.9 V
AVdd to DVdd................................................................................................................................-0.3V to +0.3 V
Vp to GND ....................................................................................................................................-0.3V to +5.8 V
Vp to AVdd....................................................................................................................................-0.3V to +5.8 V
Digital I/O Voltage to GND ...................................................................................................-0.3V to Vdd + 0.3 V
Analog I/O Voltage to GND .....................................................................................................-0.3V to Vp +0.3 V
REFin, RFinA, RFinB to GND ...............................................................................................-0.3V to Vdd +0.3 V
RFinA to RFinB ………………………................................................................................................. +/- 600 mV
Operating Temperature Range ................................................................................................-55 ºC to +125 ºC
Storage Temperature Range................................................................................................... –65°C to +150 °C
Maximum Junction Temperature (TJ)........................................................................................................150 °C
Lead Temperature (Soldering 60 Sec).....................................................................................................+300 °C
Thermal resistance, junction-to-case (
θ
JC)...........................................................................................31 °C/W 2/
Thermal resistance, junction-to-ambient (
θ
JA)....................................................................................36 °C/W 2/
4.2. Recommended operating conditions
AVdd = DVdd ………………………................................................................................................3.2 V to 3.6 V
Vp ………………………....................................................................................................................Vdd to 5.5 V
Ambient Operating Temperature Range …………….............................................................. -55 ºC to +125 ºC
4.3. Nominal operating performance characteristics (TA = 25°C, AVDD = DVDD = 3.3V, GND = AGND = DGND = CPGND = 0V,
VCP = 5V, RSET = 5.1kΩ, RFinB cap coupled to ground, unless otherwise noted)
RF Frequency....................................................................................................................... 1.0 GHz to 7.0 GHz
REF Frequency.................................................................................................................... 20 MHz to 250 MHz
Phase Detector
Max sampling Frequency ………………………................................................................................. 104 MHz
Logic In
Max Input Capacitance ……………………….......................................................................................... 10 pF
REFin
Max Input Capacitance ……………………….......................................................................................... 10 pF
Noise Characteristics
Normalized Phase Noise Floor (PNSYNTH)............................................................................... -223 dBc/Hz 3/
Normalized 1/f Noise (PN1_f) ................................................................................................. -122 dBc/Hz 4/
Phase Noise Performance 7900 MHz Output.......................................................................... -81 dBc/Hz 5/
Spurious Signals 7900 MHz Output.............................................................................................. -82 dBc 5/
NOTES
1/ Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional
operation of the device at these or any other conditions outside of those indicated in the operation sections of this specification is not implied. Exposure
to absolute maximum ratings for extended periods may affect device reliability.
2/ Measurement taken under absolute worst case condition and represents data taken with a thermal camera for highest power density location. See
MIL-STD-1835 for average package Theta JC numbers.
3/ PLL loop B/W = 500 kHz, measured at 100 kHz offset. The synthesizers phase noise is estimated by measuring the in-band phase noise at the
output of the VCO and subtracting 20 log N (where N is the N divider value) and 10log FPFD. So PNSYNTH = PNTOT – 10 log FPFD - 20 log N.
4/ 10 kHz offset; normalized to 1 GHz. The PLL phase noise is composed of 1/f (flicker) noise plus the normalized PLL noise floor. The formula for
calculating the 1/f noise contribution at an RF frequency,
fRF and at a frequency offset, f, is given by PN = PN1_f + 10 log(10 kHz/f) – 10log(fRF/ 1GHz).
5/ At VCO output and 1 kHz offset.
fREFIN = 10MHz, fPFD = 1MHz, fRF = 7900MHz, N = 7900; Loop B/W = 30kHZ, VCO = ZComm CRO8000Z with +10
dB RF Amp so that the PLL RFin = +5dBm.


Numéro de pièce similaire - ADF4108S

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADF4108 AD-ADF4108 Datasheet
445Kb / 20P
   PLL Frequency Synthesizer
REV. 0
ADF4108BCPZ AD-ADF4108BCPZ Datasheet
445Kb / 20P
   PLL Frequency Synthesizer
REV. 0
ADF4108BCPZ-RL AD-ADF4108BCPZ-RL Datasheet
445Kb / 20P
   PLL Frequency Synthesizer
REV. 0
ADF4108BCPZ-RL7 AD-ADF4108BCPZ-RL7 Datasheet
445Kb / 20P
   PLL Frequency Synthesizer
REV. 0
ADF4108BRUZ AD-ADF4108BRUZ Datasheet
445Kb / 20P
   PLL Frequency Synthesizer
REV. 0
More results

Description similaire - ADF4108S

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
   PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
REV. D
ADF4108 AD-ADF4108 Datasheet
445Kb / 20P
   PLL Frequency Synthesizer
REV. 0
ADF4107BCPZ AD-ADF4107BCPZ Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
Rev. D
EVAL-ADF4108EBZ1 AD-EVAL-ADF4108EBZ1 Datasheet
404Kb / 20P
   PLL Frequency Synthesizer
REV. B
ADF4106 AD-ADF4106_15 Datasheet
361Kb / 24P
   PLL Frequency Synthesizer
Rev. E
logo
Sanyo Semicon Device
LC72131K SANYO-LC72131K Datasheet
206Kb / 22P
   PLL Frequency Synthesizer
logo
Infineon Technologies A...
PMB2304R INFINEON-PMB2304R Datasheet
1Mb / 33P
   PLL-FREQUENCY SYNTHESIZER
Version 2.1 June 2002
logo
LANSDALE Semiconductor ...
ML145106 LANSDALE-ML145106_08 Datasheet
151Kb / 8P
   PLL Frequency Synthesizer
logo
Analog Devices
ADF4106 AD-ADF4106 Datasheet
228Kb / 20P
   PLL Frequency Synthesizer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com