Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8553ARMZ-REEL Fiches technique(PDF) 9 Page - Analog Devices

No de pièce AD8553ARMZ-REEL
Description  1.8 V to 5 V Auto-Zero, In-Amp with Shutdown
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8553ARMZ-REEL Fiches technique(HTML) 9 Page - Analog Devices

Back Button AD8553ARMZ-REEL Datasheet HTML 5Page - Analog Devices AD8553ARMZ-REEL Datasheet HTML 6Page - Analog Devices AD8553ARMZ-REEL Datasheet HTML 7Page - Analog Devices AD8553ARMZ-REEL Datasheet HTML 8Page - Analog Devices AD8553ARMZ-REEL Datasheet HTML 9Page - Analog Devices AD8553ARMZ-REEL Datasheet HTML 10Page - Analog Devices AD8553ARMZ-REEL Datasheet HTML 11Page - Analog Devices AD8553ARMZ-REEL Datasheet HTML 12Page - Analog Devices AD8553ARMZ-REEL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD8553
Rev. A | Page 9 of 20
180
20
10
100
1k
10k
100k
FREQUENCY (Hz)
40
60
80
100
120
140
160
GAIN = 1
GAIN = 10
GAIN = 100
VCC = 1.8V
FILTER = 1kHz
Figure 20. Common-Mode Rejection (CMR) vs. Frequency
–2
0
4
6
8
10
12
14
16
18
20
2
VCC =1.8V
GAIN = 100, 1000
Figure 21. Input Offset Voltage (μV)
0 3 6 9 12 15 18 21 24 27 30 33 36 39 42 45 48 51 54 57 60
VCC = 1.8V
GAIN = 10
Figure 22. Input Offset Voltage (μV)
180
20
10
100
1k
10k
100k
FREQUENCY (Hz)
40
60
80
100
120
140
160
GAIN = 1
GAIN = 10
GAIN = 100
VCC = 1.8V
FILTER = 10kHz
Figure 23. Common-Mode Rejection (CMR) vs. Frequency
0
0.01 0.02 0.03 0.04 0.05 0.06 0.07 0.08 0.09 0.10
VCC = 1.8V
GAIN = 100, 1000
Figure 24. Input Offset Voltage Drift (μV/°C)
VCC = 1.8V
GAIN = 10
0
0.03 0.060.090.120.150.180.210.240.270.30
Figure 25. Input Offset Voltage Drift (μV/°C)


Numéro de pièce similaire - AD8553ARMZ-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8553ARMZ-REEL AD-AD8553ARMZ-REEL Datasheet
334Kb / 20P
   1.8 V to 5 V Auto-Zero, In-Amp with Shutdown
REV. A
AD8553ARMZ-REEL AD-AD8553ARMZ-REEL Datasheet
383Kb / 21P
   1.8 V to 5 V Auto-Zero, In-Amp with Shutdown
More results

Description similaire - AD8553ARMZ-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8553ARMZ-R2 AD-AD8553ARMZ-R2 Datasheet
334Kb / 20P
   1.8 V to 5 V Auto-Zero, In-Amp with Shutdown
REV. A
AD8563 AD-AD8563_15 Datasheet
188Kb / 15P
   1.8 V to 5 V Auto-Zero, In-Amp with Shutdown
Rev. PrA
AD8553 AD-AD8553_15 Datasheet
334Kb / 20P
   1.8 V to 5 V Auto-Zero, In-Amp with Shutdown
Rev. A
AD8553 AD-AD8553_16 Datasheet
383Kb / 21P
   1.8 V to 5 V Auto-Zero, In-Amp with Shutdown
AD8563 AD-AD8563 Datasheet
179Kb / 15P
   1.8 V to 5 V Auto-Zero, In-Amp with Shutdown
Rev. PrA
ADA4051-1 AD-ADA4051-1 Datasheet
620Kb / 20P
   1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amp
REV. B
ADA4051-2 AD-ADA4051-2 Datasheet
611Kb / 20P
   1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amp
REV. 0
logo
Texas Instruments
TL16C2552 TI-TL16C2552 Datasheet
445Kb / 34P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2550-Q1 TI1-TL16C2550-Q1 Datasheet
997Kb / 38P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2752 TI1-TL16C2752_16 Datasheet
393Kb / 26P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 64-BYTE FIFOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com