Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ULN2004ADRG4 Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce ULN2004ADRG4
Description  HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

ULN2004ADRG4 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button ULN2004ADRG4 Datasheet HTML 3Page - Texas Instruments ULN2004ADRG4 Datasheet HTML 4Page - Texas Instruments ULN2004ADRG4 Datasheet HTML 5Page - Texas Instruments ULN2004ADRG4 Datasheet HTML 6Page - Texas Instruments ULN2004ADRG4 Datasheet HTML 7Page - Texas Instruments ULN2004ADRG4 Datasheet HTML 8Page - Texas Instruments ULN2004ADRG4 Datasheet HTML 9Page - Texas Instruments ULN2004ADRG4 Datasheet HTML 10Page - Texas Instruments ULN2004ADRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
ULN2002A, ULN2003A, ULN2003AI, ULN2004A
ULQ2003A, ULQ2004A
www.ti.com
SLRS027M – DECEMBER 1976 – REVISED FEBRUARY 2013
SWITCHING CHARACTERISTICS
TA = 25°C
ULN2002A, ULN2003A,
ULN2004A
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
tPLH
Propagation delay time, low- to high-level output
See Figure 9
0.25
1
μs
tPHL
Propagation delay time, high- to low-level output
See Figure 9
0.25
1
μs
VOH
High-level output voltage after switching
VS = 50 V, IO = 300 mA, See Figure 10
VS – 20
mV
SWITCHING CHARACTERISTICS
TA = 25°C
ULN2003AI
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
tPLH
Propagation delay time, low- to high-level output
See Figure 9
0.25
1
μs
tPHL
Propagation delay time, high- to low-level output
See Figure 9
0.25
1
μs
VOH
High-level output voltage after switching
VS = 50 V, IO ≈ 300 mA, See Figure 10
VS – 20
mV
SWITCHING CHARACTERISTICS
TA = –40°C to 105°C
ULN2003AI
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
tPLH
Propagation delay time, low- to high-level output
See Figure 9
1
10
μs
tPHL
Propagation delay time, high- to low-level output
See Figure 9
1
10
μs
VOH
High-level output voltage after switching
VS = 50 V, IO ≈ 300 mA, See Figure 10
VS – 50
mV
SWITCHING CHARACTERISTICS
over recommended operating conditions (unless otherwise noted)
ULQ2003A, ULQ2004A
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
tPLH
Propagation delay time, low- to high-level output
See Figure 9
1
10
μs
tPHL
Propagation delay time, high- to low-level output
See Figure 9
1
10
μs
VOH
High-level output voltage after switching
VS = 50 V, IO = 300 mA, See Figure 10
VS – 20
mV
Copyright © 1976–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ULN2002A ULN2003A ULN2003AI ULN2004A ULQ2003A ULQ2004A


Numéro de pièce similaire - ULN2004ADRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
ULN2004ADRG4 TI-ULN2004ADRG4 Datasheet
657Kb / 22P
[Old version datasheet]   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
ULN2004ADRG4 TI-ULN2004ADRG4 Datasheet
859Kb / 26P
[Old version datasheet]   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
ULN2004ADRG4 TI1-ULN2004ADRG4 Datasheet
1Mb / 34P
[Old version datasheet]   High-Voltage, High-Current Darlington Transistor Arrays
ULN2004ADRG4 TI1-ULN2004ADRG4 Datasheet
1Mb / 34P
[Old version datasheet]   High-Voltage, High-Current Darlington Transistor Arrays
ULN2004ADRG4 TI1-ULN2004ADRG4 Datasheet
1Mb / 39P
[Old version datasheet]   ULN200x, ULQ200x High-Voltage, High-Current Darlington Transistor Arrays
JULY 2022
More results

Description similaire - ULN2004ADRG4

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC1413 ONSEMI-MC1413 Datasheet
75Kb / 6P
   High Voltage, High Current Darlington Transistor Arrays
April, 2004 ??Rev. 6
logo
Texas Instruments
ULN2002A TI1-ULN2002A_16 Datasheet
1Mb / 34P
[Old version datasheet]   High-Voltage, High-Current Darlington Transistor Arrays
ULQ2003A-Q1 TI1-ULQ2003A-Q1_15 Datasheet
984Kb / 25P
[Old version datasheet]   High-Voltage High-Current Darlington Transistor Arrays
logo
Tiger Electronic Co.,Lt...
ULN2004 TGS-ULN2004_17 Datasheet
5Mb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
ON Semiconductor
ULN2003A ONSEMI-ULN2003A Datasheet
82Kb / 5P
   High Voltage, High Current Darlington Transistor Arrays
November, 2007 - Rev. 0
logo
Texas Instruments
SN75424N TI-SN75424N Datasheet
112Kb / 7P
[Old version datasheet]   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
ON Semiconductor
MC1413 ONSEMI-MC1413_06 Datasheet
76Kb / 8P
   High Voltage, High Current Darlington Transistor Arrays
July, 2006 ??Rev. 8
logo
Exar Corporation
XR-2004 EXAR-XR-2004 Datasheet
402Kb / 7P
   High-Voltage, High-Current Darlington Transistor Arrays
logo
IK Semicon Co., Ltd
ILN2003A IKSEMICON-ILN2003A_13 Datasheet
541Kb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
Integral Corp.
ILN2003A INTEGRAL-ILN2003A Datasheet
291Kb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com