Moteur de recherche de fiches techniques de composants électroniques |
|
ULN2003ADRG4 Fiches technique(PDF) 9 Page - Texas Instruments |
|
|
ULN2003ADRG4 Fiches technique(HTML) 9 Page - Texas Instruments |
9 / 28 page 90% 90% 1.5 V 1.5 V 10% 10% 40 µs ≤10 ns ≤5 ns VIH (see Note C) 0 V VOH VOL Input Output VOLTAGE WAVEFORMS 200 W ULN2002A, ULN2003A, ULN2003AI, ULN2004A ULQ2003A, ULQ2004A www.ti.com SLRS027M – DECEMBER 1976 – REVISED FEBRUARY 2013 PARAMETER MEASUREMENT INFORMATION (continued) Figure 9. Propagation Delay-Time Waveforms A. The pulse generator has the following characteristics: PRR = 12.5 kHz, ZO = 50 Ω. B. CL includes probe and jig capacitance. C. For testing the ULN2003A, ULN2003AI, and ULQ2003A, VIH = 3 V; for the ULN2002A, VIH = 13 V; for the ULN2004A and the ULQ2004A, VIH = 8 V. Figure 10. Latch-Up Test Circuit and Voltage Waveforms Copyright © 1976–2013, Texas Instruments Incorporated Submit Documentation Feedback 9 Product Folder Links: ULN2002A ULN2003A ULN2003AI ULN2004A ULQ2003A ULQ2004A |
Numéro de pièce similaire - ULN2003ADRG4 |
|
Description similaire - ULN2003ADRG4 |