Moteur de recherche de fiches techniques de composants électroniques |
|
ULN2003APWE4 Fiches technique(PDF) 5 Page - Texas Instruments |
|
ULN2003APWE4 Fiches technique(HTML) 5 Page - Texas Instruments |
5 / 28 page ULN2002A, ULN2003A, ULN2003AI, ULN2004A ULQ2003A, ULQ2004A www.ti.com SLRS027M – DECEMBER 1976 – REVISED FEBRUARY 2013 ELECTRICAL CHARACTERISTICS TA = 25°C ULN2003A ULN2004A TEST PARAMETER TEST CONDITIONS UNIT FIGURE MIN TYP MAX MIN TYP MAX IC = 125 mA 5 IC = 200 mA 2.4 6 IC = 250 mA 2.7 VI(on) On-state input voltage Figure 6 VCE = 2 V V IC = 275 mA 7 IC = 300 mA 3 IC = 350 mA 8 II = 250 μA, IC = 100 mA 0.9 1.1 0.9 1.1 Collector-emitter VCE(sat) Figure 5 II = 350 μA, IC = 200 mA 1 1.3 1 1.3 V saturation voltage II = 500 μA, IC = 350 mA 1.2 1.6 1.2 1.6 Figure 1 VCE = 50 V, II = 0 50 50 ICEX Collector cutoff current VCE = 50 V, II = 0 100 100 μA Figure 2 TA = 70°C VI = 6 V 500 VF Clamp forward voltage Figure 8 IF = 350 mA 1.7 2 1.7 2 V VCE = 50 V, IC = 500 μA II(off) Off-state input current Figure 3 50 65 50 65 μA TA = 70°C, VI = 3.85 V 0.93 1.35 II Input current Figure 4 VI = 5 V 0.35 0.5 mA VI = 12 V 1 1.45 50 50 IR Clamp reverse current Figure 7 VR = 50 V μA TA = 70°C 100 100 Ci Input capacitance VI = 0, f = 1 MHz 15 25 15 25 pF ELECTRICAL CHARACTERISTICS TA = 25°C ULN2003AI TEST PARAMETER TEST FIGURE UNIT CONDITIONS MIN TYP MAX IC = 200 mA 2.4 VI(on) On-state input voltage Figure 6 VCE = 2 V IC = 250 mA 2.7 V IC = 300 mA 3 II = 250 μA, IC = 100 mA 0.9 1.1 VCE(sat) Collector-emitter saturation voltage Figure 5 II = 350 μA, IC = 200 mA 1 1.3 V II = 500 μA, IC = 350 mA 1.2 1.6 ICEX Collector cutoff current Figure 1 VCE = 50 V, II = 0 50 μA VF Clamp forward voltage Figure 8 IF = 350 mA 1.7 2 V II(off) Off-state input current Figure 3 VCE = 50 V, IC = 500 μA 50 65 μA II Input current Figure 4 VI = 3.85 V 0.93 1.35 mA IR Clamp reverse current Figure 7 VR = 50 V 50 μA Ci Input capacitance VI = 0, f = 1 MHz 15 25 pF Copyright © 1976–2013, Texas Instruments Incorporated Submit Documentation Feedback 5 Product Folder Links: ULN2002A ULN2003A ULN2003AI ULN2004A ULQ2003A ULQ2004A |
Numéro de pièce similaire - ULN2003APWE4 |
|
Description similaire - ULN2003APWE4 |