Moteur de recherche de fiches techniques de composants électroniques |
|
UC2707NG4 Fiches technique(PDF) 7 Page - Texas Instruments |
|
|
UC2707NG4 Fiches technique(HTML) 7 Page - Texas Instruments |
7 / 16 page UC1707, UC2707, UC3707 www.ti.com ............................................................................................................................................. SLUS177B – MARCH 1999 – REVISED SEPTEMBER 2008 SIMPLIFIED INTERNAL CIRCUITRY (continued) UG1707 SHUTDOWN TRUTH TABLE ANALOG STOP PREVIOUS STATE OF SHUTDOWN LATCH DISABLE OUTPUT LOGIC OUTPUT X 0 X X Follows Input Logic X 1 X X Low (Shutdown) 1 Open X X Low (Shutdown) 0 Open 0 Shutdown (1)Latched Shutdown 0 Open 0 Normal Follows Input Logic 0 Open 1 X Follows Input Logic (1) If the output was previously in Shutdown and Latch Disable was low and stays low, then even if the Analog Stop Logic is changed or the Shutdown pin is open, the outputs will remain in Shutdown. Figure 5. Transformer Coupled Push-Pull MOSFET Drive Circuit Figure 6. Current Limiting Copyright © 1999–2008, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Link(s): UC1707 UC2707 UC3707 |
Numéro de pièce similaire - UC2707NG4 |
|
Description similaire - UC2707NG4 |