Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2709NG4 Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce UC2709NG4
Description  DUAL HIGH-SPEED FET DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

UC2709NG4 Fiches technique(HTML) 3 Page - Texas Instruments

  UC2709NG4 Datasheet HTML 1Page - Texas Instruments UC2709NG4 Datasheet HTML 2Page - Texas Instruments UC2709NG4 Datasheet HTML 3Page - Texas Instruments UC2709NG4 Datasheet HTML 4Page - Texas Instruments UC2709NG4 Datasheet HTML 5Page - Texas Instruments UC2709NG4 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
EMI/RFI Y1-VY1
Ceramic Disc Capacitors
Safety Standard Approved Disc AC Capacitors
Vishay BCcomponents
Document Number: 28537
For technical questions, contact: CDC@vishay.com
www.vishay.com
Revision: 15-Oct-09
84
LEADSPACING 10.0 mm
Note
• The capacitors are supplied in bulk packaging (cardboard boxes), in tape on reel or in ammopack
STRAIGHT LEADS
PACKAGING
CAPACITANCE
VALUE
SIZE CODE
BODY DIAMETER
D max.
(mm)
PACKAGING QUANTITIES
BULK
REEL
AMMO
10 pF to 2200 pF
31 ~ 47
12.0
1000
500
750
3300 pF to 4700 pF
51 ~ 63
16.0
500
500
750
D max.
F
d = 0.6 mm
coating
extension
ΔR
3.0 max.
30 mm - 3.0 mm (
ΔR)
S max.
A
detail A
D
0
F
L
P
1
P
2
P
0
t
t
1
T
D
P
Δp
Ø d
F
W
1
W
2
W
0 W
H
0
H
1
e
Fig. 2 Lead spacing 10 mm, sprocket hole pitch 25.04 mm for lead spacing
Δp
Δh
Δh


Numéro de pièce similaire - UC2709NG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2709 TI-UC2709 Datasheet
178Kb / 5P
[Old version datasheet]   DUAL HIGH-SPEED FET DRIVER
More results

Description similaire - UC2709NG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC1709 TI-UC1709 Datasheet
178Kb / 5P
[Old version datasheet]   DUAL HIGH-SPEED FET DRIVER
UC1711 TI-UC1711 Datasheet
47Kb / 3P
[Old version datasheet]   Dual Ultra High-Speed FET Driver
UC1711 TI1-UC1711_12 Datasheet
78Kb / 5P
[Old version datasheet]   Dual Ultra High-Speed FET Driver
logo
Microsemi Corporation
SG1644 MICROSEMI-SG1644 Datasheet
148Kb / 8P
   DUAL HIGH SPEED DRIVER
SG1626 MICROSEMI-SG1626 Datasheet
148Kb / 8P
   DUAL HIGH SPEED DRIVER
SG1626 MICROSEMI-SG1626_1 Datasheet
249Kb / 8P
   DUAL HIGH SPEED DRIVER
SG1644 MICROSEMI-SG1644_1 Datasheet
250Kb / 8P
   DUAL HIGH SPEED DRIVER
logo
Intersil Corporation
ISL55110 INTERSIL-ISL55110_11 Datasheet
413Kb / 15P
   Dual, High Speed MOSFET Driver
ISL55110_0712 INTERSIL-ISL55110_0712 Datasheet
305Kb / 15P
   Dual, High Speed MOSFET Driver
logo
Supertex, Inc
MD1210 SUTEX-MD1210 Datasheet
178Kb / 5P
   HIGH SPEED DUAL MOSFET DRIVER
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com