Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UA7808CKTTR Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce UA7808CKTTR
Description  FIXED POSITIVE VOLTAGE REGULATORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

UA7808CKTTR Fiches technique(HTML) 1 Page - Texas Instruments

  UA7808CKTTR Datasheet HTML 1Page - Texas Instruments UA7808CKTTR Datasheet HTML 2Page - Texas Instruments UA7808CKTTR Datasheet HTML 3Page - Texas Instruments UA7808CKTTR Datasheet HTML 4Page - Texas Instruments UA7808CKTTR Datasheet HTML 5Page - Texas Instruments UA7808CKTTR Datasheet HTML 6Page - Texas Instruments UA7808CKTTR Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
VY2 Series
www.vishay.com
Vishay BCcomponents
Revision: 08-Mar-12
1
Document Number: 28535
For technical questions, contact: CDC@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
AC Line Rated Disc Capacitors
Class X1, 440 VAC, Class Y2, 300 VAC
OPERATING TEMPERATURE RANGE
- 40 °C to + 125 °C
TEMPERATURE CHARACTERISTICS
See Ordering Information Tables
CLIMATIC CATEGORY
40/125/21 according to EN 60068-1
COATING
According to UL 94 V-0
Epoxy resin, isolating, flame retardant
APPROVALS
ENEC - VDE DE 1-30691
UL60384-14 file E183844
CSA 22.2
PACKAGING
Bulk; tape and reel; taped ammopack
FEATURES
• Complying with IEC 60384-14, 3rd edition
• High reliability
• Vertical (inline) kinked or straight leads
• Material categorization:
For definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
• Across-the-line
• Line by-pass
• Antenna coupling
DESIGN
The capacitors consist of a ceramic disc both sides of which
are silver-plated. Connection leads are made of tinned
copper having a diameter of 0.6 mm.
The capacitors may be supplied with vertical (inline) kinked
leads having a lead spacing of 5.0 mm, 7.5 mm, or 10.0 mm.
Encapsulation is made of flammable resistant epoxy resin in
accordance with “UL 94 V-0”
CAPACITANCE RANGE
10 pF to 0.01 μF
RATED VOLTAGE UR
IEC 60384-14 and UL60384-14:
(X1): 440 VAC, 50 Hz
(Y2): 300 VAC, 50 Hz
TEST VOLTAGE
Component test (100 %)
2600 VAC, 50 Hz, 2 s
(2600 VAC for LS 7.5 mm and 10 mm)
(2200 VAC for LS 5.0 mm)
Random sampling test (destructive test)
2600 VAC, 50 Hz, 60 s
Voltage proof of coating (destructive test)
2600 VAC, 50 Hz, 60 s
INSULATION RESISTANCE
10 000 M
 minimum
TOLERANCE OF CAPACITANCE
± 20 % (code M); ± 10 % (code K)
DISSIPATION FACTOR
2.5 % maximum
The
capacitors
meet
the
essential
requirements
of
“EIA 198”. Unless stated otherwise all electrical values apply
at an ambient temperature of 25 °C ± 3 °C, at normal
atmospheric conditions
QUICK REFERENCE DATA
DESCRIPTION
CLASS
X1
(U2J)
CLASS
X1
(Y5S)
CLASS
X1
(Y5U)
CLASS
Y2
(U2J)
CLASS
Y2
(Y5S)
CLASS
Y2
(Y5U)
Voltage (VAC)
440
300
Min.
Capacitance
(pF)
10
68
680
10
68
680
Max.
Capacitance
(pF)
47
680
10 000
47
680
10 000
Mounting
Through hole


Numéro de pièce similaire - UA7808CKTTR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UA7808CKTTR TI1-UA7808CKTTR Datasheet
122Kb / 12P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
UA7808CKTTR TI-UA7808CKTTR Datasheet
807Kb / 23P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
UA7808CKTTR TI1-UA7808CKTTR Datasheet
807Kb / 23P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
UA7808CKTTR TI1-UA7808CKTTR Datasheet
1Mb / 29P
[Old version datasheet]   Fixed Positive Voltage Regulators
UA7808CKTTR TI1-UA7808CKTTR Datasheet
1Mb / 26P
[Old version datasheet]   Fixed Positive Voltage Regulators
More results

Description similaire - UA7808CKTTR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UA7812CKCSE3 TI-UA7812CKCSE3 Datasheet
807Kb / 23P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
UA7805CKCSE3 TI1-UA7805CKCSE3 Datasheet
807Kb / 23P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
UA7808 TI1-UA7808_16 Datasheet
1Mb / 29P
[Old version datasheet]   Fixed Positive Voltage Regulators
UA7805 TI1-UA7805 Datasheet
1Mb / 26P
[Old version datasheet]   Fixed Positive Voltage Regulators
UA7800 TI1-UA7800_12 Datasheet
122Kb / 12P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
logo
Diotec Semiconductor
DI78M05UAB DIOTEC-DI78M05UAB Datasheet
721Kb / 3P
   Positive Fixed Voltage Regulators Positive Festspannungs-Regler
Version 2021-09-30
logo
Motorola, Inc
MC7800 MOTOROLA-MC7800 Datasheet
278Kb / 16P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC78T00 ONSEMI-MC78T00 Datasheet
162Kb / 12P
   THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS
REV 1
logo
Motorola, Inc
LM340 MOTOROLA-LM340 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
MCT7800 MOTOROLA-MCT7800 Datasheet
224Kb / 12P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com