Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLA6870MZ Fiches technique(PDF) 5 Page - Allegro MicroSystems

No de pièce SLA6870MZ
Description  High Voltage 3-Phase Motor Drivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALLEGRO [Allegro MicroSystems]
Site Internet  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SLA6870MZ Fiches technique(HTML) 5 Page - Allegro MicroSystems

  SLA6870MZ Datasheet HTML 1Page - Allegro MicroSystems SLA6870MZ Datasheet HTML 2Page - Allegro MicroSystems SLA6870MZ Datasheet HTML 3Page - Allegro MicroSystems SLA6870MZ Datasheet HTML 4Page - Allegro MicroSystems SLA6870MZ Datasheet HTML 5Page - Allegro MicroSystems SLA6870MZ Datasheet HTML 6Page - Allegro MicroSystems SLA6870MZ Datasheet HTML 7Page - Allegro MicroSystems SLA6870MZ Datasheet HTML 8Page - Allegro MicroSystems SLA6870MZ Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
High Voltage 3-Phase Motor Drivers
5
SLA6870MZ
Series
VCC2
LIN1
VCC1
HIN1
COM1
VB1
HO3
HS3
LIN2
LIN3
SD2
COM2
LO1
LO2
LO3
M
15V
HVIC
LVIC
HIN2
HIN3
VB2 VB3
HO2
HO1
HS1
HS2
10
13
4
5
6
7
8
24
12
11
13
16
17
14
23
22
19
18
20
21
OCL
2
SD1
9
RC
15
Rup1
5V
ZD
ZD
RS
VRC
CC
RR
CSD
Rup
SLA6870MZ
Typical Application Diagram
NOTE:
The external electrolytic capacitors should be placed as close to the IC as possible, in order to avoid malfunctions
from external noise interference. Put a ceramic capacitor in parallel with the electrolytic capacitor if further
reduction of noise susceptibility is necessary.
Shows configuration without current limiter
function: ¯S¯¯¯D¯¯1¯ and ¯S¯¯¯D¯¯2¯ pins tied together


Numéro de pièce similaire - SLA6870MZ

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
SLA6870MZ SANKEN-SLA6870MZ Datasheet
262Kb / 18P
   High Voltage 3-Phase Motor Drivers
More results

Description similaire - SLA6870MZ

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
SMA6820MH SANKEN-SMA6820MH Datasheet
185Kb / 11P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SMA6820MP ALLEGRO-SMA6820MP Datasheet
301Kb / 13P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SMA6850M SANKEN-SMA6850M Datasheet
334Kb / 15P
   High Voltage 3-Phase Motor Drivers
SMA6860M SANKEN-SMA6860M Datasheet
350Kb / 17P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SLA6860M ALLEGRO-SLA6860M Datasheet
334Kb / 17P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SMA6860MZ SANKEN-SMA6860MZ Datasheet
249Kb / 19P
   High Voltage 3-Phase Motor Drivers
SLA6820M SANKEN-SLA6820M Datasheet
309Kb / 14P
   High Voltage 3-Phase Motor Drivers
SLA6868MZ SANKEN-SLA6868MZ Datasheet
262Kb / 18P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SX68000M ALLEGRO-SX68000M Datasheet
515Kb / 15P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SX68000MH SANKEN-SX68000MH Datasheet
333Kb / 13P
   High Voltage 3-Phase Motor Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com