Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLA6805MP Fiches technique(PDF) 9 Page - Allegro MicroSystems

No de pièce SLA6805MP
Description  High Voltage 3-Phase Motor Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALLEGRO [Allegro MicroSystems]
Site Internet  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SLA6805MP Fiches technique(HTML) 9 Page - Allegro MicroSystems

Back Button SLA6805MP Datasheet HTML 5Page - Allegro MicroSystems SLA6805MP Datasheet HTML 6Page - Allegro MicroSystems SLA6805MP Datasheet HTML 7Page - Allegro MicroSystems SLA6805MP Datasheet HTML 8Page - Allegro MicroSystems SLA6805MP Datasheet HTML 9Page - Allegro MicroSystems SLA6805MP Datasheet HTML 10Page - Allegro MicroSystems SLA6805MP Datasheet HTML 11Page - Allegro MicroSystems SLA6805MP Datasheet HTML 12Page - Allegro MicroSystems SLA6805MP Datasheet HTML 13Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
High Voltage 3-Phase Motor Driver
SLA6805MP
9
Leadform: 2153
Terminal core material: Cu
Terminal plating: Ni
Recommended attachment: Solder dip (Sn-Ag-Cu)
Dimensions in millimeters
Branding codes (exact appearance at manufacturer discretion):
1st line,
type: SLA6805MP
2nd line, lot:
YMDDT
Where: Y is the last digit of the year of manufacture
M is the month (1 to 9, O, N, D)
DD is the date
T is the tracking letter
Branding Area
Exposed
heatsink pad
1.27 ±0.1
0.6
16.4 ±0.2
24.4 ±0.2
Ø3.2 ±0.15
31 ±0.2
Gate protrusion
9.9 ±0.2
12.9 ±0.2
16 ±0.2
A
A
B To case top
1.7 ±0.1
4.8 ±0.2
R1
REF
0.6 ±0.1
0.5 ±0.1
2.45 ±0.2
BSC
B
Ø3.2 ±0.15
31.3 ±0.2
View A
2
46
8
10
12
14
16
18
20
22
1
3
5
7
9
11
13
15
17
19
21
23
Measured at pin exit from case
4.4
REF
2.2 ±0.7
BSC
2.2 ±0.7
BSC
3 ±0.5
BSC
Deflection at pin bend
0.7 MAX
0.7 MAX
View A
2X Gate protrusion
2X Exposed
tie bar
Package Outline Drawing
Leadform 2153
Dual rows, 23 alternating pins; pins bent 90° for horizontal case mounting; pin #1 in outer row
Leadframe plating Pb-free. Device composition
complies with the RoHS directive.
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com


Numéro de pièce similaire - SLA6805MP

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
SLA6805MP SANKEN-SLA6805MP Datasheet
351Kb / 14P
   High Voltage 3-Phase Motor Driver
More results

Description similaire - SLA6805MP

FabricantNo de pièceFiches techniqueDescription
logo
Allegro MicroSystems
SCM1106M ALLEGRO-SCM1106M Datasheet
376Kb / 10P
   High Voltage 3 Phase Motor Driver
logo
Sanken electric
SMA6821MP SANKEN-SMA6821MP Datasheet
251Kb / 13P
   High Voltage 3-Phase Motor Driver
SMA6853M SANKEN-SMA6853M Datasheet
264Kb / 14P
   High Voltage 3-Phase Motor Driver
SMA6863M SANKEN-SMA6863M Datasheet
237Kb / 13P
   High Voltage 3-Phase Motor Driver
logo
Allegro MicroSystems
SCM-1101M ALLEGRO-SCM-1101M Datasheet
338Kb / 11P
   High Voltage 3-Phase Motor Driver
SCM-1106M ALLEGRO-SCM-1106M Datasheet
336Kb / 11P
   High Voltage 3-Phase Motor Driver
SCM-1105MF ALLEGRO-SCM-1105MF Datasheet
416Kb / 11P
   High Voltage 3-Phase Motor Driver
logo
Sanken electric
SLA6828M SANKEN-SLA6828M Datasheet
244Kb / 13P
   High Voltage 3-Phase Motor Driver
SLA6805MP SANKEN-SLA6805MP Datasheet
351Kb / 14P
   High Voltage 3-Phase Motor Driver
SLA6816MP SANKEN-SLA6816MP Datasheet
354Kb / 14P
   High Voltage 3-Phase Motor Driver
SMA6862M SANKEN-SMA6862M Datasheet
237Kb / 13P
   High Voltage 3-Phase Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com