Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDD603AL Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce FDD603AL
Description  N-Channel Logic Level Enhancement Mode Field Effect Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD603AL Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  FDD603AL Datasheet HTML 1Page - Fairchild Semiconductor FDD603AL Datasheet HTML 2Page - Fairchild Semiconductor FDD603AL Datasheet HTML 3Page - Fairchild Semiconductor FDD603AL Datasheet HTML 4Page - Fairchild Semiconductor FDD603AL Datasheet HTML 5Page - Fairchild Semiconductor FDD603AL Datasheet HTML 6Page - Fairchild Semiconductor FDD603AL Datasheet HTML 7Page - Fairchild Semiconductor FDD603AL Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
FDD603AL, Rev. B
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
WDSS
Single Pulse Drain-Source
Avalanche Energy
VDD = 15 V, ID = 12 A
100
mJ
IAR
Maximum Drain-Source Avalanche Current
12
A
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = 250
µA
30
V
∆BVDSS
∆TJ
Breakdown Voltage Temperature
Coefficient
ID = 250
µA, Referenced to 25°C
32
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = 24 V, VGS = 0 V
10
µA
IGSSF
Gate-Body Leakage Current,
Forward
VGS = 20V, VDS = 0 V
100
nA
IGSSR
Gate-Body Leakage Current,
Reverse
VGS = -20 V, VDS = 0 V
-100
nA
On Characteristics (Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250
µA
11.7
3
V
∆VGS(th)
∆TJ
Gate Threshold Voltage
Temperature Coefficient
ID = 250
µA,Referenced to 25°C
-4.5
mV/
°C
RDS(on)
Static Drain-Source
On-Resistance
VGS = 10 V, ID = 9.5 A
VGS = 10 V, ID = 9.5 A,TJ=125
°C
VGS = 4.5 V, ID = 7.5 A
0.016
0.024
0.026
0.023
0.035
0.037
ID(on)
On-State Drain Current
VGS = 10 V, VDS = 10 V
60
A
gFS
Forward Transconductance
VDS = 10 V, ID = 9.5 A
18
S
Dynamic Characteristics
Ciss
Input Capacitance
670
pF
Coss
Output Capacitance
345
pF
Crss
Reverse Transfer Capacitance
VDS = 15 V, VGS = 0 V
f = 1.0 MHz
95
pF
Switching Characteristics (Note 2)
td(on)
Turn-On Delay Time
10
20
ns
tr
Turn-On Rise Time
16
30
ns
td(off)
Turn-Off Delay Time
27
45
ns
tf
Turn-Off Fall Time
VDD = 15 V, ID = 1 A
VGS = 10 V, RGEN = 6
12
22
ns
Qg
Total Gate Charge
19
26
nC
Qgs
Gate-Source Charge
3.5
nC
Qgd
Gate-Drain Charge
VDS =10 V, ID = 9.5 A
VGS = 10 V,
5.5
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
( Note 1)
33
A
VSD
Drain-Source Diode Forward
Voltage
VGS = 0 V, IS = 2.3 A
(Note 2)
0.78
1.2
V
Notes:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the drain tab.
RθJC is guaranteed by design while RθCA is determined by the user's board design. RθJC has been used to determine some maximum ratings.
Scale 1 : 1 on letter size paper
2. Pulse Test: Pulse Width ≤ 300 µs, Duty Cycle ≤ 2.0%
a) RθJA= 40oC/W when mounted
on a 1in2 pad of 2oz copper.
b) RθJA= 96oC/W on a minimum
mounting pad.


Numéro de pièce similaire - FDD603AL

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
FDD603AL ISC-FDD603AL Datasheet
352Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Description similaire - FDD603AL

FabricantNo de pièceFiches techniqueDescription
logo
Hi-Sincerity Mocroelect...
HU603AL HSMC-HU603AL Datasheet
60Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Fairchild Semiconductor
BSS123 FAIRCHILD-BSS123 Datasheet
145Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SDU30N03L SAMHOP-SDU30N03L Datasheet
34Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEF07N8 CET-CEF07N8 Datasheet
46Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SP470C SAMHOP-SP470C Datasheet
99Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STM4840 SAMHOP-STM4840 Datasheet
114Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU666S SAMHOP-STU666S Datasheet
117Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STUD606S SAMHOP-STUD606S Datasheet
136Kb / 8P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU1553 SAMHOP-STU1553 Datasheet
139Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STB28N15 SAMHOP-STB28N15 Datasheet
157Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Diotec Semiconductor
MMFTN123 DIOTEC-MMFTN123 Datasheet
111Kb / 2P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com