Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLP281GB Fiches technique(PDF) 1 Page - Toshiba Semiconductor

No de pièce TLP281GB
Description  PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE PC CARD MODEM(PCMCIA)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP281GB Fiches technique(HTML) 1 Page - Toshiba Semiconductor

  TLP281GB Datasheet HTML 1Page - Toshiba Semiconductor TLP281GB Datasheet HTML 2Page - Toshiba Semiconductor TLP281GB Datasheet HTML 3Page - Toshiba Semiconductor TLP281GB Datasheet HTML 4Page - Toshiba Semiconductor TLP281GB Datasheet HTML 5Page - Toshiba Semiconductor TLP281GB Datasheet HTML 6Page - Toshiba Semiconductor TLP281GB Datasheet HTML 7Page - Toshiba Semiconductor TLP281GB Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLP281,TLP281-4
2007-10-01
1
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP281,TLP281-4
PROGRAMMABLE CONTROLLERS
AC/DC-INPUT MODULE
PC CARD MODEM(PCMCIA)
TLP281 and TLP281-4 is a very small and thin coupler, suitable
for surface mount assembly in applications such as PCMCIA Fax
modem, programmable controllers.
TLP281 and TLP281-4 consist of photo transistor, optically coupled
to a gallium arsenide infrared emitting diode.
Collector-Emitter Voltage
: 80 V (MIN)
Current Transfer Ratio
: 50% (MIN)
Rank GB
: 100% (MIN)
Isolation Voltage
: 2500 Vrms (MIN)
UL Recognized
: UL1577 , File No. E67349
BSI Approved
: BS EN 60065: 2002,
: BS EN 60950-1: 2002
Certificate No. 8143, 8144
Pin Configuration (top view)
1:ANODE
2:CATHODE
3:EMITTER
4:COLLECTOR
1,3,5,7
:ANODE
2,4,6,8
:CATHODE
9,11,13,15 :EMITTER
10,12,14,16 :COLLECTOR
1
2
4
3
TLP281
TLP281-4
8
9
1
2
3
4
5
6
7
10
11
12
13
14
15
16
TOSHIBA
Weight: 0.05 g
TOSHIBA
Weight: 0.19 g
Unit in mm
Unit in mm


Numéro de pièce similaire - TLP281GB

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TLP281GB-TP TOSHIBA-TLP281GB-TP Datasheet
260Kb / 8P
   PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE PC CARD MODEM(PCMCIA)
More results

Description similaire - TLP281GB

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TLP281-4JF TOSHIBA-TLP281-4JF Datasheet
260Kb / 8P
   PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE PC CARD MODEM(PCMCIA)
TLP281 TOSHIBA-TLP281 Datasheet
197Kb / 7P
   PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE PC CARD MODEM(PCMCIA)
TLP281-4GBTPJF TOSHIBA-TLP281-4GBTPJF Datasheet
260Kb / 8P
   PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE PC CARD MODEM(PCMCIA)
TLP281-4GB-TP TOSHIBA-TLP281-4GB-TP Datasheet
260Kb / 8P
   PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE PC CARD MODEM(PCMCIA)
TLP281GB-TP TOSHIBA-TLP281GB-TP Datasheet
260Kb / 8P
   PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE PC CARD MODEM(PCMCIA)
TLP280F TOSHIBA-TLP280F Datasheet
185Kb / 9P
   Programmable Controllers AC/DC?묲nput Module PC Card Modem (PCMCIA)
TLP280GB-TP TOSHIBA-TLP280GB-TP Datasheet
210Kb / 9P
   Programmable Controllers AC/DC?묲nput Module PC Card Modem (PCMCIA)
TLP280 TOSHIBA-TLP280 Datasheet
219Kb / 9P
   Programmable Controllers AC/DC?묲nput Module PC Card Modem (PCMCIA)
TLP572-07 TOSHIBA-TLP572-07 Datasheet
229Kb / 9P
   Programmable Controllers AC/DC-Input Module
logo
Fairchild Semiconductor
TLP630 FAIRCHILD-TLP630 Datasheet
892Kb / 9P
   Programmable Controllers AC / DC-Input Module Telecommunication
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com