Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DL4744A Fiches technique(PDF) 1 Page - First Components International

No de pièce DL4744A
Description  1 Watt [3.3~100V] ZENER DIODES Junction Temp.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FCI [First Components International]
Site Internet  http://www.cotra.com.tw/
Logo FCI - First Components International

DL4744A Fiches technique(HTML) 1 Page - First Components International

  DL4744A Datasheet HTML 1Page - First Components International DL4744A Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Absolute Max Ratings
Valid rovided that Leads at a Distance of 10mm case are kept at Ambient Temp.
Power Disspation at Tamb=25C
Junction Temp.
Storage Temp. Range
Unit
Value
Symbol
Zener Current See Table Characteristics
1
200
-65 to 200
W
C
C
Thermal Resistance Junction to Ambient Air
K/mW
Ptot
Tj
Ts
V
Forward Voltage at If=200mA
RthA
Vf
170
1.2max
Data Sheet
Watt
Description
Mechanical Dimensions
(MELF)
1
ZENER DIODES
(3.3~100V)
Break down characteristics


Numéro de pièce similaire - DL4744A

FabricantNo de pièceFiches techniqueDescription
logo
Rectron Semiconductor
DL4744A RECTRON-DL4744A Datasheet
24Kb / 2P
   Surface Mount M.E.L.F ZENER DIODE
logo
Yangzhou yangjie electr...
DL4744A YANGJIE-DL4744A Datasheet
191Kb / 3P
   Zener Diodes
logo
Shanghai Leiditech Elec...
DL4744A LEIDITECH-DL4744A Datasheet
688Kb / 4P
   Surface mount zener diodes zener voltag 3.3-100V 1.0Watt Power Dissipation
logo
Dc Components
DL4744A DCCOM-DL4744A Datasheet
188Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
logo
Rugao Dachang Electroni...
DL4744A DACHANG-DL4744A Datasheet
119Kb / 2P
   Low reverse leakage
More results

Description similaire - DL4744A

FabricantNo de pièceFiches techniqueDescription
logo
First Components Intern...
1N4728 FCI-1N4728 Datasheet
172Kb / 2P
   1 Watt ZENER DIODES (3.3V to 100V)
BZX85C3V3 FCI-BZX85C3V3 Datasheet
98Kb / 2P
   1 - 1.3 Watt ZENER DIODES (3.3V to 100V)
LL4728 FCI-LL4728 Datasheet
182Kb / 2P
   1 Watt ZENER DIODES (3.3V to 100V) Mechanical Dimensions
logo
Compensated Deuices Inc...
CDLL4728 CDI-DIODE-CDLL4728 Datasheet
112Kb / 2P
   1 WATT ZENER DIODES
1N3016B CDI-DIODE-1N3016B Datasheet
21Kb / 2P
   1 WATT ZENER DIODES
CDLL3016B CDI-DIODE-CDLL3016B Datasheet
23Kb / 2P
   1 WATT ZENER DIODES
logo
Motorola, Inc
1N5913B MOTOROLA-1N5913B Datasheet
156Kb / 10P
   1 TO 3 WATT ZENER REGULATOR DIODES 3.3-400 VOLTS
logo
Solid States Devices, I...
Z00008G SSDI-Z00008G Datasheet
125Kb / 2P
   1.5 WATT 3.3 ??200 VOLTS ZENER DIODES
Z00012C SSDI-Z00012C Datasheet
118Kb / 2P
   1.5 WATT 3.3 ??200 VOLTS ZENER DIODES
logo
Microsemi Corporation
1N4728AP MICROSEMI-1N4728AP Datasheet
175Kb / 3P
   Silicon 1 Watt Zener Diodes
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com