Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74VHCT244AMX Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce 74VHCT244AMX
Description  Octal Buffer/Line Driver with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHCT244AMX Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  74VHCT244AMX Datasheet HTML 1Page - Fairchild Semiconductor 74VHCT244AMX Datasheet HTML 2Page - Fairchild Semiconductor 74VHCT244AMX Datasheet HTML 3Page - Fairchild Semiconductor 74VHCT244AMX Datasheet HTML 4Page - Fairchild Semiconductor 74VHCT244AMX Datasheet HTML 5Page - Fairchild Semiconductor 74VHCT244AMX Datasheet HTML 6Page - Fairchild Semiconductor 74VHCT244AMX Datasheet HTML 7Page - Fairchild Semiconductor 74VHCT244AMX Datasheet HTML 8Page - Fairchild Semiconductor 74VHCT244AMX Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
tm
May 2007
©1997 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHCT244A Rev. 1.3
74VHCT244A
Octal Buffer/Line Driver with 3-STATE Outputs
Features
High Speed: tPD = 5.9ns (Typ.) at VCC = 5V
Power down protection is provided on inputs and
outputs
Low power dissipation: ICC = 4µA (Max.) @ TA = 25°C
Pin and function compatible with 74HCT244
General Description
The VHCT244A is an advanced high speed CMOS octal
bus transceiver fabricated with silicon gate CMOS tech-
nology. It achieves high speed operation similar to equiv-
alent Bipolar Schottky TTL while maintaining the CMOS
low power
dissipation.
The
VHCT244A
is a non-
inverting 3-STATE buffer having two active-LOW output
enables. This device is designed to be used as 3-STATE
memory address drivers, clock drivers, and bus oriented
transmitter/receivers.
Protection circuits ensure that 0V to 7V can be applied to
the input and output(1) pins without regard to the supply
voltage. These circuits prevent device destruction due to
mismatched supply and input/output voltages. This
device can be used to interface 5V to 3V systems and
two supply systems such as battery back up.
Note:
1. Outputs in OFF-State
Ordering Information
Surface mount packages are also available on Tape and Reel. Specify by appending the suffix letter “X” to the
ordering number. Pb-Free package per JEDEC J-STD-020B.
Order Number
Package
Number
Package Description
74VHCT244AM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74VHCT244ASJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74VHCT244AMTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm
Wide


Numéro de pièce similaire - 74VHCT244AMX

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
74VHCT244AM STMICROELECTRONICS-74VHCT244AM Datasheet
63Kb / 8P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
logo
Fairchild Semiconductor
74VHCT244AM FAIRCHILD-74VHCT244AM Datasheet
98Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74VHCT244AM FAIRCHILD-74VHCT244AM Datasheet
231Kb / 9P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
74VHCT244AM ONSEMI-74VHCT244AM Datasheet
237Kb / 11P
   Octal Buffer/Line Driver
May 2007 Rev. 1.3
logo
Fairchild Semiconductor
74VHCT244AMTC FAIRCHILD-74VHCT244AMTC Datasheet
98Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results

Description similaire - 74VHCT244AMX

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241_15 Datasheet
89Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 6
logo
Fairchild Semiconductor
74AC540 FAIRCHILD-74AC540_05 Datasheet
97Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 3-State Outputs
May, 2001 ??Rev. 5
74AC244 ONSEMI-74AC244 Datasheet
396Kb / 14P
   Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.4.0
74VHC240 ONSEMI-74VHC240 Datasheet
263Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
April 2007 Rev. 1.3
logo
Fairchild Semiconductor
74ABT240 FAIRCHILD-74ABT240 Datasheet
105Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT244 FAIRCHILD-74ABT244 Datasheet
125Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com