Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDC6506P Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce FDC6506P
Description  Dual P-Channel Logic Level PowerTrench??MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC6506P Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  FDC6506P Datasheet HTML 1Page - Fairchild Semiconductor FDC6506P Datasheet HTML 2Page - Fairchild Semiconductor FDC6506P Datasheet HTML 3Page - Fairchild Semiconductor FDC6506P Datasheet HTML 4Page - Fairchild Semiconductor FDC6506P Datasheet HTML 5Page - Fairchild Semiconductor FDC6506P Datasheet HTML 6Page - Fairchild Semiconductor FDC6506P Datasheet HTML 7Page - Fairchild Semiconductor FDC6506P Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
FDC6506P Rev. C
Typical Characteristics
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation
with Drain Current and Gate Voltage.
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage
Variation with Source Current
and Temperature.
Figure 3. On-Resistance Variation
with Temperature.
Figure 4. On-Resistance Variation
with Gate-to-Source Voltage.
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (
o
C)
ID=-1.8A
VGS=-10V
0
2
4
6
8
10
012
345
-VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS=-10V
-7.0V
-5.5V
-4.5V
-4.0V
-3.5V
-3.0V
0.5
1
1.5
2
2.5
02468
10
-ID, DRAIN CURRENT (A)
VGS=-4.0V
-4.5V
-5.0V
-6.0V
-7.0V
-10V
0
1
2
3
4
1234
5
-VGS, GATE TO SOURCE VOLTAGE (V)
VDS=-5V
TJ=-55
o
C
25
o
C
125
o
0.001
0.01
0.1
1
10
0
0.3
0.6
0.9
1.2
1.5
-VSD, BODY DIODE VOLTAGE (V)
VGS=0
TJ=125
o
C
25
o
C
-55
o
C
0.1
0.2
0.3
0.4
0.5
2345
6789
10
-VGS, GATE TO SOURCE VOLTAGE (V)
TJ=125
o
C
25
o
C
ID=-1.0A


Numéro de pièce similaire - FDC6506P

FabricantNo de pièceFiches techniqueDescription
logo
VBsemi Electronics Co.,...
FDC6506P VBSEMI-FDC6506P Datasheet
1Mb / 9P
   Dual P-Channel 20 V (D-S) MOSFET
More results

Description similaire - FDC6506P

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
SI4925DY FAIRCHILD-SI4925DY Datasheet
70Kb / 5P
   Dual P-Channel, Logic Level, PowerTrench MOSFET
FDR8508P FAIRCHILD-FDR8508P Datasheet
274Kb / 8P
   Dual P-Channel, Logic Level, PowerTrench??MOSFET
logo
ON Semiconductor
FDD9510L-F085 ONSEMI-FDD9510L-F085 Datasheet
337Kb / 7P
   MOSFET - P-Channel Logic Level PowerTrench
February, 2020 ??Rev. 1
logo
Fairchild Semiconductor
FDG316P FAIRCHILD-FDG316P Datasheet
70Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
FDS6609A FAIRCHILD-FDS6609A Datasheet
646Kb / 8P
   P-Channel Logic Level PowerTrench MOSFET
logo
ON Semiconductor
FDWS9510L-F085 ONSEMI-FDWS9510L-F085 Datasheet
343Kb / 7P
   MOSFET ??P-Channel Logic Level POWERTRENCH
October, 2021 ??Rev. 2
logo
Fairchild Semiconductor
SI4431DY FAIRCHILD-SI4431DY Datasheet
96Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
SI4835DY FAIRCHILD-SI4835DY Datasheet
79Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
FDS4435A FAIRCHILD-FDS4435A Datasheet
172Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
logo
ON Semiconductor
FDD9511L-F085 ONSEMI-FDD9511L-F085 Datasheet
208Kb / 7P
   P-Channel Logic Level PowerTrench MOSFET
July, 2018 ??Rev. P1
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com