Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BYFR3506 Fiches technique(PDF) 1 Page - First Components International

No de pièce BYFR3506
Description  35.0 Amp Y-LEAD BLOCK AUTO DIODES High current capability
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FCI [First Components International]
Site Internet  http://www.cotra.com.tw/
Logo FCI - First Components International

BYFR3506 Fiches technique(HTML) 1 Page - First Components International

  BYFR3506 Datasheet HTML 1Page - First Components International BYFR3506 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25oC ambient temperature unless otherwise specified.
-40 to +175
BLOCK
BYFR3502
SYMBOL
VRRM
VRMS
VB
I(AV)
IFSM
VF
IR
TJ, TSTG
BYFR3504
BYFR3506
600
400
420
280
600
400
35
10
450
500
UNIT
V
V
V
V
A
A
uA
uA
oC
200
140
200
1.2
Maximum Peak Repetitive Reverse Voltage@Irrm=10uA
Maximum RMS Voltage
Maximum DC Blocking Voltage(TA=25
oC)
Maximum Average Forward Current Io@Tc=150
oC
Peak Forward Surge Current, 8.3ms single
Maximum Inst. Forward Voltage Drop,
Maximum DC Reverse Current
(VB)@TJ=25
oC
Operating Junction and Storage Temperature Range
60 Hz, resistive or inductive load
Half sine-wave superimposed on rated load
(JEDEC method)
IF at 80Amp
At Rated DC Blocking Voltage
(VB)@TJ=175
oC
¬
Weight: 2.82 gram
Features
¬
Low forward voltage drop
¬
High current capability
¬
Case: OFC Heat Sink
¬
High surge current capability
¬
Encap: Epoxy Sealed Rated
Mechanical Data
¬
High reliability
UL94V-0
.341(8.65)
.321(8.15)
1.016(25.81)
.919(23.35)
.284(7.21)
.267(6.79)
.548(13.91)
.516(13.10)
.202(5.14)
.191(4.84)
.406(10.3)
.382(9.7)
.024(0.62)
.023(0.58)
.449(11.41)
.423(10.75)
.406(10.3)
.382(9.7)
.203(5.15)
.191(4.85)
Data Sheet
35.0 Amp Y-LEAD BLOCK
AUTO DIODES
Description
Mechanical Dimensions


Numéro de pièce similaire - BYFR3506

FabricantNo de pièceFiches techniqueDescription
logo
FCI connector
BYFR3502-3506 FCI-CONNECTOR-BYFR3502-3506 Datasheet
478Kb / 2P
   35.0 Amp Y-LEAD BLOCK AUTO DIODES
More results

Description similaire - BYFR3506

FabricantNo de pièceFiches techniqueDescription
logo
FCI connector
BYFR3502-3506 FCI-CONNECTOR-BYFR3502-3506 Datasheet
478Kb / 2P
   35.0 Amp Y-LEAD BLOCK AUTO DIODES
logo
First Components Intern...
PTYFR3502 FCI-PTYFR3502 Datasheet
549Kb / 2P
   35.0 Amp Y-LEAD TIN CAN AUTO DIODE High surge current capability
BYFR5002 FCI-BYFR5002 Datasheet
364Kb / 2P
   50.0 Amp Y-LEAD BLOCK AUTO DIODES
logo
FCI connector
BYFR2502-2506 FCI-CONNECTOR-BYFR2502-2506 Datasheet
463Kb / 2P
   25.0 Amp Y-LEAD BLOCK AUTO DIODES
logo
First Components Intern...
PTYFR3501 FCI-PTYFR3501 Datasheet
549Kb / 2P
   35.0 Amp Y-LEAD TIN CAN AUTO DIODE
logo
FCI connector
PTYFR3502-3506 FCI-CONNECTOR-PTYFR3502-3506 Datasheet
549Kb / 2P
   35.0 Amp Y-LEAD TIN CAN AUTO DIODE
logo
First Components Intern...
PLFR3502 FCI-PLFR3502 Datasheet
459Kb / 2P
   35.0 Amp LUCAS AUTO PRESSFIT High surge current capability
PMFR3502 FCI-PMFR3502 Datasheet
537Kb / 2P
   35.0 Amp MOTOROLA TYPE AUTO PRESSFIT High surge current capability
PTFR3502 FCI-PTFR3502 Datasheet
538Kb / 2P
   35.0 Amp TIN CAN AUTO DIODE High surge current capability
PBFR3502 FCI-PBFR3502 Datasheet
674Kb / 2P
   35.0 Amp BOSCH TYPE AUTO PRESSFIT High surge current capability
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com