Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDC6322C Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce FDC6322C
Description  Dual N & P Channel , Digital FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC6322C Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  FDC6322C Datasheet HTML 1Page - Fairchild Semiconductor FDC6322C Datasheet HTML 2Page - Fairchild Semiconductor FDC6322C Datasheet HTML 3Page - Fairchild Semiconductor FDC6322C Datasheet HTML 4Page - Fairchild Semiconductor FDC6322C Datasheet HTML 5Page - Fairchild Semiconductor FDC6322C Datasheet HTML 6Page - Fairchild Semiconductor FDC6322C Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FDC6322C.Rev B1
Typical Electrical Characteristics: N-Channel
0
0.1
0.2
0.3
0.4
0.5
0.6
0.8
1
1.2
1.4
I
, DRAIN CURRENT (A)
V
= 2.0V
GS
2.7
3.0
4.0
4.5
D
3.5
2.5
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
Figure 3. On-Resistance Variation
with Temperature.
0.5
1
1.5
2
2.5
0
0.05
0.1
0.15
0.2
V
, GATE TO SOURCE VOLTAGE (V)
25°C
125°C
V
= 5.0V
DS
GS
T = -55°C
J
Figure 5. Transfer Characteristics.
0.2
0.4
0.6
0.8
1
1.2
0.0001
0.001
0.01
0.1
0.2
0.5
V
, BODY DIODE FORWARD VOLTAGE (V)
T = 125°C
J
25°C
-55°C
V
= 0V
GS
SD
Figure 6. Body Diode Forward Voltage
Variation with Source Current and
Temperature.
Figure 4. On Resistance Variation with
Gate-To- Source Voltage.
2
2.5
3
3.5
4
0
3
6
9
12
15
V
, GATE TO SOURCE VOLTAGE (V)
I
= 0.2A
GS
125°C
25°C
D
-50
-25
0
25
50
75
100
125
150
0.6
0.8
1
1.2
1.4
1.6
1.8
T , JUNCTION TEMPERATURE (°C)
J
V
= 2.7 V
GS
I = 0.2A
D
0
0.5
1
1.5
2
2.5
3
0
0.1
0.2
0.3
0.4
0.5
V
, DRAIN-SOURCE VOLTAGE (V)
3.5
2.7
2.5
V
= 4.5V
GS
4.0
2.0
1.5
DS
3.0


Numéro de pièce similaire - FDC6322C

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDC6320 FAIRCHILD-FDC6320 Datasheet
100Kb / 7P
   Dual N & P Channel , Digital FET
FDC6320C FAIRCHILD-FDC6320C Datasheet
100Kb / 7P
   Dual N & P Channel , Digital FET
FDC6321C FAIRCHILD-FDC6321C Datasheet
273Kb / 11P
   Dual N & P Channel , Digital FET
logo
VBsemi Electronics Co.,...
FDC6321C VBSEMI-FDC6321C Datasheet
1Mb / 10P
   N- and P-Channel V (D-S) MOSFET
logo
TECH PUBLIC Electronics...
FDC6321C-TP TECHPUBLIC-FDC6321C-TP Datasheet
1Mb / 3P
   N-Channel P-Channel Enhancement Mode MOSFET
More results

Description similaire - FDC6322C

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDG6322C FAIRCHILD-FDG6322C_08 Datasheet
674Kb / 9P
   Dual N & P Channel Digital FET
FDG6321C FAIRCHILD-FDG6321C Datasheet
196Kb / 12P
   Dual N & P Channel Digital FET
FDC6320C FAIRCHILD-FDC6320C Datasheet
100Kb / 7P
   Dual N & P Channel , Digital FET
FDG6322C FAIRCHILD-FDG6322C Datasheet
247Kb / 12P
   Dual N & P Channel Digital FET
FDG6320C FAIRCHILD-FDG6320C Datasheet
196Kb / 12P
   Dual N & P Channel Digital FET
FDC6321C FAIRCHILD-FDC6321C Datasheet
273Kb / 11P
   Dual N & P Channel , Digital FET
FDG6302P FAIRCHILD-FDG6302P Datasheet
302Kb / 8P
   Dual P-Channel, Digital FET
FDC6304P FAIRCHILD-FDC6304P Datasheet
74Kb / 4P
   Digital FET, Dual P-Channel
FDG6318P FAIRCHILD-FDG6318P Datasheet
123Kb / 5P
   Dual P-Channel, Digital FET
FDG6318PZ FAIRCHILD-FDG6318PZ Datasheet
217Kb / 9P
   Dual P-Channel, Digital FET
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com