Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT24C256WI-G Fiches technique(PDF) 8 Page - ON Semiconductor

No de pièce CAT24C256WI-G
Description  256 kb I2C CMOS Serial EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT24C256WI-G Fiches technique(HTML) 8 Page - ON Semiconductor

Back Button CAT24C256WI-G Datasheet HTML 4Page - ON Semiconductor CAT24C256WI-G Datasheet HTML 5Page - ON Semiconductor CAT24C256WI-G Datasheet HTML 6Page - ON Semiconductor CAT24C256WI-G Datasheet HTML 7Page - ON Semiconductor CAT24C256WI-G Datasheet HTML 8Page - ON Semiconductor CAT24C256WI-G Datasheet HTML 9Page - ON Semiconductor CAT24C256WI-G Datasheet HTML 10Page - ON Semiconductor CAT24C256WI-G Datasheet HTML 11Page - ON Semiconductor CAT24C256WI-G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
CAT24C256
http://onsemi.com
8
WRITE OPERATIONS
Byte Write
In Byte Write mode the Master sends a START, followed
by Slave address, two byte address and data to be written
(Figure 6). The Slave acknowledges all 4 bytes, and the
Master then follows up with a STOP, which in turn starts the
internal Write operation (Figure 7). During internal Write,
the Slave will not acknowledge any Read or Write request
from the Master.
Page Write
The CAT24C256 contains 32,768 bytes of data, arranged
in 512 pages of 64 bytes each. A two byte address word,
following the Slave address, points to the first byte to be
written. The most significant bit of the address word is ‘don’t
care’, the next 9 bits identify the page and the last 6 bits
identify the byte within the page. Up to 64 bytes can be
written in one Write cycle (Figure 8).
The internal byte address counter is automatically
incremented after each data byte is loaded. If the Master
transmits more than 64 data bytes, then earlier bytes will be
overwritten by later bytes in a ‘wrap−around’ fashion
(within the selected page). The internal Write cycle starts
immediately following the STOP.
Acknowledge Polling
Acknowledge polling can be used to determine if the
CAT24C256 is busy writing or is ready to accept commands.
Polling is implemented by interrogating the device with a
‘Selective Read’ command (see READ OPERATIONS).
The CAT24C256 will not acknowledge the Slave address,
as long as internal Write is in progress.
Hardware Write Protection
With the WP pin held HIGH, the entire memory is
protected against Write operations. If the WP pin is left
floating or is grounded, it has no impact on the operation of
the CAT24C256. The state of the WP pin is strobed on the
last falling edge of SCL immediately preceding the first data
byte (Figure 9). If the WP pin is HIGH during the strobe
interval, the CAT24C256 will not acknowledge the data byte
and the Write request will be rejected.
Delivery State
The CAT24C256 is shipped erased, i.e., all bytes are FFh.


Numéro de pièce similaire - CAT24C256WI-G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CAT24C256WI-GT2 ONSEMI-CAT24C256WI-GT2 Datasheet
187Kb / 14P
   256 kb I2C CMOS Serial EEPROM
November, 2009 ??Rev. 9
logo
Catalyst Semiconductor
CAT24C256WI-GT3 CATALYST-CAT24C256WI-GT3 Datasheet
547Kb / 14P
   256-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C256WI-GT3 ONSEMI-CAT24C256WI-GT3 Datasheet
187Kb / 14P
   256 kb I2C CMOS Serial EEPROM
November, 2009 ??Rev. 9
CAT24C256WI-GT3 ONSEMI-CAT24C256WI-GT3 Datasheet
193Kb / 18P
   256 kb I2C CMOS Serial EEPROM
October, 2012 ??Rev. 13
CAT24C256WI-GT3 ONSEMI-CAT24C256WI-GT3 Datasheet
193Kb / 18P
   256 kb I2C CMOS Serial EEPROM
October, 2012 ??Rev. 13
More results

Description similaire - CAT24C256WI-G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CAT24C256XI ONSEMI-CAT24C256XI Datasheet
205Kb / 18P
   256 kb I2C CMOS Serial EEPROM
January, 2014 ??Rev. 14
CAV24C256WE-GT3 ONSEMI-CAV24C256WE-GT3 Datasheet
157Kb / 11P
   256-Kb I2C CMOS Serial EEPROM
November, 2012 ??Rev. 0
CAT24C256LI ONSEMI-CAT24C256LI Datasheet
193Kb / 18P
   256 kb I2C CMOS Serial EEPROM
October, 2012 ??Rev. 13
CAT24C256YI-G ONSEMI-CAT24C256YI-G Datasheet
205Kb / 18P
   256 kb I2C CMOS Serial EEPROM
January, 2014 ??Rev. 14
CAT24C256HU4IGT3 ONSEMI-CAT24C256HU4IGT3 Datasheet
193Kb / 18P
   256 kb I2C CMOS Serial EEPROM
October, 2012 ??Rev. 13
CAT24C256 ONSEMI-CAT24C256 Datasheet
187Kb / 14P
   256 kb I2C CMOS Serial EEPROM
November, 2009 ??Rev. 9
logo
Catalyst Semiconductor
CAT24C256 CATALYST-CAT24C256 Datasheet
547Kb / 14P
   256-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
CAV24C256 ONSEMI-CAV24C256_18 Datasheet
265Kb / 14P
   EEPROM Serial 256-Kb I2C
May, 2018 ??Rev. 1
CAT24C256 ONSEMI-CAT24C256_18 Datasheet
375Kb / 20P
   EEPROM Serial 256-Kb I2C
May, 2018 ??Rev. 15
CAV24C256 ONSEMI-CAV24C256 Datasheet
157Kb / 11P
   256-Kb CMOS Serial EEPROM
November, 2012 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com