Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4764 Fiches technique(PDF) 2 Page - First Components International

No de pièce 1N4764
Description  1 Watt ZENER DIODES (3.3V to 100V) 1.0 W power dissipation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FCI [First Components International]
Site Internet  http://www.cotra.com.tw/
Logo FCI - First Components International

1N4764 Fiches technique(HTML) 2 Page - First Components International

  1N4764 Datasheet HTML 1Page - First Components International 1N4764 Datasheet HTML 2Page - First Components International 1N4764 Datasheet HTML 3Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Surge
Vz
IzT
ZZT
ZZK
IZK
Current
( V )
( mA ) (Ohm) (Ohm) ( mA )
(uA)
VR(V)
( mA )
1N4728
3.3
76
10
400
1.0
100
1.0
1380
1N4729
3.6
69
10
400
1.0
100
1.0
1260
1N4730
3.9
64
9
400
1.0
50
1.0
1190
1N4731
4.3
58
9
400
1.0
10
1.0
1070
1N4732
4.7
53
8
500
1.0
10
1.0
970
1N4733
5.1
49
7
550
1.0
10
1.0
890
1N4734
5.6
45
5
600
1.0
10
2.0
810
1N4735
6.2
41
2
700
1.0
10
3.0
730
1N4736
6.8
37
4
700
1.0
10
4.0
660
1N4737
7.5
34
4
700
0.5
10
5.0
605
1N4738
8.2
31
5
700
0.5
10
6.0
550
1N4739
9.1
28
5
700
0.5
10
7.0
500
1N4740
10
25
7
700
0.5
10
7.6
454
1N4741
11
23
8
700
0.5
5
8.4
414
1N4742
12
21
9
700
0.5
5
9.1
380
1N4743
13
19
10
700
0.5
5
9.9
344
1N4744
15
17
14
700
0.5
5
11.4
304
1N4745
16
15.5
16
700
0.25
5
12.2
285
1N4746
18
14.0
20
750
0.25
5
13.7
250
1N4747
20
12.5
22
750
0.25
5
15.2
225
1N4748
22
11.5
23
750
0.25
5
16.7
205
1N4749
24
10.5
25
750
0.25
5
18.2
190
1N4750
27
9.5
35
750
0.25
5
20.6
170
1N4751
30
8.5
40
1000
0.25
5
22.8
150
1N4752
33
7.5
45
1000
0.25
5
25.1
135
1N4753
36
7.0
50
1000
0.25
5
27.4
125
1N4754
39
6.5
60
1000
0.25
5
29.7
115
1N4755
43
6.0
70
1500
0.25
5
32.7
110
1N4756
47
5.5
80
1500
0.25
5
35.8
95
1N4757
51
5.0
95
1500
0.25
5
38.8
90
1N4758
56
4.5
110
2000
0.25
5
42.6
80
1N4759
62
4.0
125
2000
0.25
5
47.1
70
1N4760
68
3.7
150
2000
0.25
5
51.7
65
1N4761
75
3.3
175
2000
0.25
5
56.0
60
1N4762
82
3.0
200
3000
0.25
5
62.2
55
1N4763
91
2.8
250
3000
0.25
5
69.2
50
1N4764
100
2.5
350
3000
0.25
5
76.0
45
T
olerance on Zener Voltage no suffix----10%, suffix A---5%(example 1N4728A=3.3+/-5%)
Part No.
Electrical Characteristics ( Ta=25oC)
IR Max. @VR
Data Sheet
1 Watt
(3.3V to 100V)
ZENER DIODES


Numéro de pièce similaire - 1N4764

FabricantNo de pièceFiches techniqueDescription
logo
Surge Components
1N4764 SURGE-1N4764 Datasheet
84Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
Microdiode Electronics ...
1N4764 CHENDA-1N4764 Datasheet
1Mb / 3P
   ZENER DIODES
logo
Daya Electric Group Co....
1N4764 DAYA-1N4764 Datasheet
155Kb / 4P
   SILICON PLANAR POWER ZENER DIODES
logo
List of Unclassifed Man...
1N4764 ETC2-1N4764 Datasheet
636Kb / 4P
   1W SILICON PLANAR SENER DIODES
logo
Semtech Corporation
1N4764 SEMTECH-1N4764 Datasheet
251Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
More results

Description similaire - 1N4764

FabricantNo de pièceFiches techniqueDescription
logo
First Components Intern...
1N4728 FCI-1N4728 Datasheet
172Kb / 2P
   1 Watt ZENER DIODES (3.3V to 100V)
BZX85C3V3 FCI-BZX85C3V3 Datasheet
98Kb / 2P
   1 - 1.3 Watt ZENER DIODES (3.3V to 100V)
LL4728 FCI-LL4728 Datasheet
182Kb / 2P
   1 Watt ZENER DIODES (3.3V to 100V) Mechanical Dimensions
logo
Micro Commercial Compon...
1EZ110D5 MCC-1EZ110D5_16 Datasheet
260Kb / 4P
   1.0 W Silicon Zener Diodes Zener Diodes
logo
First Components Intern...
DL4728A FCI-DL4728A Datasheet
104Kb / 2P
   1 Watt [3.3~100V] ZENER DIODES Junction Temp.
logo
Shanghai Leiditech Elec...
DL47XXA LEIDITECH-DL47XXA Datasheet
688Kb / 4P
   Surface mount zener diodes zener voltag 3.3-100V 1.0Watt Power Dissipation
logo
Micro Commercial Compon...
ZMY75G MCC-ZMY75G Datasheet
128Kb / 3P
   Silicon 1.0 Watt Zener Diodes
logo
First Components Intern...
1N5913 FCI-1N5913 Datasheet
113Kb / 2P
   1.5 Watt ZENER DIODES(3.3V to 200V)
logo
Chenmko Enterprise Co. ...
1N4728PT CHENMKO-1N4728PT Datasheet
122Kb / 3P
   SILICON PLANAR POWER ZENER DIODES VOLTAGE RANGE 3.3V TO 100V
logo
Motorola, Inc
1N3821 MOTOROLA-1N3821 Datasheet
235Kb / 6P
   1.0 WATT METAL SILICON ZENER DIODES
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com